công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS825E bảng dữ liệu(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS825E
Giải thích chi tiết về linh kiện  ANALOG-TO-DIGITAL CONVERTERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS825E bảng dữ liệu(HTML) 3 Page - Texas Instruments

  ADS825E Datasheet HTML 1Page - Texas Instruments ADS825E Datasheet HTML 2Page - Texas Instruments ADS825E Datasheet HTML 3Page - Texas Instruments ADS825E Datasheet HTML 4Page - Texas Instruments ADS825E Datasheet HTML 5Page - Texas Instruments ADS825E Datasheet HTML 6Page - Texas Instruments ADS825E Datasheet HTML 7Page - Texas Instruments ADS825E Datasheet HTML 8Page - Texas Instruments ADS825E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
ADS822, ADS825
3
SBAS069B
ADS822E
ADS825E(1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
DIGITAL INPUTS
Logic Family
Convert Command
Start Conversion
High-Level Input Current(6) (VIN = 5VDD)
100
µA
Low-Level Input Current (VIN = 0V)
10
µA
High-Level Input Voltage
+3.5
+2.0
V
Low-Level Input Voltage
+1.0
+0.8
V
Input Capacitance
5
pF
DIGITAL OUTPUTS
Logic Family
Logic Coding
Low Output Voltage (IOL = 50µA to 1.6mA)
VDRV = 5V
+0.1
V
High Output Voltage, (IOH = 50µA to 0.5mA)
+4.9
V
Low Output Voltage, (IOL = 50µA to 1.6mA)
VDRV = 3V
+0.1
V
High Output Voltage, (IOH = 50µA to 0.5mA)
+2.8
V
3-State Enable Time
OE = H to L
2
40
✻✻
ns
3-State Disable Time
OE = L to H
2
10
✻✻
ns
Output Capacitance
5
pF
ACCURACY (Internal Reference, 2Vp-p,
Unless Otherwise Noted)
fS = 2.5MHz
Zero Error (referred to –FS)
at 25
°C
±1.0
±3.0
✻✻
% FS
Zero Error Drift (referred to –FS)
5
ppm/
°C
Midscale Offset Error
at 25
°C
±0.29
% FS
Gain Error(7)
at 25
°C
±1.5
±3.5
✻✻
% FS
Gain Error Drift(7)
38
ppm/
°C
Gain Error(8)
at 25
°C
±0.75
±2.5
✻✻
% FS
Gain Error Drift(8)
25
ppm/
°C
Power-Supply Rejection of Gain
∆ V
S = ±5%
70
dB
REFT Tolerance
Deviation From Ideal 3.5V
±10
±25
✻✻
mV
REFB Tolerance(9)
Deviation From Ideal 1.5V
±10
±25
✻✻
mV
External REFT Voltage Range
REFB + 0.8
3.5
VS – 1.25
✻✻
V
External REFB Voltage Range
1.25
1.5
REFT – 0.8
✻✻
V
Reference Input Resistance
REFT to REFB
1.6
k
POWER-SUPPLY REQUIREMENTS
Supply Voltage: +VS
Operating
+4.75
+5.0
+5.25
✻✻
V
Supply Current: +IS
Operating (External Reference)
40
mA
Power Dissipation: VDRV = 5V
External Reference
200
230
✻✻
mW
VDRV = 3V
External Reference
190
mW
VDRV = 5V
Internal Reference
250
mW
VDRV = 3V
Internal Reference
240
mW
Power Down
Operating
20
mW
Thermal Resistance,
θ
JA
SSOP-28
89
°C/W
✻ Indicates the same specifications as the ADS822E.
NOTES: (1) ADS825E accepts a +3V clock input. (2) Spurious-Free Dynamic Range refers to the magnitude of the largest harmonic. (3) dBFS means dB relative to Full
Scale. (4) Two-tone intermodulation distortion is referred to the largest fundamental tone. This number will be 6dB higher if it is referred to the magnitude of the two-tone
fundamental envelope. (5) Effective number of bits (ENOB) is defined by (SINAD – 1.76) /6.02. (6) A 50k
Ω pull-down resistor is inserted internally on OE pin. (7) Includes
internal reference. (8) Excludes internal reference. (9) Assured by design.
ELECTRICAL CHARACTERISTICS (Cont.)
At TA = full specified temperature range, VS = +5V, single-ended input range = 1.5V to 3.5V, and sampling rate = 40MHz, external reference, unless otherwise noted.
CMOS-Compatible
Rising Edge of Convert Clock
CMOS-Compatible
Straight Offset Binary
CMOS-Compatible
Straight Offset Binary
TTL, +3V/+5V CMOS-Compatible
Rising Edge of Convert Clock


Số phần tương tự - ADS825E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS825E BURR-BROWN-ADS825E Datasheet
199Kb / 12P
   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS825E/1K BURR-BROWN-ADS825E/1K Datasheet
199Kb / 12P
   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
More results

Mô tả tương tự - ADS825E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
DATEL, Inc.
DAC-88GC-2-C DATEL-DAC-88GC-2-C Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88GE-2 DATEL-DAC-88GE-2 Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88GM-2-C DATEL-DAC-88GM-2-C Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-HF12BMM DATEL-DAC-HF12BMM Datasheet
115Kb / 1P
   Digital-to-Analog Converters
DAC-HF12BMC DATEL-DAC-HF12BMC Datasheet
115Kb / 1P
   Digital-to-Analog Converters
DAC-HF10BMM-C DATEL-DAC-HF10BMM-C Datasheet
115Kb / 1P
   Digital-to-Analog Converters
DAC-88ME-C DATEL-DAC-88ME-C Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88ME-2 DATEL-DAC-88ME-2 Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88ME DATEL-DAC-88ME Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-HP16BME-1 DATEL-DAC-HP16BME-1 Datasheet
115Kb / 1P
   Digital-to-Analog Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com