công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS821 bảng dữ liệu(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS821
Giải thích chi tiết về linh kiện  ANALOG-TO-DIGITAL CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS821 bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button ADS821 Datasheet HTML 7Page - Texas Instruments ADS821 Datasheet HTML 8Page - Texas Instruments ADS821 Datasheet HTML 9Page - Texas Instruments ADS821 Datasheet HTML 10Page - Texas Instruments ADS821 Datasheet HTML 11Page - Texas Instruments ADS821 Datasheet HTML 12Page - Texas Instruments ADS821 Datasheet HTML 13Page - Texas Instruments ADS821 Datasheet HTML 14Page - Texas Instruments ADS821 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
www.ti.com
ADS821
11
SBAS040B
APPLICATIONS
DRIVING THE ADS821
The ADS821 has a differential input with a common-mode of
+2.25V. For AC-coupled applications, the simplest way to
create this differential input is to drive the primary winding of
a transformer with a single-ended input. A differential output
is created on the secondary if the center tap is tied to the
common-mode (CM) voltage of +2.25V, as per Figure 5. This
transformer-coupled input arrangement provides good high-
frequency AC performance. It is important to select a trans-
former that gives low distortion and does not exhibit core
saturation at full-scale voltage levels. Since the transformer
does not appreciably load the ladder, there is no need to
buffer the CM output in this instance. In general, it is
advisable to keep the current draw from the CM output pin
below 0.5
µA to avoid nonlinearity in the internal reference
ladder. A FET input operational amplifier such as the OPA130
can provide a buffered reference for driving external circuitry.
The analog IN and IN inputs should be bypassed with 22pF
capacitors to minimize track-and-hold glitches and to im-
prove high-input frequency performance.
Figure 6 shows an AC-coupled single-ended input interface
circuit using the low-cost, current feedback OPA694 as the
active gain stage. When testing this configuration in gains of
+4, +5.8, and +8.2, it was noted that reducing the feedback
resistor of the OPA694 from the typical 402
Ω to 360Ω
resulted in a wider bandwidth, thus improving distortion at
higher gains. The gain resistor was scaled to 120
Ω, 75Ω, and
50
Ω for each of the three gain settings. The two 330Ω
resistors set the RC time constant and the values can be
varied, although higher values will have the effect of moving
the corner frequency of the created high-pass filter down. In
Figure 6, the –3dB point is set at 4.2kHz.
Figure 7 illustrates another possible low-cost interface circuit
that utilizes resistors and capacitors in place of a transformer.
Depending on the signal bandwidth, the component values
should be carefully selected in order to maintain the perfor-
mance outlined in the data sheet. The input capacitors, CIN,
and the input resistors, RIN, create a high-pass filter with the
lower corner frequency at fC = 1/(2πRINCIN). The corner
frequency can be reduced by either increasing the value of
RIN or CIN. If the circuit operates with a 50Ω or 75Ω imped-
ance level, the resistors are fixed and only the value of the
capacitor can be increased. Usually AC-coupling capacitors
are electrolytic or tantalum capacitors with values of 1mF or
higher. It should be noted that these large capacitors become
inductive with increased input frequency, which could lead to
signal amplitude errors or oscillation. To maintain a low AC-
coupling impedance throughout the signal band, a small
value (e.g. 1
µF) ceramic capacitor could be added in parallel
with the polarized capacitor.
Capacitors CSH1 and CSH2 are used to minimize current
glitches resulting from the switching in the input track-and-
hold stage and to improve signal-to-noise performance. These
capacitors can also be used to establish a low-pass filter and
effectively reduce the noise bandwidth. In order to create a
real pole, resistors RSER1 and RSER2 were added in series with
each input. The cut off frequency of the filter is determined by
fC = 1/(2πRSER • (CSH + CADC)) where RSER is the resistor in
series with the input, CSH is the external capacitor from the
input to ground, and CADC is the internal input capacitance of
the A/D converter (typically 4pF).
Resistors R1 and R2 are used to derive the necessary com-
mon-mode voltage from the buffered top and bottom refer-
ences. The total load of the resistor string should be selected
FIGURE 5. AC-Coupled, Single-Ended to Differential Drive
Circuit Using a Transformer.
FIGURE 6. Low-Cost, AC-Coupled, Single-Ended Input Circuit.
Mini-Circuits
T T1-6-KK81
or Equivalent
22
26
27
CM
IN
IN
ADS821
AC Input
Signal
22pF
22pF
0.1
µF
ADS821
A
1
V
IN
R
G
OPA694
0.1 || 2.2
0.1 || 2.2
+5V
–5V
I/O
360
330
330
IN
27
26
22
CM
+2.25V
IN
22pF
49.9
0.1
µF
0.1
µF
0.1
µF


Số phần tương tự - ADS821

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS821 BURR-BROWN-ADS821 Datasheet
312Kb / 18P
   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS821E BURR-BROWN-ADS821E Datasheet
312Kb / 18P
   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS821E/1K BURR-BROWN-ADS821E/1K Datasheet
312Kb / 18P
   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS821U BURR-BROWN-ADS821U Datasheet
312Kb / 18P
   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS821

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com