công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS821 bảng dữ liệu(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS821
Giải thích chi tiết về linh kiện  ANALOG-TO-DIGITAL CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS821 bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button ADS821 Datasheet HTML 5Page - Texas Instruments ADS821 Datasheet HTML 6Page - Texas Instruments ADS821 Datasheet HTML 7Page - Texas Instruments ADS821 Datasheet HTML 8Page - Texas Instruments ADS821 Datasheet HTML 9Page - Texas Instruments ADS821 Datasheet HTML 10Page - Texas Instruments ADS821 Datasheet HTML 11Page - Texas Instruments ADS821 Datasheet HTML 12Page - Texas Instruments ADS821 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
www.ti.com
ADS821
9
SBAS040B
FIGURE 1. Input Track-and-Hold Configuration with Timing
Signals.
FIGURE 2. Pipeline A/D Converter Architecture.
THEORY OF OPERATION
The ADS821 is a high-speed, sampling A/D converter with
pipelining. It uses a fully differential architecture and digital
error correction to ensure 10-bit resolution. The differential
track-and-hold circuit is shown in Figure 1. The switches are
controlled by an internal clock that has a non-overlapping 2-
phase signal,
φ1 and φ2. At the sampling time, the input
signal is sampled on the bottom plates of the input capaci-
tors. In the next clock phase,
φ2, the bottom plates of the
input capacitors are connected together and the feedback
capacitors are switched to the op amp output. At this time,
the charge redistributes between CI and CH, completing one
track-and-hold cycle. The differential output is a held DC
representation of the analog input at the sample time. The
track-and-hold circuit can also convert a single-ended input
signal into a fully differential signal for the quantizer.
The pipelined quantizer architecture has 9 stages with each
stage containing a 2-bit quantizer and a 2-bit Digital-to-
Analog Converter (DAC), as shown in Figure 2. Each 2-bit
quantizer stage converts on the edge of the sub-clock, which
is twice the frequency of the externally applied clock. The
output of each quantizer is fed into its own delay line to
φ1
φ1
φ2
φ1
φ1
φ1
φ1
φ1
φ2
φ1
φ2
φ1
φ2
IN
IN
OUT
OUT
Op Amp
Bias
V
CM
Op Amp
Bias
V
CM
C
H
C
I
C
I
C
H
Input Clock (50%)
Internal Non-Overlapping Clock
B1 (MSB)
B2
B3
B4
B5
B6
B7
B8
B9
B10 (LSB)
2-Bit
DAC
2-Bit
Flash
Input
T&H
Digital Delay
x2
x2
2-Bit
DAC
2-Bit
Flash
Digital Delay
2-Bit
Flash
Digital Delay
2-Bit
DAC
2-Bit
Flash
Digital Delay
x2
IN
IN
Stage 1
Stage 2
Stage 8
Stage 9
Σ
+
Σ
+
Σ
+


Số phần tương tự - ADS821

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS821 BURR-BROWN-ADS821 Datasheet
312Kb / 18P
   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS821E BURR-BROWN-ADS821E Datasheet
312Kb / 18P
   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS821E/1K BURR-BROWN-ADS821E/1K Datasheet
312Kb / 18P
   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS821U BURR-BROWN-ADS821U Datasheet
312Kb / 18P
   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS821

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com