công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS824E bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện ADS824E
Giải thích chi tiết về linh kiện  ANALOG-TO-DIGITAL CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS824E bảng dữ liệu(HTML) 1 Page - Texas Instruments

  ADS824E Datasheet HTML 1Page - Texas Instruments ADS824E Datasheet HTML 2Page - Texas Instruments ADS824E Datasheet HTML 3Page - Texas Instruments ADS824E Datasheet HTML 4Page - Texas Instruments ADS824E Datasheet HTML 5Page - Texas Instruments ADS824E Datasheet HTML 6Page - Texas Instruments ADS824E Datasheet HTML 7Page - Texas Instruments ADS824E Datasheet HTML 8Page - Texas Instruments ADS824E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
10-Bit, 70MHz Sampling
ANALOG-TO-DIGITAL CONVERTER
FEATURES
q HIGH SNR: 59dB
q HIGH SFDR: 70dB
q LOW POWER: 315mW
q INTERNAL/EXTERNAL REFERENCE OPTION
q SINGLE-ENDED OR DIFFERENTIAL ANALOG
INPUT
q PROGRAMMABLE INPUT RANGE:
1Vp-p or 2Vp-p
q LOW DNL: 0.3LSB
q SINGLE +5V SUPPLY OPERATION
q +3V DIGITAL OUTPUT CAPABILITY
q POWER DOWN: 20mW
q SSOP-28 PACKAGE
APPLICATIONS
q MEDICAL IMAGING
q HDTV VIDEO DIGITIZING
q COMMUNICATIONS
q TEST EQUIPMENT
DESCRIPTION
The ADS824 is a pipeline, CMOS Analog-to-Digital (A/D) converter
that operates from a single +5V power supply. This converter provides
excellent performance with a single-ended input and can be operated
with a differential input for added spurious performance. This high
performance converter includes a 10-bit quantizer, high bandwidth
track/hold, and a high accuracy internal reference. It also allows for the
user to disable the internal reference and utilize external references.
This external reference option provides excellent gain and offset
matching when used in multi-channel applications or in applications
where full scale range adjustment is required.
The ADS824 employs digital error correction techniques to provide
excellent differential linearity for demanding imaging applications.
Its low distortion and high SNR give the extra margin needed for
medical imaging, communications, video, and test instrumentation.
The ADS824 offers power dissipation of 315mW and also provides
a power-down mode, thus reducing power dissipation to only 20mW.
The ADS824 is specified at a maximum sampling frequency of
70MHz and a single-ended input range of 1.5V to 3.5V. The ADS824
is available in an SSOP-28 package and is pin compatible with the
10-bit, 40MHz ADS822 and the 10-bit, 60MHz ADS823.
ADS8
24E
TM
10-Bit
Pipelined
A/D Core
Internal
Reference
Optional External
Reference
Timing
Circuitry
Error
Correction
Logic
3-State
Outputs
T/H
CLK
VDRV
ADS824
+V
S
OE
PD
Int/Ext
D0
D9
IN
V
IN
IN
CM
ADS824
SBAS076A – MAY 2001
www.ti.com
Copyright © 1997, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Số phần tương tự - ADS824E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS824E BURR-BROWN-ADS824E Datasheet
185Kb / 12P
   10-Bit, 70MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS824E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com