công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS825 bảng dữ liệu(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS825
Giải thích chi tiết về linh kiện  ANALOG-TO-DIGITAL CONVERTERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS825 bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button ADS825 Datasheet HTML 6Page - Texas Instruments ADS825 Datasheet HTML 7Page - Texas Instruments ADS825 Datasheet HTML 8Page - Texas Instruments ADS825 Datasheet HTML 9Page - Texas Instruments ADS825 Datasheet HTML 10Page - Texas Instruments ADS825 Datasheet HTML 11Page - Texas Instruments ADS825 Datasheet HTML 12Page - Texas Instruments ADS825 Datasheet HTML 13Page - Texas Instruments ADS825 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
ADS822, ADS825
10
SBAS069B
FIGURE 4. DC-Coupled Interface Circuit with Dual Current-Feedback Amplifier OPA2681.
FIGURE 5. Transformer Coupled Input.
FIGURE 6. Equivalent Reference Circuit with Recommended
Reference Bypassing.
SINGLE-ENDED-TO-DIFFERENTIAL CONFIGURATION
(Transformer Coupled)
If the application requires a signal conversion from a single-
ended source to feed the ADS822 and ADS825 differentially,
a RF transformer might be a good solution. The selected
transformer must have a center tap in order to apply the
common-mode DC voltage necessary to bias the converter
inputs. AC-grounding the center tap will generate the differ-
ential signal swing across the secondary winding. Consider
a step-up transformer to take advantage of a signal amplifi-
cation without the introduction of another noise source.
Furthermore, the reduced signal swing from the source may
lead to an improved distortion performance.
The differential input configuration may provide a noticeable
advantage of achieving good SFDR performance over a wide
range of input frequencies. In this mode, both inputs of the
ADS822 and ADS825 see matched impedances, and the
differential signal swing can be reduced to half of the swing
required for single-ended drive. Figure 5 shows the sche-
matic for the suggested transformer-coupled interface circuit.
The component values of the R-C low-pass may be opti-
mized depending on the desired roll-off frequency. The
resistor across the secondary side (RT) should be calculated
using the equation RT = n2 • RG to match the source impedance
(RG) for good power transfer and Voltage Standing Wave Ratio
(VSWR).
REFERENCE OPERATION
Figure 6 depicts the simplified model of the internal reference
circuit. The internal blocks are the bandgap voltage refer-
ence, the drivers for the top and bottom references, and the
2Vp-p
NOTE: R
F = RIN, G = –1
V
IN
R
2
200
R
1
1k
ADS822
ADS825
R
S
50
10pF
0.1
µF
IN
IN
CM (+2.5)
INT/EXT
R
F
499
R
IN
499
V
CM = +1.25V
REFB
(+1.5V)
REFT
(+3.5V)
1/2
OPA2691
1/2
OPA2691
R
F
1k
50
0.1
µF
0.1
µF
RSEL
+V
S
+5V
+5V
A1
A2
V
IN
IN
IN
CM
22
22
47pF
R
T
47pF
+
10
µF
0.1
µF
INT/EXT
RSEL
+5V
ADS822
ADS825
1:n
0.1
µF
R
G
ADS822
REFT
ByT
CM
ByB
REFB
Bandgap Reference and Logic
V
REF
400
400
400
400
+1
+1
+V
S
50k
50k
INT/EXT
RSEL
Bypass Capacitors: 0.1
µF || 2.2µF each (optionally, 2.2µF tantalum
capacitors maybe added to ByT and ByB pins for the best results).


Số phần tương tự - ADS825

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS825 BURR-BROWN-ADS825 Datasheet
199Kb / 12P
   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
ADS825 TI1-ADS825 Datasheet
881Kb / 19P
[Old version datasheet]   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8254 TI-ADS8254 Datasheet
1Mb / 36P
[Old version datasheet]   16-BIT, 1-MSPS, PSEUDO-BIPOLAR DIFFERENTIAL SAR ADC WITH ON-CHIP ADC DRIVER (OPA) AND 4-CHANNEL DIFFERENTIAL MULTIPLEXER
ADS8254IBRGCR TI-ADS8254IBRGCR Datasheet
1Mb / 36P
[Old version datasheet]   16-BIT, 1-MSPS, PSEUDO-BIPOLAR DIFFERENTIAL SAR ADC WITH ON-CHIP ADC DRIVER (OPA) AND 4-CHANNEL DIFFERENTIAL MULTIPLEXER
ADS8254IBRGCT TI-ADS8254IBRGCT Datasheet
1Mb / 36P
[Old version datasheet]   16-BIT, 1-MSPS, PSEUDO-BIPOLAR DIFFERENTIAL SAR ADC WITH ON-CHIP ADC DRIVER (OPA) AND 4-CHANNEL DIFFERENTIAL MULTIPLEXER
More results

Mô tả tương tự - ADS825

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
DATEL, Inc.
DAC-88GC-2-C DATEL-DAC-88GC-2-C Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88GE-2 DATEL-DAC-88GE-2 Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88GM-2-C DATEL-DAC-88GM-2-C Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-HF12BMM DATEL-DAC-HF12BMM Datasheet
115Kb / 1P
   Digital-to-Analog Converters
DAC-HF12BMC DATEL-DAC-HF12BMC Datasheet
115Kb / 1P
   Digital-to-Analog Converters
DAC-HF10BMM-C DATEL-DAC-HF10BMM-C Datasheet
115Kb / 1P
   Digital-to-Analog Converters
DAC-88ME-C DATEL-DAC-88ME-C Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88ME-2 DATEL-DAC-88ME-2 Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88ME DATEL-DAC-88ME Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-HP16BME-1 DATEL-DAC-HP16BME-1 Datasheet
115Kb / 1P
   Digital-to-Analog Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com