công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS824 bảng dữ liệu(PDF) 11 Page - Texas Instruments

tên linh kiện ADS824
Giải thích chi tiết về linh kiện  ANALOG-TO-DIGITAL CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS824 bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button ADS824 Datasheet HTML 5Page - Texas Instruments ADS824 Datasheet HTML 6Page - Texas Instruments ADS824 Datasheet HTML 7Page - Texas Instruments ADS824 Datasheet HTML 8Page - Texas Instruments ADS824 Datasheet HTML 9Page - Texas Instruments ADS824 Datasheet HTML 10Page - Texas Instruments ADS824 Datasheet HTML 11Page - Texas Instruments ADS824 Datasheet HTML 12Page - Texas Instruments ADS824 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
ADS824
11
SBAS076A
the resistive reference ladder. The bandgap reference circuit
includes logic functions that allows setting the analog input
swing of the ADS824 to either a 1Vp-p or 2Vp-p full-scale
range by simply tying the RSEL pin to a Low or High
potential, respectively. While operating the ADS824 in the
external reference mode, the buffer amplifiers for the REFT
and REFB are disconnected from the reference ladder.
As shown, the ADS824 has internal 50k
Ω pull-up resistors
at the range select pin (RSEL) and reference select pin
(INT/EXT). Leaving these pins open configures the ADS824
for a 2Vp-p input range and external reference operation.
Setting the ADS824 up for internal reference mode requires
to bringing the INT/EXT pin low.
The reference buffers can be utilized to supply up to 1mA
(sink and source) to external circuitry. The resistor ladder of
the ADS824 is divided into several segments and has two
additional nodes, ByT and ByB, which are brought out for
external bypassing only (Figure 6). To ensure proper opera-
tion with any reference configurations, it is necessary to
provide solid bypassing at all reference pins in order to keep
the clock feedthrough to a minimum. All bypassing capaci-
tors should be located as close to their respective pins as
possible.
The common-mode voltage available at the CM-pin may be
used as a bias voltage to provide the appropriate offset for
the driving circuitry. However, care must be taken not to
appreciably load this node, which is not buffered and has a
high impedance. An alternative way of generating a com-
mon-mode voltage is given in Figure 7. Here, two external
precision resistors (tolerance 1% or better) are located
between the top and bottom reference pins. The common-
mode voltage, CMV, will appear at the midpoint.
EXTERNAL REFERENCE OPERATION
For even more design flexibility, the internal reference can
be disabled and an external reference voltage be used. The
utilization of an external reference may be considered for
applications requiring higher accuracy, improved tempera-
ture performance, or a wide adjustment range of the
converter’s full-scale range. Especially in multichannel
applications, the use of a common external reference has the
benefit of obtaining better matching of the full-scale range
between converters.
The external references can vary as long as the value of the
external top reference REFTEXT stays within the range of
(VS – 1.25V) and (REFB + 0.8V), and the external bottom
reference REFBEXT stays within 1.25V and (REFT – 0.8V).
See Figure 8.
DIGITAL INPUTS AND OUTPUTS
Clock Input Requirements
Clock jitter is critical to the SNR performance of high speed,
high resolution A/D converters. Clock jitter leads to aperture
jitter (tA), which adds noise to the signal being converted. The
ADS824 samples the input signal on the rising edge of the
CLK input. Therefore, this edge should have the lowest
possible jitter. The jitter noise contribution to total SNR is
FIGURE 8. Configuration Example for External Reference Operation.
FIGURE 7. Alternative Circuit to Generate CM Voltage.
REFT
+3.5V
ADS824
CMV
+2.5V
REFB
+1.5V
R
1
1.0k
R
2
1.0k
0.1
µF
0.1
µF
ADS824
IN
IN
INT/EXT
REFT
ByT
GND
ByB
REFB
4 x 0.1µF || 2.2µF
External Top Reference
REFT = REFB +0.8V to +3.75V
+VS
BA
RSEL
GND
+5V
External Bottom Reference
REFB = REFT –0.8V to +1.25V
V
IN
A - Short for 1Vp-p Input Range
B - Short for 2Vp-p Input Range (Default)
CMV
+2.5V
DC


Số phần tương tự - ADS824

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS824 BURR-BROWN-ADS824 Datasheet
185Kb / 12P
   10-Bit, 70MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS824E BURR-BROWN-ADS824E Datasheet
185Kb / 12P
   10-Bit, 70MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS824

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com