công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADS821E bảng dữ liệu(PDF) 1 Page - Texas Instruments |
|
ADS821E bảng dữ liệu(HTML) 1 Page - Texas Instruments |
1 / 20 page 10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER FEATURES q NO MISSING CODES q INTERNAL REFERENCE q LOW POWER: 380mW q HIGH SNR: 58dB q INTERNAL TRACK-AND-HOLD DESCRIPTION The ADS821 is a low-power, monolithic 10-bit, 40MHz Ana- log-to-Digital (A/D) converter utilizing a small geometry CMOS process. This complete converter includes a 10-bit quantizer with internal track-and-hold, reference, and a power-down feature. It operates from a single +5V power supply and can be configured to accept either differential or single-ended input signals. The ADS821 employs digital error correction to provide excellent Nyquist differential linearity performance for de- manding imaging applications. Its low distortion, high SNR, and high oversampling capability give it the extra margin needed for telecommunications and video applications. This high-performance converter is specified for AC and DC- performance at a 40MHz sampling rate. The ADS821 is available in an SO-28 package. APPLICATIONS q VIDEO DIGITIZING q ULTRASOUND IMAGING q GAMMA CAMERAS q SET-TOP BOXES q CABLE MODEMS q CCD IMAGING Color Copiers Scanners Camcorders Security Cameras Fax Machines q IF AND BASEBAND DIGITIZATION q TEST INSTRUMENTATION ADS821 SBAS040B – DECEMBER 1995 – REVISED FEBRUARY 2005 www.ti.com Copyright © 1995-2005, Texas Instruments Incorporated Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. Pipeline A/D Converter Timing Circuitry Error Correction Logic 3-State Outputs T&H 10-Bit Digital Data CLK +1.25V +3.25V MSBI OE IN IN REFT CM REFB PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. ADS8 21U All trademarks are the property of their respective owners. |
Số phần tương tự - ADS821E |
|
Mô tả tương tự - ADS821E |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |