công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS820E bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện ADS820E
Giải thích chi tiết về linh kiện  ANALOG-TO-DIGITAL CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS820E bảng dữ liệu(HTML) 1 Page - Texas Instruments

  ADS820E Datasheet HTML 1Page - Texas Instruments ADS820E Datasheet HTML 2Page - Texas Instruments ADS820E Datasheet HTML 3Page - Texas Instruments ADS820E Datasheet HTML 4Page - Texas Instruments ADS820E Datasheet HTML 5Page - Texas Instruments ADS820E Datasheet HTML 6Page - Texas Instruments ADS820E Datasheet HTML 7Page - Texas Instruments ADS820E Datasheet HTML 8Page - Texas Instruments ADS820E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
10-Bit, 20MHz Sampling
ANALOG-TO-DIGITAL CONVERTER
FEATURES
q NO MISSING CODES
q INTERNAL REFERENCE
q LOW DIFFERENTIAL LINEARITY ERROR:
0.2LSB
q LOW POWER: 195mW
q HIGH SNR: 60dB
q WIDEBAND TRACK/HOLD: 65MHz
DESCRIPTION
The ADS820 is a low-power, monolithic 10-bit, 20MHz Ana-
log-to-Digital (A/D) converter utilizing a small geometry CMOS
process. This complete converter includes a 10-bit quantizer
with internal track-and-hold, reference, and a power down
feature. It operates from a single +5V power supply and can
be configured to accept either differential or single-ended
input signals.
The ADS820 employs digital error correction to provide excel-
lent Nyquist differential linearity performance for demanding
imaging applications. Its low distortion, high SNR, and high
oversampling capability give it the extra margin needed for
telecommunications and video applications.
This high performance converter is specified for AC and
DC-performance at a 20MHz sampling rate. The ADS820
is available in an SO-28 package.
APPLICATIONS
q SET-TOP BOXES
q CABLE MODEMS
q VIDEO DIGITIZING
q CCD IMAGING
Camcorders
Copiers
Scanners
Security Cameras
q IF AND BASEBAND DIGITIZATION
ADS820
SBAS037B – DECEMBER 1995 – REVISED FEBRUARY 2005
www.ti.com
Copyright © 1995-2005, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Pipeline
A/D
Timing
Circuitry
Error
Correction
Logic
3-State
Outputs
T&H
10-Bit
Digital
Data
CLK
+1.25V
+3.25V
MSBI
OE
IN
IN
REFT
CM
REFB
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
ADS8
20U
All trademarks are the property of their respective owners.


Số phần tương tự - ADS820E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS820E BURR-BROWN-ADS820E Datasheet
295Kb / 14P
   10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS820E TI1-ADS820E Datasheet
418Kb / 21P
[Old version datasheet]   10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS820E1K TI1-ADS820E1K Datasheet
418Kb / 21P
[Old version datasheet]   10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS820E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com