công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS807 bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện ADS807
Giải thích chi tiết về linh kiện  ANALOG-TO-DIGITAL CONVERTER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS807 bảng dữ liệu(HTML) 4 Page - Texas Instruments

  ADS807_15 Datasheet HTML 1Page - Texas Instruments ADS807_15 Datasheet HTML 2Page - Texas Instruments ADS807_15 Datasheet HTML 3Page - Texas Instruments ADS807_15 Datasheet HTML 4Page - Texas Instruments ADS807_15 Datasheet HTML 5Page - Texas Instruments ADS807_15 Datasheet HTML 6Page - Texas Instruments ADS807_15 Datasheet HTML 7Page - Texas Instruments ADS807_15 Datasheet HTML 8Page - Texas Instruments ADS807_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
ADS807
4
SBAS072A
www.ti.com
ADS807E
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ELECTRICAL CHARACTERISTICS (Cont.)
At TA = full specified temperature range, VS = +5V, differential input range = 2V to 3V for each input, sampling rate = 50MHz, unless otherwise noted.
CMOS
Straight Offset Binary
DIGITAL OUTPUTS
Logic Family
Logic Coding
Low Output Voltage (IOL = 50µA)
VDRV = 5V
+0.1
V
Low Output Voltage, (IOL = 1.6mA)
VDRV = 5V
+0.2
V
High Output Voltage, (IOH = 50µA)
VDRV = 5V
+4.9
V
High Output Voltage, (IOH = 0.5mA)
VDRV = 5V
+4.8
V
Low Output Voltage, (IOL = 50µA)
VDRV = 3V
+0.1
V
High Output Voltage, (IOH = 50µA)
VDRV = 3V
+2.8
V
3-State Enable Time
OE = L(5)
20
40
ns
3-State Disable Time
OE = H(5)
210
ns
Output Capacitance
5pF
ACCURACY (Internal Reference, 2Vp-p, Unless Otherwise Noted)
Zero Error (Referred to –FS)
at 25
°C
±1.0
±2.0
%FS
Zero Error Drift (Referred to –FS)
16
ppm/
°C
Gain Error(6)
at 25
°C
±1.5
±2.5
%FS
Gain Error Drift(6)
66
ppm/
°C
Gain Error(7)
at 25
°C
±1.0
±1.5
%FS
Gain Error Drift(7)
23
ppm/
°C
Power-Supply Rejection of Gain
∆V
S = ±5%
50
70
dB
REFT Tolerance
2V Full-Scale
Deviation From Ideal 3.0V
±10
±65
mV
3V Full-Scale
Deviation From Ideal 3.25V
±20
±100
mV
REFB Tolerance
2V Full-Scale
Deviation From Ideal 2.0V
±10
±65
mV
3V Full-Scale
Deviation From Ideal 1.75V
±20
±100
mV
External REFT Voltage Range
REFB + 0.4
3
VS – 1.70
V
External REFB Voltage Range
1.70
2
REFT – 0.4
V
Reference Input Resistance
1k
POWER-SUPPLY REQUIREMENTS
Supply Voltage: +VS
Operating
+4.75
+5.0
+5.25
V
Supply Current: +IS
Operating
60
mA
Power Dissipation: VDRV = 5V
External Reference
305
360
mW
VDRV = 3V
External Reference
290
350
mW
VDRV = 5V
Internal Reference
350
390
mW
VDRV = 3V
Internal Reference
335
380
mW
Thermal Resistance,
θ
JA
SSOP-28
50
°C/W
NOTES: (1) Spurious-Free Dynamic Range refers to the magnitude of the largest harmonic. (2) dBFS means dB relative to Full-Scale. (3) 2-tone intermodulation
distortion is referred to the largest fundamental tone. This number will be 6dB higher if it is referred to the magnitude of the 2-tone fundamental envelope.
(4) Effective number of bits (ENOB) is defined by as (SINAD – 1.76) /6.02. (5) A 50k
Ω pull-down resistor is inserted internally on OE pin. (6) Includes internal reference.
(7) Excludes internal reference.


Số phần tương tự - ADS807_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS807E1K TI1-ADS807E1K Datasheet
857Kb / 22P
[Old version datasheet]   12-Bit, 53MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS807E1KG4 TI1-ADS807E1KG4 Datasheet
857Kb / 22P
[Old version datasheet]   12-Bit, 53MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS807 TI1-ADS807_14 Datasheet
857Kb / 22P
[Old version datasheet]   12-Bit, 53MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS807_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com