công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS4245-EP bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS4245-EP
Giải thích chi tiết về linh kiện  ADS4245-EP Dual-Channel, 14-Bit, 125MSPS Ultralow-Power ADC
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS4245-EP bảng dữ liệu(HTML) 1 Page - Texas Instruments

  ADS4245-EP Datasheet HTML 1Page - Texas Instruments ADS4245-EP Datasheet HTML 2Page - Texas Instruments ADS4245-EP Datasheet HTML 3Page - Texas Instruments ADS4245-EP Datasheet HTML 4Page - Texas Instruments ADS4245-EP Datasheet HTML 5Page - Texas Instruments ADS4245-EP Datasheet HTML 6Page - Texas Instruments ADS4245-EP Datasheet HTML 7Page - Texas Instruments ADS4245-EP Datasheet HTML 8Page - Texas Instruments ADS4245-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 63 page
background image
DA10M
DA10P
DA8M
DA8P
DA6M
DA6P
DA4M
DA4P
DA2M
DA2P
DA0M
DA0P
AVDD
AGND
DRVDD
DRGND
CLKOUTM
CLKOUTP
Output
ClockBuffer
LVDSInterface
DA12M
DA12P
DB10M
DB10P
DB8M
DB8P
DB6M
DB6P
DB4M
DB4P
DB2M
DB2P
DB0M
DB0P
DB12M
DB12P
SDOUT
14-Bit
ADC
INM_A
VCM
INP_A
Digitaland
DDR
Serializer
Reference
Control
Interface
ADS424x
CLKM
CLKP
CLOCKGEN
Sampling
Circuit
14-Bit
ADC
INM_B
INP_B
Digitaland
DDR
Serializer
Sampling
Circuit
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
ADS4245-EP
SBAS653 – APRIL 2014
ADS4245-EP Dual-Channel, 14-Bit, 125MSPS Ultralow-Power ADC
1 Features
3 Description
The ADS4245 is a low-speed variant of the ADS42xx
1
Ultralow Power with Single 1.8V Supply,
ultralow-power family of dual-channel, 14-bit analog-
CMOS Output:
to-digital
converters
(ADCs).
Innovative
design
277mW total power at 125MSPS
techniques
are
used
to
achieve
high-dynamic
High Dynamic Performance:
performance, while consuming extremely low power
with 1.8V supply. This topology makes the ADS4245
88dBc SFDR at 170MHz
well-suited
for
multi-carrier,
wide-bandwidth
71.4dBFS SNR at 170MHz
communications applications.
Crosstalk: > 90dB at 185MHz
The ADS4245 has gain options that can be used to
Programmable Gain up to 6dB for
improve SFDR performance at lower full-scale input
SNR/SFDR Trade-off
ranges. These device includes a dc offset correction
loop that can be used to cancel the ADC offset. Both
DC Offset Correction
DDR (double data rate) LVDS and parallel CMOS
Output Interface Options:
digital output interfaces are available in a compact
1.8V parallel CMOS interface
VQFN-64 PowerPAD™ package.
Double data rate (DDR) LVDS with
The device includes internal references while the
programmable swing:
traditional reference pins and associated decoupling
Standard swing: 350mV
capacitors have been eliminated. The ADS4245 is
specified over the military temperature range (–55°C
Low swing: 200mV
to 125°C).
Supports Low Input Clock Amplitude
Down to 200mVPP
Device Information
Supports Defense, Aerospace, and Medical
ORDER NUMBER
PACKAGE
BODY SIZE
Applications
ADS4245MRGC25EP
VQFN (64)
9mm × 9mm
Controlled Baseline
One Assembly and Test Site
Block Diagram
One Fabrication Site
Available in Military (–55°C to 125°C)
Temperature Range
Extended Product Life Cycle
Extended Product-Change Notification
Product Traceability
2 Applications
Wireless Communications Infrastructure
Software Defined Radio
Power Amplifier Linearization
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Số phần tương tự - ADS4245-EP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS4245 TI1-ADS4245 Datasheet
3Mb / 97P
[Old version datasheet]   Dual-Channel, 12-/14-Bit, 65/125/160MSPS Ultralow-Power ADC
MARCH2011
ADS4245 TI1-ADS4245 Datasheet
3Mb / 104P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
ADS4245 TI-ADS4245 Datasheet
902Kb / 66P
[Old version datasheet]   Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC with Analog Input Buffer
ADS4245 TI1-ADS4245 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
ADS4245 TI1-ADS4245 Datasheet
4Mb / 105P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
More results

Mô tả tương tự - ADS4245-EP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS4122 TI1-ADS4122_14 Datasheet
2Mb / 82P
[Old version datasheet]   14-/12-Bit, 65/125MSPS, Ultralow-Power ADC
ADS4145 TI1-ADS4145_14 Datasheet
2Mb / 82P
[Old version datasheet]   14-/12-Bit, 65/125MSPS, Ultralow-Power ADC
ADS4122 TI1-ADS4122 Datasheet
2Mb / 81P
[Old version datasheet]   14-/12-Bit, 65/125MSPS, Ultralow-Power ADC
MARCH2011
logo
Linear Technology
LTC2285 LINER-LTC2285_15 Datasheet
585Kb / 24P
   Dual 14-Bit, 125Msps Low Power 3V ADC
LTC2285 LINER-LTC2285 Datasheet
583Kb / 24P
   Dual 14-Bit, 125Msps Low Power 3V ADC
logo
Texas Instruments
ADS4249 TI1-ADS4249 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC
ADS4249 TI1-ADS4249_16 Datasheet
1Mb / 74P
[Old version datasheet]   Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC
logo
Renesas Technology Corp
ISLA224P12 RENESAS-ISLA224P12 Datasheet
1Mb / 32P
   High Performance Dual 14-Bit, 125MSPS ADC
logo
Intersil Corporation
ISLA224P12 INTERSIL-ISLA224P12 Datasheet
1Mb / 32P
   High Performance Dual 14-Bit, 125MSPS ADC
logo
Texas Instruments
ADS41B25 TI1-ADS41B25 Datasheet
1Mb / 57P
[Old version datasheet]   12-Bit, 125MSPS, Ultralow-Power ADC with Analog Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com