công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS1130 bảng dữ liệu(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS1130
Giải thích chi tiết về linh kiện  18-Bit Analog-to-Digital Converter For Bridge Sensors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1130 bảng dữ liệu(HTML) 3 Page - Texas Instruments

  ADS1130 Datasheet HTML 1Page - Texas Instruments ADS1130 Datasheet HTML 2Page - Texas Instruments ADS1130 Datasheet HTML 3Page - Texas Instruments ADS1130 Datasheet HTML 4Page - Texas Instruments ADS1130 Datasheet HTML 5Page - Texas Instruments ADS1130 Datasheet HTML 6Page - Texas Instruments ADS1130 Datasheet HTML 7Page - Texas Instruments ADS1130 Datasheet HTML 8Page - Texas Instruments ADS1130 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
ADS1130
www.ti.com
SBAS458A – JUNE 2009 – REVISED SEPTEMBER 2012
ELECTRICAL CHARACTERISTICS
All specifications at TA = +25°C, AVDD = DVDD = REFP = +5V, and REFN = AGND, unless otherwise noted.
ADS1130
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUTS
Full-scale input voltage (AINP – AINN)
±0.5VREF/64
V
Common-mode input range
AGND + 1.5V
AVDD – 1.5V
V
Differential input current
±2
nA
SYSTEM PERFORMANCE
Resolution
No missing codes
18
Bits
SPEED = high
80
SPS
Data rate
SPEED = low
10
SPS
Digital filter settling time
Full settling
4
Conversions
Integral nonlinearity (INL)
Differential input, end-point fit
±20
ppm of FSR
Input offset error
±120
ppm of FSR
Input offset drift
±10
nV/°C
Gain error
±1
%
Gain drift
±5
ppm/°C
Normal-mode rejection
fIN = 50Hz or 60Hz ±1Hz, fDATA = 10SPS
90
dB
Common-mode rejection
at dc
100
dB
fDATA = 10SPS
300
nVPP
(1)
Input-referred noise
fDATA = 80SPS
500
nVPP
(1)
Power-supply rejection
at dc
100
dB
VOLTAGE REFERENCE INPUT
Voltage reference input (VREF)
VREF = REFP – REFN
1.5
AVDD
AVDD + 0.1V
V
Negative reference input (REFN)
AGND – 0.1
REFP – 1.5
V
Positive reference input (REFP)
REFN + 1.5
AVDD + 0.1
V
Voltage reference input current
10
nA
DIGITAL
VIH
0.7 DVDD
DVDD + 0.1
V
VIL
DGND
0.2 DVDD
V
Logic levels
VOH
IOH = 1mA
DVDD – 0.4
V
VOL
IOL = 1mA
0.2 DVDD
V
Input leakage
0 < VIN < DVDD
±10
μA
Serial clock input frequency (fSCLK)
5
MHz
POWER SUPPLY
Power-supply voltage (AVDD, DVDD)
2.7
5.3
V
Normal mode, AVDD = 3V
900
1500
μA
Normal mode, AVDD = 5V
900
1500
μA
Analog supply current
Standby mode
0.1
1
μA
Power-down
0.1
1
μA
Normal mode, DVDD = 3V
60
100
μA
Normal mode, DVDD = 5V
95
150
μA
Digital supply current
Standby mode, SCLK = high, DVDD = 3V
45
70
μA
Standby mode, SCLK = high, DVDD = 5V
65
80
μA
Power-down
0.2
μA
Normal mode, AVDD = DVDD = 3V
2.9
mW
Power dissipation, total
Normal mode, AVDD = DVDD = 5V
5.0
mW
Standby mode, AVDD = DVDD = 5V
0.3
mW
TEMPERATURE
Operating temperature range
–40
+85
°C
Specified temperature range
–40
+85
°C
(1)
PP signifies peak-to-peak noise.
Copyright © 2009–2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ADS1130


Số phần tương tự - ADS1130

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1130 TI1-ADS1130 Datasheet
780Kb / 16P
[Old version datasheet]   18-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1130IPW TI1-ADS1130IPW Datasheet
780Kb / 16P
[Old version datasheet]   18-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1130IPWR TI1-ADS1130IPWR Datasheet
780Kb / 16P
[Old version datasheet]   18-Bit Analog-to-Digital Converter For Bridge Sensors
More results

Mô tả tương tự - ADS1130

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1131 TI1-ADS1131_12 Datasheet
600Kb / 20P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1131 TI1-ADS1131_14 Datasheet
844Kb / 21P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1130 TI1-ADS1130 Datasheet
780Kb / 16P
[Old version datasheet]   18-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1131 TI-ADS1131 Datasheet
624Kb / 20P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1232 TI1-ADS1232 Datasheet
653Kb / 34P
[Old version datasheet]   24-Bit Analog-to-Digital Converter For Bridge Sensors
FEBRUARY 2008
logo
Burr-Brown (TI)
ADS1230 BURR-BROWN-ADS1230 Datasheet
501Kb / 25P
   20-Bit Analog-to-Digital Converter For Bridge Sensors
logo
Texas Instruments
ADS1231 TI1-ADS1231 Datasheet
478Kb / 22P
[Old version datasheet]   24-Bit Analog-to-Digital Converter for Bridge Sensors
DECEMBER2010
ADS1230 TI1-ADS1230_17 Datasheet
1Mb / 30P
[Old version datasheet]   20-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1231 TI1-ADS1231_14 Datasheet
466Kb / 23P
[Old version datasheet]   24-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1232 TI1-ADS1232_14 Datasheet
952Kb / 40P
[Old version datasheet]   24-Bit Analog-to-Digital Converter For Bridge Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com