công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS1130IPWR bảng dữ liệu(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS1130IPWR
Giải thích chi tiết về linh kiện  18-Bit Analog-to-Digital Converter For Bridge Sensors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1130IPWR bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button ADS1130IPWR Datasheet HTML 3Page - Texas Instruments ADS1130IPWR Datasheet HTML 4Page - Texas Instruments ADS1130IPWR Datasheet HTML 5Page - Texas Instruments ADS1130IPWR Datasheet HTML 6Page - Texas Instruments ADS1130IPWR Datasheet HTML 7Page - Texas Instruments ADS1130IPWR Datasheet HTML 8Page - Texas Instruments ADS1130IPWR Datasheet HTML 9Page - Texas Instruments ADS1130IPWR Datasheet HTML 10Page - Texas Instruments ADS1130IPWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
AbruptChangeinExternalV
IN
V
IN
DRDY/DOUT
Startof
Conversion
FirstConversion;
includes
unsettledV .
IN
SecondConversion;
V
settled,but
digitalfilter
unsettled.
IN
ThirdConversion;
V
settled,but
digitalfilter
unsettled.
IN
FourthConversion;
V
settled,but
digitalfilter
unsettled.
IN
FifthConversion;
V
anddigital
filterboth
settled.
IN
Conversion
Time
ADS1130
www.ti.com
SBAS458A – JUNE 2009 – REVISED SEPTEMBER 2012
Table 2. Ideal Output Code vs Input Signal(1)
SETTLING TIME
INPUT SIGNAL VIN
Large changes in the input signal require settling
(AINP – AINN)
IDEAL OUTPUT
time. For example, an external multiplexer in front of
≥ +0.5VREF/64
1FFFFh
the ADS1130 can cause large changes in the input
00001h
(+0.5VREF/64)/(2
17 – 1)
voltage
when
switching
the
multiplexer
input
0
00000h
channels. Abrupt changes in the input require four
data conversion cycles to settle. When continuously
3FFFFh
(–0.5VREF/64)/(2
17 – 1)
converting, five readings may be necessary in order
≤ –0.5VREF/64
40000h
to settle the data. If the change in input occurs in the
(1) Excludes effects of noise, INL, offset, and gain errors.
middle
of
the
first
conversion,
four
more
full
conversions of the fully-settled input are required to
DATA READY/DATA OUTPUT (DRDY/DOUT)
get fully-settled data. Discard the first four readings
because they contain only partially-settled data.
This digital output pin serves two purposes. First, it
Figure 5 illustrates the settling time for the ADS1130
indicates when new data are ready by going low.
in Continuous Conversion mode.
Afterwards, on the first rising edge of SCLK, the
DRDY/DOUT
pin
changes
function
and
begins
DATA RATE
outputting the conversion data, most significant bit
(MSB) first. Data are shifted out on each subsequent
The ADS1130 data rate is set by the SPEED pin, as
SCLK rising edge. After all 18 bits have been
shown in Table 1. When SPEED is low, the data rate
retrieved, the pin can be forced high with additional
is nominally 10SPS. This data rate provides the
SCLKs. It then stays high until new data are ready.
lowest noise, and also has excellent rejection of both
This configuration is useful when polling on the status
50Hz
and
60Hz
line-cycle
interference.
For
of DRDY/DOUT to determine when to begin data
applications requiring fast data rates, setting SPEED
retrieval.
high selects a data rate of nominally 80SPS.
SERIAL CLOCK INPUT (SCLK)
Table 1. Data Rate Settings
This digital input shifts serial data out with each rising
SPEED PIN
DATA RATE
edge. This input has built-in hysteresis, but care
0
10SPS
should still be taken to ensure a clean signal. Glitches
1
80SPS
or slow-rising signals can cause unwanted additional
shifting. For this reason, it is best to make sure the
DATA FORMAT
rise and fall times of SCLK are both less than 50ns.
The ADS1130 outputs 18 bits of data in binary two’s
complement format. The least significant bit (LSB)
has a weight of (0.5VREF/64)(2
17 – 1). The positive
full-scale input produces an output code of 1FFFFh
and the negative full-scale input produces an output
code of 40000h. The output clips at these codes for
signals exceeding full-scale. Table 2 summarizes the
ideal output codes for different input signals.
Figure 5. Settling Time in Continuous Conversion Mode
Copyright © 2009–2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ADS1130


Số phần tương tự - ADS1130IPWR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1130IPWR TI1-ADS1130IPWR Datasheet
780Kb / 16P
[Old version datasheet]   18-Bit Analog-to-Digital Converter For Bridge Sensors
More results

Mô tả tương tự - ADS1130IPWR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1131 TI1-ADS1131_12 Datasheet
600Kb / 20P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1131 TI1-ADS1131_14 Datasheet
844Kb / 21P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1130 TI1-ADS1130 Datasheet
780Kb / 16P
[Old version datasheet]   18-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1131 TI-ADS1131 Datasheet
624Kb / 20P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1232 TI1-ADS1232 Datasheet
653Kb / 34P
[Old version datasheet]   24-Bit Analog-to-Digital Converter For Bridge Sensors
FEBRUARY 2008
logo
Burr-Brown (TI)
ADS1230 BURR-BROWN-ADS1230 Datasheet
501Kb / 25P
   20-Bit Analog-to-Digital Converter For Bridge Sensors
logo
Texas Instruments
ADS1231 TI1-ADS1231 Datasheet
478Kb / 22P
[Old version datasheet]   24-Bit Analog-to-Digital Converter for Bridge Sensors
DECEMBER2010
ADS1230 TI1-ADS1230_17 Datasheet
1Mb / 30P
[Old version datasheet]   20-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1231 TI1-ADS1231_14 Datasheet
466Kb / 23P
[Old version datasheet]   24-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1232 TI1-ADS1232_14 Datasheet
952Kb / 40P
[Old version datasheet]   24-Bit Analog-to-Digital Converter For Bridge Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com