công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS1120QPWRQ1 bảng dữ liệu(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS1120QPWRQ1
Giải thích chi tiết về linh kiện  Automotive, Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1120QPWRQ1 bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button ADS1120QPWRQ1 Datasheet HTML 5Page - Texas Instruments ADS1120QPWRQ1 Datasheet HTML 6Page - Texas Instruments ADS1120QPWRQ1 Datasheet HTML 7Page - Texas Instruments ADS1120QPWRQ1 Datasheet HTML 8Page - Texas Instruments ADS1120QPWRQ1 Datasheet HTML 9Page - Texas Instruments ADS1120QPWRQ1 Datasheet HTML 10Page - Texas Instruments ADS1120QPWRQ1 Datasheet HTML 11Page - Texas Instruments ADS1120QPWRQ1 Datasheet HTML 12Page - Texas Instruments ADS1120QPWRQ1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 67 page
background image
±15
±10
±5
0
5
10
15
±100
±75
±50
±25
0
25
50
75
100
V
IN (% of FS)
Gain = 1
Gain = 32
PGA Disabled
C025
±15
±10
±5
0
5
10
15
±100
±75
±50
±25
0
25
50
75
100
V
IN (% of FS)
Gain = 1
Gain = 32
PGA Disabled
C029
0
100
200
300
400
500
±40
±20
0
20
40
60
80
100
120
Temperature (
ƒC)
Gain = 1
Gain = 128
PGA Disabled
C019
0
100
200
300
400
500
±40
±20
0
20
40
60
80
100
120
Temperature (
ƒC)
Gain = 1
Gain = 128
PGA Disabled
C020
±10
0
10
20
30
40
±40
±20
0
20
40
60
80
100
120
Temperature (
ƒC)
Gain = 1
Gain = 128
PGA Disabled
C017
±10
0
10
20
30
40
±40
±20
0
20
40
60
80
100
120
Temperature (
ƒC)
Gain = 1
Gain = 128
PGA Disabled
C018
ADS1120-Q1
www.ti.com
SBAS683A – AUGUST 2014 – REVISED OCTOBER 2014
6.8 Typical Characteristics
At TA = 25°C, AVDD = 3.3 V, AVSS = 0 V, and PGA enabled using external Vref = 2.5 V (unless otherwise noted).
AVDD = 3.3 V
AVDD = 5.0 V
Figure 3. Input-Referred Offset Voltage vs Temperature
Figure 4. Input-Referred Offset Voltage vs Temperature
AVDD = 3.3 V
AVDD = 5.0 V
Figure 5. Gain Error vs Temperature
Figure 6. Gain Error vs Temperature
AVDD = 3.3 V, external 2.5-V reference, normal mode
AVDD = 5.0 V, external 2.5-V reference, normal mode
Figure 7. Integral Nonlinearity vs
Figure 8. Integral Nonlinearity vs
Differential Input Signal
Differential Input Signal
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: ADS1120-Q1


Số phần tương tự - ADS1120QPWRQ1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1120 TI-ADS1120 Datasheet
2Mb / 54P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120 TI1-ADS1120 Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120 TI1-ADS1120 Datasheet
2Mb / 60P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120IPW TI1-ADS1120IPW Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120IPW TI1-ADS1120IPW Datasheet
2Mb / 60P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
More results

Mô tả tương tự - ADS1120QPWRQ1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1120 TI1-ADS1120_14 Datasheet
2Mb / 60P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120 TI1-ADS1120 Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1220 TI-ADS1220 Datasheet
2Mb / 54P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1220 TI1-ADS1220_14 Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120 TI1-ADS1120_15 Datasheet
2Mb / 71P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit ADC for Small-Signal Sensors
logo
Burr-Brown (TI)
DAC1221 BURR-BROWN-DAC1221 Datasheet
125Kb / 14P
   16-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC1221 TI1-DAC1221 Datasheet
147Kb / 16P
[Old version datasheet]   16-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
ADS1220 TI1-ADS1220_15 Datasheet
2Mb / 71P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, ADC for Small-Signal Sensors
ADS1113 TI-ADS1113_1 Datasheet
958Kb / 36P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI1-ADS1113_14 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com