công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC122S706 bảng dữ liệu(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADC122S706
Giải thích chi tiết về linh kiện  Dual 12-Bit, 500 kSPS to 1 MSPS, Simultaneous Sampling A/D Converter
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADC122S706 bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button ADC122S706 Datasheet HTML 2Page - Texas Instruments ADC122S706 Datasheet HTML 3Page - Texas Instruments ADC122S706 Datasheet HTML 4Page - Texas Instruments ADC122S706 Datasheet HTML 5Page - Texas Instruments ADC122S706 Datasheet HTML 6Page - Texas Instruments ADC122S706 Datasheet HTML 7Page - Texas Instruments ADC122S706 Datasheet HTML 8Page - Texas Instruments ADC122S706 Datasheet HTML 9Page - Texas Instruments ADC122S706 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
ADC122S706
SNAS408A – NOVEMBER 2007 – REVISED MARCH 2013
www.ti.com
ADC122S706 Converter Electrical Characteristics
(1) (continued)
The following specifications apply for VA = +4.5V to 5.5V, VD = +2.7V to VA, VREF = 2.5V, fSCLK = 8 to 16 MHz, DUAL = VD, fIN
= 100 kHz, CL = 25 pF, unless otherwise noted. Boldface limits apply for TA = TMIN to TMAX; all other limits are at TA = 25°C.
Symbol
Parameter
Conditions
Typical
Limits
Units(2)
POWER SUPPLY CHARACTERISTICS
4.5
V (min)
VA
Analog Supply Voltage
5.5
V (max)
2.7
V (min)
VD
Digital Supply Voltage
VA
V (max)
Analog Supply Current, Continuously
fSCLK = 16 MHz, fS = 1 MSPS, fIN = 100 kHz,
3.3
4.2
mA (max)
Converting (Dual Data Output Mode)
VA = 5V, DUAL = VD
IVA
Analog Supply Current, Continuously
(Conv)
fSCLK = 16 MHz, fS = 500 kSPS, fIN = 100 kHz,
Converting (Single Data Output
1.8
2.9
mA (max)
VA = 5V, DUAL = 0V
Mode)
fSCLK = 16 MHz, fS = 1 MSPS, fIN = 100 kHz,
1.7
2.0
mA (max)
VD = 5V, DUAL = 5V
Digital Supply Current, Continuously
Converting (Dual Data Output Mode)
fSCLK = 16 MHz, fS = 1 MSPS, fIN = 100 kHz,
1.0
1.3
mA (max)
VD = 3V, DUAL = 3V
IVD
(Conv)
fSCLK = 16 MHz, fS = 500 kSPS, fIN = 100 kHz,
0.9
1.2
mA (max)
Digital Supply Current, Continuously
VD = 5V, DUAL = 0V
Converting (Single Data Output
fSCLK = 16 MHz, fS = 500 kSPS, fIN = 100 kHz,
Mode)
0.6
0.7
mA (max)
VD = 3V, DUAL = 0V
Reference Current, Continuously
fSCLK = 16 MHz, fS = 1 MSPS, VREF = 2.5V,
90
105
µA (max)
Converting (Dual Data Output Mode)
DUAL = VD
IVREF
Reference Current, Continuously
(Conv)
fSCLK = 16 MHz, fS = 500 kSPS, VREF = 2.5V,
Converting (Single Data Output
45
60
µA (max)
DUAL = 0V
Mode)
fSCLK = 16 MHz, VA = 5.0V
10
µA
Analog Supply Current, Power Down
IVA (PD)
Mode (CS high)
fSCLK = 0, VA = 5.0V
(4)
0.5
1
µA (max)
fSCLK = 16 MHz, VD = 5.0V
10
µA
Digital Supply Current, Power Down
IVD (PD)
Mode (CS high)
fSCLK = 0
(4)
0.1
0.2
µA (max)
fSCLK = 16 MHz
0.05
µA
IVREF
Reference Current, Power Down
(PD)
Mode (CS high)
fSCLK = 0
(4)
0.05
0.1
µA (max)
fSCLK = 16 MHz, fS = 1 MSPS, fIN = 100 kHz,
25
31.3
mW (max)
VA = VD = 5V, VREF = 2.5V, DUAL = VD
Power Consumption, Continuously
Converting (Dual Data Output Mode)
fSCLK = 16 MHz, fS = 1 MSPS, fIN = 100 kHz,
20
25.2
mW (max)
VA = 5V, VD = 3V, VREF = 2.5V, DUAL = VD
PWR
(Conv)
fSCLK = 16 MHz, fS = 500 kSPS, fIN = 100 kHz,
13.6
20.6
mW (max)
Power Consumption, Continuously
VA = VD = 5V, VREF = 2.5V, DUAL = 0V
Converting (Single Data Output
fSCLK = 16 MHz, fS = 500 kSPS, fIN = 100 kHz,
Mode)
10.9
16.8
mW (max)
VA = 5V, VD = 3V, VREF = 2.5V, DUAL = 0V
fSCLK = 16 MHz, VA = VD = 5.0V, VREF = 2.5V
100
µW
PWR
Power Consumption, Power Down
(PD)
Mode (CS high)
fSCLK = 0, VA = VD = 5.0V, VREF = 2.5V
3.1
6.5
µW (max)
PSRR
Power Supply Rejection Ratio
See the Specification Definitions
−85
dB
AC ELECTRICAL CHARACTERISTICS
fSCLK
Maximum Clock Frequency
20
16
MHz (min)
fSCLK
Minimum Clock Frequency
0.8
8
MHz (max)
fS
Maximum Sample Rate(5)
1.25
1
MSPS (min)
tACQ
Track/Hold Acquisition Time
3
SCLK cycles
tCONV
Conversion Time
12
SCLK cycles
tAD
Aperture Delay
6
ns
(4)
Data sheet min/max specification limits are guaranteed by design, test, or statistical analysis.
(5)
While the maximum sample rate is fSCLK/16, the actual sample rate may be lower than this by having the CS rate slower than fSCLK/16.
6
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: ADC122S706


Số phần tương tự - ADC122S706

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
ADC122S706 NSC-ADC122S706 Datasheet
559Kb / 24P
   Dual 12-Bit, 500 kSPS to 1 MSPS, Simultaneous Sampling A/D Converter
logo
Texas Instruments
ADC122S706 TI1-ADC122S706 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 12-Bit, 500 kSPS to 1 MSPS, Simultaneous Sampling A/D Converter
logo
National Semiconductor ...
ADC122S706CIMT NSC-ADC122S706CIMT Datasheet
559Kb / 24P
   Dual 12-Bit, 500 kSPS to 1 MSPS, Simultaneous Sampling A/D Converter
ADC122S706CIMTX NSC-ADC122S706CIMTX Datasheet
559Kb / 24P
   Dual 12-Bit, 500 kSPS to 1 MSPS, Simultaneous Sampling A/D Converter
ADC122S706EB NSC-ADC122S706EB Datasheet
559Kb / 24P
   Dual 12-Bit, 500 kSPS to 1 MSPS, Simultaneous Sampling A/D Converter
More results

Mô tả tương tự - ADC122S706

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC122S706 TI1-ADC122S706_14 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 12-Bit, 500 kSPS to 1 MSPS, Simultaneous Sampling A/D Converter
logo
National Semiconductor ...
ADC122S706 NSC-ADC122S706 Datasheet
559Kb / 24P
   Dual 12-Bit, 500 kSPS to 1 MSPS, Simultaneous Sampling A/D Converter
logo
Texas Instruments
ADC122S655 TI1-ADC122S655_15 Datasheet
1Mb / 28P
[Old version datasheet]   Dual 12-Bit, 200 kSPS to 500 kSPS, Simultaneous Sampling A/D Converter
logo
National Semiconductor ...
ADC122S655 NSC-ADC122S655 Datasheet
498Kb / 20P
   Dual 12-Bit, 200 kSPS to 500 kSPS, Simultaneous Sampling A/D Converter
logo
Texas Instruments
ADC122S655 TI1-ADC122S655_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC122S655 Dual 12-Bit, 200 kSPS to 500 kSPS, Simultaneous Sampling A/D Converter
ADC122S625 TI1-ADC122S625_15 Datasheet
1Mb / 28P
[Old version datasheet]   Dual 12-Bit, 50 kSPS to 200 kSPS, Simultaneous Sampling A/D Converter
logo
National Semiconductor ...
ADC122S625 NSC-ADC122S625 Datasheet
496Kb / 20P
   Dual 12-Bit, 50 kSPS to 200 kSPS, Simultaneous Sampling A/D Converter
logo
Texas Instruments
ADC122S625 TI1-ADC122S625_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC122S625 Dual 12-Bit, 50 kSPS to 200 kSPS, Simultaneous Sampling A/D Converter
ADC128S102 TI1-ADC128S102_14 Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 500 ksps to 1 Msps, 12-Bit A/D Converter
ADC122S101 TI1-ADC122S101_14 Datasheet
1Mb / 25P
[Old version datasheet]   2 Channel, 500 ksps to 1 Msps 12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com