công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS5203IPFBG4 bảng dữ liệu(PDF) 2 Page - Texas Instruments

tên linh kiện ADS5203IPFBG4
Giải thích chi tiết về linh kiện  Dual 10-Bit 40MPS Low-power ANALOG-TO-DIGITAL CONVERTER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5203IPFBG4 bảng dữ liệu(HTML) 2 Page - Texas Instruments

  ADS5203IPFBG4 Datasheet HTML 1Page - Texas Instruments ADS5203IPFBG4 Datasheet HTML 2Page - Texas Instruments ADS5203IPFBG4 Datasheet HTML 3Page - Texas Instruments ADS5203IPFBG4 Datasheet HTML 4Page - Texas Instruments ADS5203IPFBG4 Datasheet HTML 5Page - Texas Instruments ADS5203IPFBG4 Datasheet HTML 6Page - Texas Instruments ADS5203IPFBG4 Datasheet HTML 7Page - Texas Instruments ADS5203IPFBG4 Datasheet HTML 8Page - Texas Instruments ADS5203IPFBG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
ADS5203
SBAS258A – JUNE 2002 – REVISED JULY 2002
www.ti.com
2
ORDERING INFORMATION
PRODUCT
PACKAGE–LEAD
PACKAGE
DESIGNATOR(1)
SPECIFIED
TEMPERATURE
RANGE
PACKAGE
MARKING
ORDERING
NUMBER
TRANSPORT
MEDIA, QUANTITY
ADS5203
TQFP–48
PFB
–40
°C to +85°C
AZ5203
ADS5203IPFB
Tray, 250
ADS5203
TQFP–48
PFB
–40
°C to +85°C
AZ5203
ADS5203IPFBR
Tape and Reel, 1000
(1) For the most current specifications and package information, refer to our web site at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1).
Supply Voltage: AVDD to AGND, DVDD to DGND
–0.5V to 3.6V
. . . . . . . . . .
Supply Voltage: AVDD to DVDD, AGND to DGND
–0.5V to 0.5V
. . . . . . . . . .
Digital Input Voltage Range to DGND
–0.5V to DVDD + 0.5V
. . . . . . . . . . . .
Analog Input Voltage Range to AGND
–0.5V to AVDD + 0.5V
. . . . . . . . . . . . .
Digital Output Voltage Applied from Ext. Source to DGND
–0.5V to DVDD + 0.5V
. . . . . . .
Reference Voltage Input Range to AGND: VREFT, VREFB
–0.5V to AVDD + 0.5V
. . . . . .
Operating Free-Air Temperature Range, TA (ADS5203I)
–40
°C to +85°C
. . .
Storage Temperature Range, TSTG
–65
°C to +150°C
. . . . . . . . . . . . . . . . . .
Soldering Temperature 1.6mm (1/16 inch) from case for 10 seconds
300
°C
. . . . . . . . . . . .
(1) Stresses above these ratings may cause permanent damage. Exposure to
absolute maximum conditions for extended periods may degrade device
reliability. These are stress ratings only, and functional operation of the device
at these or any other conditions beyond those specified is not implied.
This integrated circuit can be damaged by
ESD. Texas Instruments recommends that
all integrated circuits be handled with
appropriate precautions. Failure to observe proper
handling and installation procedures can cause
damage.
ESD damage can range from subtle performance
degradation to complete device failure. Precision
integrated circuits may be more susceptible to damage
because very small parametric changes could cause
the device not to meet its published specifications.
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range, TA, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
NOM
MAX
UNIT
Power Supply
AVDD
Supply Voltage
DVDD
3.0
3.3
3.6
V
Su
ly Voltage
DRVDD
3.0
3.3
3.6
Analog and Reference Inputs
Reference Input Voltage (top)
VREFT
fCLK = 1MHz to 80MHz
1.9
2.0
2.15
V
Reference Input Voltage (bottom)
VREFB
fCLK = 1MHz to 80MHz
0.95
1.0
1.1
V
Reference Voltage Differential
VREFT – VREFB
fCLK = 1MHz to 80MHz
0.95
1.0
1.1
V
Reference Input Resistance
RREF
fCLK = 80MHz
1650
Reference Input Current
IREF
fCLK = 80MHz
0.62
mA
Analog Input Voltage, Differential
VIN
–1
1
V
Analog Input Voltage, Single–Ended(1)
VIN
CML – 1.0
CML + 1.0
V
Analog Input Capacitance
CI
8
pF
Clock Input(2)
0
AVDD
V
Analog Outputs
CML Voltage
AVDD/2
V
CML Output Resistance
2.3
k
Digital Inputs
High-Level Input Voltage
VIH
2.4
DVDD
V
Low-Level Input Voltage
VIL
DGND
0.8
V
Input Capacitance
5
pF
Clock Period
tc (80MHz)
12.5
ns
Pulse Duration
tw(CLKH), tw(CLKL) (80MHz)
Clock HIGH or LOW
5.25
ns
Clock Period
tc (40MHz)
25
ns
Pulse Duration
tw(CLKH) , tw(CLKL) (40MHz)
Clock HIGH or LOW
11.25
ns
(1) Applies only when the signal reference input connects to CML.
(2) Clock pin is referenced to AVDD/AVSS.
Not Recommended For New Designs


Số phần tương tự - ADS5203IPFBG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS5203IPFB TI-ADS5203IPFB Datasheet
476Kb / 15P
[Old version datasheet]   DUAL 10-BIT 40MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER
ADS5203IPFBR TI-ADS5203IPFBR Datasheet
476Kb / 15P
[Old version datasheet]   DUAL 10-BIT 40MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS5203IPFBG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS5203 TI-ADS5203 Datasheet
476Kb / 15P
[Old version datasheet]   DUAL 10-BIT 40MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER
DAC2900 TI1-DAC2900 Datasheet
746Kb / 21P
[Old version datasheet]   Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC2900 BURR-BROWN-DAC2900 Datasheet
416Kb / 17P
   Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC2900 TI-DAC2900_15 Datasheet
962Kb / 22P
[Old version datasheet]   Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
ADS5204 TI-ADS5204 Datasheet
492Kb / 18P
[Old version datasheet]   DUAL 10 BIT 40MSPS LOW POWER ANALOG TO DIGITAL CONVERTER WITH PGA
ADC101C021 TI1-ADC101C021_15 Datasheet
1Mb / 44P
[Old version datasheet]   10-Bit Analog-to-Digital Converter
logo
NXP Semiconductors
TDA8762 PHILIPS-TDA8762 Datasheet
162Kb / 24P
   10-bit high-speed low-power analog-to-digital converter
1996 Mar 28
TDA8762A PHILIPS-TDA8762A Datasheet
150Kb / 24P
   10-bit high-speed low-power analog-to-digital converter
1996 Mar 21
logo
Texas Instruments
DAC5652-EP TI-DAC5652-EP_15 Datasheet
636Kb / 28P
[Old version datasheet]   DUAL 10-BIT, 200 MSPS, DIGITAL-TO-ANALOG CONVERTER
DAC5652A TI1-DAC5652A_18 Datasheet
1Mb / 34P
[Old version datasheet]   Dual, 10-Bit, 275-MSPS Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com