công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS5122 bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện ADS5122
Giải thích chi tiết về linh kiện  8-Channel, 10-Bit, 65MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5122 bảng dữ liệu(HTML) 4 Page - Texas Instruments

  ADS5122 Datasheet HTML 1Page - Texas Instruments ADS5122 Datasheet HTML 2Page - Texas Instruments ADS5122 Datasheet HTML 3Page - Texas Instruments ADS5122 Datasheet HTML 4Page - Texas Instruments ADS5122 Datasheet HTML 5Page - Texas Instruments ADS5122 Datasheet HTML 6Page - Texas Instruments ADS5122 Datasheet HTML 7Page - Texas Instruments ADS5122 Datasheet HTML 8Page - Texas Instruments ADS5122 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
ADS5122
4
SBAS272E
www.ti.com
ADS5122
AC CHARACTERISTICS
AVDD = DVDD = 1.8V, DRVDD = 3.3V, 50% Clock Duty Cycle, CLK = 65MSPS, Analog Input at –0.5dBFS Input Span, Internal Voltage Reference, TMIN = −40°C,
TMAX = +85°C, and typical values at TA = 25°C, unless otherwise noted.
ADS5122
SWITCHING CHARACTERISTICS
AVDD = DVDD = 1.8V, DRVDD = 3.3V, 50% Clock Duty Cycle, CLK = 65MSPS, Analog Input at –0.5dBFS Input Span, Internal Voltage Reference, TMIN = −40°C,
and TMAX = +85°C. Typical values at TA = 25°C, unless otherwise noted.
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
Maximum Conversion Rate
5
65
MSPS
Clock Duty Cycle
DCASEL Enabled
30 to 70
%
Data Latency(1)
6.5
Clk Cycles
Clock
↓ to Data Valid
tDO(1)
810
ns
OE
↓ to Outputs Enabled
tEN(1)
8ns
OE
↑ Rising to Outputs Tri-Stated
tDIS
8ns
Aperture Delay
1ns
Aperture Uncertainty (Jitter)
2
ps, r ms
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
Signal-to-Noise Ratio
(SNR)
fIN = 3.5MHz
56
59
dB
fIN = 10MHz
56
59
dB
fIN = 20MHz
59
dB
Signal-to-Noise and Distortion
(SINAD)
fIN = 3.5MHz
56
58
dB
fIN = 10MHz
56
58
dB
fIN = 20MHz
58
dB
Effective Number of Bits
(ENOB)
fIN = 3.5MHz
9.0
9.3
Bits
fIN = 10MHz
9.0
9.3
Bits
fIN = 20MHz
9.3
Bits
Spurious-Free Dynamic Range
(SFDR)
fIN = 3.5MHz
65
72
dBc
fIN = 10MHz
65
72
dBc
fIN = 20MHz
68
dBc
2nd-Harmonic Distortion
(HD2)
fIN = 3.5MHz
68
83
dBc
fIN = 10MHz
68
79
dBc
fIN = 20MHz
79
dBc
3rd-Harmonic Distortion
(HD3)
fIN = 3.5MHz
65
72
dBc
fIN = 10MHz
65
72
dBc
fIN = 20MHz
68
dBc
2-Tone Intermodulation Distortion
(IMD)
f1 = 4.43MHz, f2 = 4.53MHz at –6.5dB
–69
dBFS
Channel-to-Channel Crosstalk
fIN = 10MHz, DRVDD = 3.3V
89
dB
Effective Resolution Bandwidth
30
MHz
Over-Voltage Recovery Time(1)
20
ns
Differential Gain(1)
±1%
Differential Phase(1)
±0.25
Degrees
NOTE: (1) Assured by design.
TIMING DIAGRAM (Per ADC Channel)
Analog
Input
CLK
OE
D[9:0]
S – 5
S – 6S – 4S – 3S – 2S – 1S1
S2
S3
t
DO
t
DIS
t
EN
Sample 1
Sample 2
89
7
6
5
4
3
2
1


Số phần tương tự - ADS5122

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS5122 TI-ADS5122 Datasheet
393Kb / 19P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5122CGHK TI-ADS5122CGHK Datasheet
393Kb / 19P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS5122

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS5122 TI-ADS5122 Datasheet
393Kb / 19P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5277 TI1-ADS5277_14 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter
ADS5120 TI-ADS5120 Datasheet
325Kb / 18P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5121 TI1-ADS5121_13 Datasheet
494Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5121 TI-ADS5121 Datasheet
404Kb / 17P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5120 TI1-ADS5120_10 Datasheet
458Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5277 TI-ADS5277 Datasheet
1Mb / 28P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface
ADS5277 TI-ADS5277_12 Datasheet
1Mb / 32P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface
ADS5237 TI-ADS5237 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, 10-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
logo
List of Unclassifed Man...
MP7633 ETC-MP7633 Datasheet
1Mb / 5P
   CMOS 10-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com