công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS5122 bảng dữ liệu(PDF) 3 Page - Texas Instruments

tên linh kiện ADS5122
Giải thích chi tiết về linh kiện  8-Channel, 10-Bit, 65MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5122 bảng dữ liệu(HTML) 3 Page - Texas Instruments

  ADS5122 Datasheet HTML 1Page - Texas Instruments ADS5122 Datasheet HTML 2Page - Texas Instruments ADS5122 Datasheet HTML 3Page - Texas Instruments ADS5122 Datasheet HTML 4Page - Texas Instruments ADS5122 Datasheet HTML 5Page - Texas Instruments ADS5122 Datasheet HTML 6Page - Texas Instruments ADS5122 Datasheet HTML 7Page - Texas Instruments ADS5122 Datasheet HTML 8Page - Texas Instruments ADS5122 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
ADS5122
3
SBAS272E
www.ti.com
ADS5122
DC CHARACTERISTICS
AVDD = DVDD = 1.8V, DRVDD = 3.3V, 50% Clock Duty Cycle, CLK = 40MSPS, Analog Input at –0.5dBFS Input Span, Internal Voltage Reference, IREFR = 6.8kΩ,
TMIN = −40°C, TMAX = +85°C, and typical values at TA = 25°C, unless otherwise noted.
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
RESOLUTION
10
Bits
DC ACCURACY
Differential Nonlinearity (DNL)
–0.9
±0.4
+1.0
LSB
Integral Nonlinearity (INL)
–2.5
±1.0
+2.5
LSB
No Missing Codes
Tested
Gain Error
External Reference
–1.0
0.1
+1.0
%FSR
Offset Error
External Reference
0.2
+2.5
%FSR
Gain Temperature Coefficient
6
ppm/
°C
Gain Matching
±0.7
%FSR
ANALOG INPUT
Input Voltage Range (AIN+, AIN–)
REFB
REFT
V
Input Voltage, Differential Full-Scale
1VPP
Input Common-Mode Range
(REFT + REFB) / 2
V
Input Resistance, RIN
fCLK = 65MSPS
20
k
Input Capacitance, CIN
5pF
INTERNAL REFERENCE VOLTAGES
Reference, Top (REFT)
1.30
1.35
1.42
V
Reference, Bottom (REFB)
0.76
0.82
0.87
V
Int Reference Temperature Coefficient
10
ppm/
°C
EXTERNAL REFERENCE GENERATION
Reference, Top (REFT)
1.15
1.25
1.35
V
Reference, Bottom (REFB)
0.65
0.75
0.85
V
Input Resistance, REFRIN
(between REFB and REFT)
80
POWER SUPPLY
fIN = 3.5MHz
Operating Supply Current, IDD
357
375
mA
Analog Operating Supply Current, IAVDD
226
245
mA
Digital Operating Supply Current, IDVDD
64
74
mA
Driver Operating Supply Current, IDRVDD
CL = 20pF, 3.3V
60
70
mA
CL = 20pF, 1.8V
31
40
mA
Operating Voltage
AVDD
1.65
1.8
2.0
V
DVDD
1.65
1.8
2.0
V
DRVDD
1.65
1.8
3.6
V
Power Dissipation
DRVDD = 3.3V
733
800
mW
DRVDD = 1.8V
590
615
mW
Power Standby
CLK Running
68
mW
CLK Stopped
54
mW
PDREF = 1, External REF, CLK Running
14
18
mW
PDREF = 1, External REF, CLK Stopped
1.6
5
mW
Power-Supply Rejection Ratio, PSRR
±5%, AV
DD
5mV/V
ADS5122
DC CHARACTERISTICS
AVDD = DVDD = 1.8V, DRVDD = 3.3V, 50% Clock Duty Cycle, CLK = 40MSPS, Analog Input at –0.5dBFS Input Span, Internal Voltage Reference, IREFR = 6.8kΩ,
TMIN = −40°C, TMAX = +85°C, and typical values at TA = 25°C, unless otherwise noted.
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
DIGITAL INPUTS (STBY A-H, PDREF, OE, CLK)
DRVDD = 3.3V/1.8V
High-Level Input Voltage, VIH
VIH = DRVDD
0.70 • DRVDD
V
Low-Level Input Voltage, VIL
VIL = 0V
0.25 • DRVDD
V
High-Level Input Current, IIH
±1
µA
Low-Level Input Current, IIL
±1
µA
DIGITAL INPUTS (DCASEL)
High-Level Input Voltage, VIH
VIH = DVDD
0.70 • DVDD
V
Low-Level Input Voltage, VIL
VIL = 0V
0.25 • DVDD
V
High-Level Input Current, IIH
±1
µA
Low-Level Input Current, IIL
±1
µA
DIGITAL OUTPUTS (DRVDD = 3.3/1.8V)
High-Level Output Voltage, VOH
IOH = –50µA
0.8 • DRVDD
V
Low-Level Output Voltage, VOL
IOL = 50µA
0.2 • DRVDD
V
External Load Capacitance, CL
15
pF
3-State Leakage Current, ILEAK
OE = HIGH
±1
µA


Số phần tương tự - ADS5122

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS5122 TI-ADS5122 Datasheet
393Kb / 19P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5122CGHK TI-ADS5122CGHK Datasheet
393Kb / 19P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS5122

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS5122 TI-ADS5122 Datasheet
393Kb / 19P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5277 TI1-ADS5277_14 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter
ADS5120 TI-ADS5120 Datasheet
325Kb / 18P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5121 TI1-ADS5121_13 Datasheet
494Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5121 TI-ADS5121 Datasheet
404Kb / 17P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5120 TI1-ADS5120_10 Datasheet
458Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5277 TI-ADS5277 Datasheet
1Mb / 28P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface
ADS5277 TI-ADS5277_12 Datasheet
1Mb / 32P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface
ADS5237 TI-ADS5237 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, 10-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
logo
List of Unclassifed Man...
MP7633 ETC-MP7633 Datasheet
1Mb / 5P
   CMOS 10-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com