công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS5121 bảng dữ liệu(PDF) 2 Page - Texas Instruments

tên linh kiện ADS5121
Giải thích chi tiết về linh kiện  8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5121 bảng dữ liệu(HTML) 2 Page - Texas Instruments

  ADS5121_13 Datasheet HTML 1Page - Texas Instruments ADS5121_13 Datasheet HTML 2Page - Texas Instruments ADS5121_13 Datasheet HTML 3Page - Texas Instruments ADS5121_13 Datasheet HTML 4Page - Texas Instruments ADS5121_13 Datasheet HTML 5Page - Texas Instruments ADS5121_13 Datasheet HTML 6Page - Texas Instruments ADS5121_13 Datasheet HTML 7Page - Texas Instruments ADS5121_13 Datasheet HTML 8Page - Texas Instruments ADS5121_13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
ADS5121
2
SBAS281D
www.ti.com
ABSOLUTE MAXIMUM RATINGS(1)
Supply Voltage: AVDD to AGND, DVDD to DGND ............. –0.3V to +2.2V
DRVDD to DRGND ................................... –0.3V to +4.0V
AGND to DGND ...................................... –0.3V to +0.3V
AVDD to DVDD .......................................... –2.2V to +2.2V
Reference Voltage Input Range REFT, REFB to AGND ... –0.3V to AVDD + 0.3V
Analog Input Voltage Range AIN to AGND ........... –0.3V to AVDD + 0.3V
Clock Input CLK to DGND .................................. –0.3V to DRVDD + 0.3V
Digital Input to DGND ........................................... –0.3V to DVDD + 0.3V
Digital Outputs to DRGND .................................. –0.3V to DRVDD + 0.3V
Operating Temperature Range (TJ) ................................... 0°C to +105°C
Storage Temperature Range (TSTG) ................................. –65°C + 150°C
NOTE: (1) Stresses above those listed under
Absolute Maximum Ratings may
cause permanent damage to the device. Exposure to absolute maximum
conditions for extended periods may affect device reliability.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
BLOCK DIAGRAM
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
ADS5121
MicroSTAR BGA-257
GHK
–40
°C to +85°C
ADS5121IGHK
ADS5121IGHK
Tray, 90
ADS5121
ROHS-Compliant MicroSTAR
ZHK
–40
°C to +85°C
ADS5121IZHK
ADS5121IZHK
Tray, 90
NOTE: (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI website at
www.ti.com.
PACKAGE/ORDERING INFORMATION(1)
STBY
10-Bit
ADC
3-State
Output
Buffers
D[9:0]
A
10-Bit
ADC
3-State
Output
Buffers
D[9:0]
B
10-Bit
ADC
3-State
Output
Buffers
D[9:0]
C
10-Bit
ADC
3-State
Output
Buffers
D[9:0]
D
10-Bit
ADC
3-State
Output
Buffers
D[9:0]
E
10-Bit
ADC
3-State
Output
Buffers
D[9:0]
F
10-Bit
ADC
3-State
Output
Buffers
D[9:0]
G
10-Bit
ADC
3-State
Output
Buffers
D[9:0]
H
DCASEL
AINA+
CLK
AINA–
AINB–
AINB+
AINC+
AINC–
AIND–
AIND+
AINE+
AINE–
AINF–
AINF+
AING+
AING–
AINH–
AINH+
IREFR
AV
DD
OE
DRV
DD
DV
DD
Internal
Reference
Circuit
CM
AGND
DRVGND DGND
BG
PDREF REFT
REFB CML


Số phần tương tự - ADS5121_13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS5121IGHK TI-ADS5121IGHK Datasheet
404Kb / 17P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS5121_13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS5120 TI-ADS5120 Datasheet
325Kb / 18P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5121 TI-ADS5121 Datasheet
404Kb / 17P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5120 TI1-ADS5120_10 Datasheet
458Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5122 TI-ADS5122 Datasheet
393Kb / 19P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5122 TI1-ADS5122_13 Datasheet
504Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5270 TI1-ADS5270_13 Datasheet
1Mb / 31P
[Old version datasheet]   8-Channel, 12-Bit, 40MSPS Analog-to-Digital Converter
ADS5203 TI-ADS5203 Datasheet
476Kb / 15P
[Old version datasheet]   DUAL 10-BIT 40MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER
DAC2932 TI1-DAC2932 Datasheet
829Kb / 29P
[Old version datasheet]   Dual, 12-Bit, 40MSPS Digital-to-analog Converter
logo
Burr-Brown (TI)
DAC2932 BURR-BROWN-DAC2932 Datasheet
343Kb / 24P
   DUAL 12-BIT 40MSPS DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
ADS5277 TI1-ADS5277_14 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com