công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC121S101CISDX/NOPB bảng dữ liệu(PDF) 5 Page - Texas Instruments

tên linh kiện ADC121S101CISDX/NOPB
Giải thích chi tiết về linh kiện  Single-Channel, 0.5 to 1-Msps, 12-Bit Analog-to-Digital Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADC121S101CISDX/NOPB bảng dữ liệu(HTML) 5 Page - Texas Instruments

  ADC121S101CISDX/NOPB Datasheet HTML 1Page - Texas Instruments ADC121S101CISDX/NOPB Datasheet HTML 2Page - Texas Instruments ADC121S101CISDX/NOPB Datasheet HTML 3Page - Texas Instruments ADC121S101CISDX/NOPB Datasheet HTML 4Page - Texas Instruments ADC121S101CISDX/NOPB Datasheet HTML 5Page - Texas Instruments ADC121S101CISDX/NOPB Datasheet HTML 6Page - Texas Instruments ADC121S101CISDX/NOPB Datasheet HTML 7Page - Texas Instruments ADC121S101CISDX/NOPB Datasheet HTML 8Page - Texas Instruments ADC121S101CISDX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
5
ADC121S101, ADC121S101-Q1
www.ti.com
SNAS304H – JANUARY 2006 – REVISED APRIL 2016
Product Folder Links: ADC121S101 ADC121S101-Q1
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.5 Thermal Information
THERMAL METRIC(1)
ADC121S101
UNIT
NGF (WSON)
DBV (SOT-23)
6 PINS
6 PINS
RθJA
Junction-to-ambient thermal resistance
94
265
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
118
151
°C/W
RθJB
Junction-to-board thermal resistance
69
30
°C/W
ψJT
Junction-to-top characterization parameter
6.5
30
°C/W
ψJB
Junction-to-board characterization parameter
69
29
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
15
N/A
°C/W
(1)
Tested limits are guaranteed to TI's AOQL (Average Outgoing Quality Level).
(2)
Data sheet minimum and maximum specification limits are guaranteed by design, test, or statistical analysis.
7.6 Electrical Characteristics
VA = 2.7 V to 5.25 V, GND = 0 V, fSCLK = 10 MHz to 20 MHz, CL = 15 pF, fSAMPLE = 500 ksps to 1 Msps, and TA = 25°C
(unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
MIN(2)
TYP
MAX(2)
UNIT
STATIC CONVERTER
Resolution with no missing codes
VA = 2.7 V to 3.6 V, –40°C ≤ TA ≤ 125°C
12
Bits
INL
Integral non-linearity
–40°C
≤ TA ≤ 85°C,
VA = 2.7 V to 3.6 V
SOT-23
–1
±0.4
1
LSB
WSON
–1.2
±0.4
1
TA = 125°C,
VA = 2.7 V to 3.6 V
SOT-23
–1.1
1
WSON
–1.3
1
DNL
Differential non-linearity
–40°C
≤ TA ≤ 85°C, VA = 2.7 V to 3.6 V
0.5
1
LSB
–0.9
–0.3
TA = 125°C, VA = 2.7 V to 3.6 V
–1
1
VOFF
Offset error
–40°C
≤ TA ≤ 125°C, VA = 2.7 V to 3.6 V
–1.2
±0.1
1.2
LSB
GE
Gain error
–40°C
≤ TA ≤ 125°C,
VA = 2.7 V to 3.6 V
SOT-23
–1.2
±0.2
1.2
LSB
WSON
–1.5
±0.2
1.5
DYNAMIC CONVERTER
SINAD
Signal-to-noise plus distortion ratio
VA = 2.7 V to 5.25 V, –40°C ≤ TA ≤ 125°C
fIN = 100 kHz, –0.02 dBFS
70
72
dB
SNR
Signal-to-noise ratio
VA = 2.7 V to 5.25 V, –40°C ≤ TA ≤ 85°C
fIN = 100 kHz, –0.02 dBFS
70.8
72.5
dB
VA = 2.7 V to 5.25 V, TA = 125°C
fIN = 100 kHz, –0.02 dBFS
70.6
THD
Total harmonic distortion
VA = 2.7 V to 5.25 V, fIN = 100 kHz,
–0.02 dBFS
–80
dB
SFDR
Spurious-free dynamic range
VA = 2.7 V to 5.25 V, fIN = 100 kHz,
–0.02 dBFS
82
dB
ENOB
Effective number of bits
VA = 2.7 V to 5.25 V, fIN = 100 kHz,
–0.02 dBFS, –40°C
≤ TA ≤ 125°C
11.3
11.6
Bits
IMD
Intermodulation distortion,
second order terms
VA = 5.25 V, fa = 103.5 kHz, fb = 113.5 kHz
–78
dB
Intermodulation distortion,
third order terms
VA = 5.25 V, fa = 103.5 kHz, fb = 113.5 kHz
–78
dB
FPBW
–3-dB full power bandwidth
VA = 5 V
11
MHz
VA = 3 V
8


Số phần tương tự - ADC121S101CISDX/NOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC121S101CISDX/NOPB TI-ADC121S101CISDX/NOPB Datasheet
1Mb / 23P
[Old version datasheet]   Single Channel, 0.5 to 1 Msps, 12-Bit A/D Converter
More results

Mô tả tương tự - ADC121S101CISDX/NOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC121S101 TI-ADC121S101 Datasheet
1Mb / 23P
[Old version datasheet]   Single Channel, 0.5 to 1 Msps, 12-Bit A/D Converter
ADS5401 TI1-ADS5401_16 Datasheet
1Mb / 49P
[Old version datasheet]   Single 12-Bit 800-Msps Analog-to-Digital Converter
ADS5463 TI-ADS5463 Datasheet
1Mb / 25P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5522IPAP TI-ADS5522IPAP Datasheet
1Mb / 32P
[Old version datasheet]   12-Bit, 80 MSPS Analog-To-Digital Converter
ADC3421 TI1-ADC3421 Datasheet
3Mb / 79P
[Old version datasheet]   Quad-Channel, 12-Bit, 25-MSPS to 125-MSPS, Analog-to-Digital Converter
ADS5463 TI-ADS5463_07 Datasheet
1Mb / 27P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5463-EP TI1-ADS5463-EP Datasheet
1Mb / 33P
[Old version datasheet]   12-BIT, 500-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5463-EP TI1-ADS5463-EP_14 Datasheet
1Mb / 32P
[Old version datasheet]   12-BIT, 500-MSPS ANALOG-TO-DIGITAL CONVERTER
ADC34J22 TI1-ADC34J22 Datasheet
6Mb / 88P
[Old version datasheet]   Quad-Channel, 12-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter
ADS5520IPAP TI1-ADS5520IPAP Datasheet
1Mb / 38P
[Old version datasheet]   12-Bit, 125 MSPS Analog-To-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com