công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC121S101CISD/NOPB bảng dữ liệu(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADC121S101CISD/NOPB
Giải thích chi tiết về linh kiện  Single-Channel, 0.5 to 1-Msps, 12-Bit Analog-to-Digital Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADC121S101CISD/NOPB bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button ADC121S101CISD/NOPB Datasheet HTML 2Page - Texas Instruments ADC121S101CISD/NOPB Datasheet HTML 3Page - Texas Instruments ADC121S101CISD/NOPB Datasheet HTML 4Page - Texas Instruments ADC121S101CISD/NOPB Datasheet HTML 5Page - Texas Instruments ADC121S101CISD/NOPB Datasheet HTML 6Page - Texas Instruments ADC121S101CISD/NOPB Datasheet HTML 7Page - Texas Instruments ADC121S101CISD/NOPB Datasheet HTML 8Page - Texas Instruments ADC121S101CISD/NOPB Datasheet HTML 9Page - Texas Instruments ADC121S101CISD/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
6
ADC121S101, ADC121S101-Q1
SNAS304H – JANUARY 2006 – REVISED APRIL 2016
www.ti.com
Product Folder Links: ADC121S101 ADC121S101-Q1
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
VA = 2.7 V to 5.25 V, GND = 0 V, fSCLK = 10 MHz to 20 MHz, CL = 15 pF, fSAMPLE = 500 ksps to 1 Msps, and TA = 25°C
(unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
MIN(2)
TYP
MAX(2)
UNIT
(3)
This condition is for fSCLK = 20 MHz.
(4)
This is the frequency range over which the electrical performance is guaranteed. The device is functional over a wider range which is
specified under Operating Ratings.
(5)
Minimum quiet time required by bus relinquish and the start of the next conversion.
ANALOG INPUT
VIN
Input range
0 to VA
V
IDCL
DC leakage current
–40°C
≤ TA ≤ 125°C
–1
1
µA
CINA
Input capacitance
Track mode
30
pF
Hold mode
4
DIGITAL INPUT
VIH
Input high voltage
VA = 5.25 V, –40°C ≤ TA ≤ 125°C
2.4
V
VA = 3.6 V, –40°C ≤ TA ≤ 125°C
2.1
VIL
Input low voltage
VA = 5 V, –40°C ≤ TA ≤ 125°C
0.8
V
VA = 3 V, –40°C ≤ TA ≤ 125°C
0.4
IIN
Input current
VIN = 0 V or VA, –40°C ≤ TA ≤ 125°C
–1
±0.1
1
µA
CIND
Digital input capacitance
–40°C
≤ TA ≤ 125°C
2
4
pF
DIGITAL OUTPUT
VOH
Output high voltage
ISOURCE = 200 µA, –40°C ≤ TA ≤ 125°C
VA – 0.2
VA – 0.07
V
ISOURCE = 1 mA
VA – 0.1
VOL
Output low voltage
ISINK = 200 µA, –40°C ≤ TA ≤ 125°C
0.03
0.4
V
ISINK = 1 mA
0.1
IOZH, IOZL TRI-STATE leakage current
–40°C
≤ TA ≤ 125°C
–10
±0.1
10
µA
COUT
TRI-STATE output capacitance
–40°C
≤ TA ≤ 125°C
2
4
pF
Output coding
Straight (natural) binary
POWER SUPPLY
VA
Supply voltage
–40°C
≤ TA ≤ 125°C
2.7
5.25
V
IA
Supply current, normal mode
(operational, CS low)
VA = 5.25 V, fSAMPLE = 1 Msps,
–40°C
≤ TA ≤ 125°C
2.0
3.2
mA
VA = 3.6 V, fSAMPLE = 1 Msps,
–40°C
≤ TA ≤ 125°C
0.6
1.5
Supply current, shutdown
(CS high)
fSCLK = 0 MHz, VA = 5 V, fSAMPLE = 0 ksps
500
nA
fSCLK = 20 MHz, VA = 5 V, fSAMPLE = 0 ksps
60
µA
PD
Power consumption, normal mode
(operational, CS low)
VA = 5 V, –40°C ≤ TA ≤ 125°C
10
16
mW
VA = 3 V, –40°C ≤ TA ≤ 125°C
2.0
4.5
Power consumption, shutdown
(CS high)
fSCLK = 0 MHz, VA = 5 V, fSAMPLE = 0 ksps
2.5
µW
fSCLK = 20 MHz, VA = 5 V, fSAMPLE = 0 ksps
300
AC
fSCLK
Clock frequency(3)
–40°C
≤ TA ≤ 125°C
(4)
10
20
MHz
fS
Sample rate
–40°C
≤ TA ≤ 125°C
(4)
500
1000
ksps
DC
SCLK duty cycle
fSCLK = 20 MHz, –40°C ≤ TA ≤ 125°C
40%
50%
60%
tACQ
Minimum time required for
acquisition
–40°C
≤ TA ≤ 125°C
350
ns
tQUIET
Quiet time
–40°C
≤ TA ≤ 125°C
(5)
50
ns
tAD
Aperture delay
3
ns
tAJ
Aperture jitter
30
ps


Số phần tương tự - ADC121S101CISD/NOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC121S101CISD/NOPB TI-ADC121S101CISD/NOPB Datasheet
1Mb / 23P
[Old version datasheet]   Single Channel, 0.5 to 1 Msps, 12-Bit A/D Converter
More results

Mô tả tương tự - ADC121S101CISD/NOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC121S101 TI-ADC121S101 Datasheet
1Mb / 23P
[Old version datasheet]   Single Channel, 0.5 to 1 Msps, 12-Bit A/D Converter
ADS5401 TI1-ADS5401_16 Datasheet
1Mb / 49P
[Old version datasheet]   Single 12-Bit 800-Msps Analog-to-Digital Converter
ADS5463 TI-ADS5463 Datasheet
1Mb / 25P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5522IPAP TI-ADS5522IPAP Datasheet
1Mb / 32P
[Old version datasheet]   12-Bit, 80 MSPS Analog-To-Digital Converter
ADC3421 TI1-ADC3421 Datasheet
3Mb / 79P
[Old version datasheet]   Quad-Channel, 12-Bit, 25-MSPS to 125-MSPS, Analog-to-Digital Converter
ADS5463 TI-ADS5463_07 Datasheet
1Mb / 27P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5463-EP TI1-ADS5463-EP Datasheet
1Mb / 33P
[Old version datasheet]   12-BIT, 500-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5463-EP TI1-ADS5463-EP_14 Datasheet
1Mb / 32P
[Old version datasheet]   12-BIT, 500-MSPS ANALOG-TO-DIGITAL CONVERTER
ADC34J22 TI1-ADC34J22 Datasheet
6Mb / 88P
[Old version datasheet]   Quad-Channel, 12-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter
ADS5520IPAP TI1-ADS5520IPAP Datasheet
1Mb / 38P
[Old version datasheet]   12-Bit, 125 MSPS Analog-To-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com