công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC121S051 bảng dữ liệu(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADC121S051
Giải thích chi tiết về linh kiện  Single Channel, 200 to 500 ksps, 12-Bit A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADC121S051 bảng dữ liệu(HTML) 4 Page - Texas Instruments

  ADC121S051 Datasheet HTML 1Page - Texas Instruments ADC121S051 Datasheet HTML 2Page - Texas Instruments ADC121S051 Datasheet HTML 3Page - Texas Instruments ADC121S051 Datasheet HTML 4Page - Texas Instruments ADC121S051 Datasheet HTML 5Page - Texas Instruments ADC121S051 Datasheet HTML 6Page - Texas Instruments ADC121S051 Datasheet HTML 7Page - Texas Instruments ADC121S051 Datasheet HTML 8Page - Texas Instruments ADC121S051 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ADC121S051
SNAS302I – JULY 2005 – REVISED JANUARY 2014
www.ti.com
ADC121S051 Converter Electrical Characteristics
(1) (2)
The following specifications apply for VA = +2.7V to 5.25V, fSCLK = 4 MHz to 10 MHz, fSAMPLE = 200 ksps to 500 ksps, CL = 15
pF, unless otherwise noted. Boldface limits apply for TA = TMIN to TMAX: all other limits TA = 25°C.
Limits
Symbol
Parameter
Conditions
Typical
Units
(2)
STATIC CONVERTER CHARACTERISTICS
Resolution with No Missing Codes
12
Bits
+0.45
LSB (max)
VA = +2.7V to +3.6V
±1.0
−0.40
LSB (min)
INL
Integral Non-Linearity
+0.75
LSB (max)
VA = +4.75 to +5.25V
−0.45
LSB (min)
+0.50
+1.0
LSB (max)
VA = +2.7V to +3.6V
−0.25
−0.9
LSB (min)
DNL
Differential Non-Linearity
+0.80
LSB (max)
VA = +4.75 to +5.25V
−0.50
LSB (min)
VA = +2.7V to +3.6V
−0.18
±1.2
VOFF
Offset Error
LSB (max)
VA = +4.75 to +5.25V
+1.9
VA = +2.7V to +3.6V
−0.62
±1.5
GE
Gain Error
LSB (max)
VA = +4.75 to +5.25V
−1.50
DYNAMIC CONVERTER CHARACTERISTICS
VA = +2.7V to 5.25V
SINAD
Signal-to-Noise Plus Distortion Ratio
72
70
dB (min)
fIN = 100 kHz, −0.02 dBFS
VA = +2.7V to 5.25V
SNR
Signal-to-Noise Ratio
72
70.8
dB (min)
fIN = 100 kHz, −0.02 dBFS
VA = +2.7V to 5.25V
THD
Total Harmonic Distortion
−83
dB
fIN = 100 kHz, −0.02 dBFS
VA = +2.7V to 5.25V
SFDR
Spurious-Free Dynamic Range
84
dB
fIN = 100 kHz, −0.02 dBFS
VA = +2.7V to 5.25V
ENOB
Effective Number of Bits
11.7
11.3
Bits (min)
fIN = 100 kHz, −0.02 dBFS
Intermodulation Distortion, Second
VA = +5.25V
−83
dB
Order Terms
fa = 103.5 kHz, fb = 113.5 kHz
IMD
Intermodulation Distortion, Third Order
VA = +5.25V
−82
dB
Terms
fa = 103.5 kHz, fb = 113.5 kHz
VA = +5V
11
MHz
FPBW
-3 dB Full Power Bandwidth
VA = +3V
8
MHz
ANALOG INPUT CHARACTERISTICS
VIN
Input Range
0 to VA
V
IDCL
DC Leakage Current
±1
µA (max)
Track Mode
30
pF
CINA
Input Capacitance
Hold Mode
4
pF
DIGITAL INPUT CHARACTERISTICS
VA = +5.25V
2.4
V (min)
VIH
Input High Voltage
VA = +3.6V
2.1
V (min)
VA = +5V
0.8
V (max)
VIL
Input Low Voltage
VA = +3V
0.4
V (max)
IIN
Input Current
VIN = 0V or VA
±0.1
±1
µA (max)
CIND
Digital Input Capacitance
2
4
pF (max)
(1)
Tested limits are specified to National's AOQL (Average Outgoing Quality Level).
(2)
Data sheet min/max specification limits are ensured by design, test, or statistical analysis.
4
Submit Documentation Feedback
Copyright © 2005–2014, Texas Instruments Incorporated
Product Folder Links: ADC121S051


Số phần tương tự - ADC121S051

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
ADC121S051 NSC-ADC121S051 Datasheet
621Kb / 13P
   Single Channel, 500 kSPS, 8-Bit A/D Converter
ADC121S051 NSC-ADC121S051 Datasheet
724Kb / 16P
   Single Channel, 200 to 500ksps, 12-Bit A/D Converter
logo
Texas Instruments
ADC121S051 TI-ADC121S051 Datasheet
1Mb / 26P
[Old version datasheet]   ADC081S051 Single Channel, 200 to 500 ksps, 8-Bit A/D Converter
ADC121S051 TI1-ADC121S051 Datasheet
1Mb / 23P
[Old version datasheet]   ADC121S021 Single Channel, 50 to 200 ksps, 12-Bit A/D Converter
ADC121S051 TI1-ADC121S051 Datasheet
1Mb / 24P
[Old version datasheet]   ADC121S021 Single Channel, 50 to 200 ksps, 12-Bit A/D Converter
More results

Mô tả tương tự - ADC121S051

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC128S052 TI1-ADC128S052_14 Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052CIMT TI1-ADC128S052CIMT Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052 TI1-ADC128S052_16 Datasheet
1Mb / 32P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC122S051 TI1-ADC122S051_15 Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps 12-Bit A/D Converter
ADC121S051 TI1-ADC121S051_14 Datasheet
1Mb / 25P
[Old version datasheet]   ADC121S051 Single Channel, 200 to 500 ksps, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC128S052 NSC-ADC128S052 Datasheet
826Kb / 18P
   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC124S051 TI1-ADC124S051_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC124S051 4 Channel, 200 ksps to 500 ksps, 12-Bit A/D Converter
logo
TEXAS ADVANCED OPTOELEC...
ADC101S051 TAOS-ADC101S051 Datasheet
724Kb / 16P
   Single Channel, 200 to 500 ksps, 10-Bit A/D Converter
logo
Texas Instruments
ADC101S051CIMF TI1-ADC101S051CIMF Datasheet
1Mb / 24P
[Old version datasheet]   Single Channel, 200 to 500 ksps, 10-Bit A/D Converter
ADC101S051 TI1-ADC101S051 Datasheet
1Mb / 24P
[Old version datasheet]   Single Channel, 200 to 500 ksps, 10-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com