công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADCS7476 bảng dữ liệu(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADCS7476
Giải thích chi tiết về linh kiện  8-Bit A/D Converters
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADCS7476 bảng dữ liệu(HTML) 5 Page - Texas Instruments

  ADCS7476 Datasheet HTML 1Page - Texas Instruments ADCS7476 Datasheet HTML 2Page - Texas Instruments ADCS7476 Datasheet HTML 3Page - Texas Instruments ADCS7476 Datasheet HTML 4Page - Texas Instruments ADCS7476 Datasheet HTML 5Page - Texas Instruments ADCS7476 Datasheet HTML 6Page - Texas Instruments ADCS7476 Datasheet HTML 7Page - Texas Instruments ADCS7476 Datasheet HTML 8Page - Texas Instruments ADCS7476 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
5
ADCS7476, ADCS7477, ADCS7478
www.ti.com
SNAS192G – APRIL 2003 – REVISED MAY 2016
Product Folder Links: ADCS7476 ADCS7477 ADCS7478
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
(1)
Data sheet minimum and maximum specification limits are ensured by design, test, or statistical analysis.
6.5 Electrical Characteristics – ADCS7476
TA = 25°C, VDD = 2.7 V to 5.25 V, fSCLK = 20 MHz, and fSAMPLE = 1 MSPS (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC CONVERTER CHARACTERISTICS
Resolution with no missing codes
VDD = 2.7 V to 3.6 V, –40°C ≤ TA ≤ 125°C
12
Bits
INL
Integral non-linearity
VDD = 2.7 V to 3.6 V
TA = 25°C
±0.4
LSB
–40°C
≤ TA ≤ 85°C
±1
VDD = 2.7 V to 3.6 V, TA = 125°C
–1.1
1
LSB
DNL
Differential non-linearity
VDD = 2.7 V to 3.6 V
TA = 25°C
–0.3
0.5
LSB
–40°C
≤ TA ≤ 85°C
–0.9
1
VDD = 2.7 V to 3.6 V, TA = 125°C
±1
LSB
VOFF
Offset error
VDD = 2.7 V to 3.6 V
TA = 25°C
±0.1
LSB
−40°C ≤ TA ≤ 125°C
±1.2
GE
Gain error
VDD = 2.7 V to 3.6 V
TA = 25°C
±0.2
LSB
–40°C
≤ TA ≤ 125°C
±1.2
DYNAMIC CONVERTER CHARACTERISTICS
SINAD
Signal-to-noise plus distortion ratio
fIN = 100 kHz
TA = 25°C
72
dB
–40°C
≤ TA ≤ 125°C
70
SNR
Signal-to-noise ratio
fIN = 100 kHz
TA = 25°C
72.5
dB
–40°C
≤ TA ≤ 85°C
70.8
fIN = 100 kHz, TA = 125°C
70.6
dB
THD
Total harmonic distortion
fIN = 100 kHz
–80
dB
SFDR
Spurious-free dynamic range
fIN = 100 kHz
82
dB
IMD
Intermodulation distortion,
second order terms
fa = 103.5 kHz, fb = 113.5 kHz
–78
dB
Intermodulation distortion,
third order terms
fa = 103.5 kHz, fb = 113.5 kHz
–78
dB
FPBW
–3-dB full power bandwidth
5-V supply
11
MHz
3-V supply
8
MHz
POWER SUPPLY CHARACTERISTICS
IDD
Normal mode (static)
VDD = 4.75 V to 5.25 V, SCLK On or Off
2
mA
VDD = 2.7 V to 3.6 V, SCLK On or Off
1
mA
Normal mode (operational)
VDD = 4.75 V to 5.25 V,
fSAMPLE = 1 MSPS
TA = 25°C
2
mA
–40°C
≤ TA ≤ 85°C
3.5
VDD = 2.7 V to 3.6 V,
fSAMPLE = 1 MSPS
TA = 25°C
0.6
mA
–40°C
≤ TA ≤ 85°C
1.6
Shutdown mode
VDD = 5 V, SCLK Off
0.5
µA
VDD = 5 V, SCLK On
60
µA
PD
Power consumption,
normal mode (operational)
VDD = 5 V,
fSAMPLE = 1 MSPS
TA = 25°C
10
mW
–40°C
≤ TA ≤ 85°C
17.5
VDD = 3 V,
fSAMPLE = 1 MSPS
TA = 25°C
2
mW
–40°C
≤ TA ≤ 85°C
4.8
Power consumption,
shutdown mode
VDD = 5 V, SCLK Off
2.5
µW
VDD = 3 V, SCLK Off
1.5
µW
ANALOG INPUT CHARACTERISTICS
VIN
Input range
0 to VDD
V
IDCL
DC leakage current
–40°C
≤ TA ≤ 85°C
±1
µA
CINA
Analog input capacitance
30
pF
DIGITAL INPUT CHARACTERISTICS


Số phần tương tự - ADCS7476

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
ADCS7476 NSC-ADCS7476 Datasheet
514Kb / 22P
   1MSPS, 12-/10-/8-Bit A/D Converters in 6-Lead SOT-23
ADCS7476 NSC-ADCS7476 Datasheet
499Kb / 24P
   1MSPS, 12-/10-/8-Bit A/D Converters in SOT-23 & LLP
logo
Texas Instruments
ADCS7476 TI1-ADCS7476 Datasheet
1Mb / 30P
[Old version datasheet]   ADCS7478 1MSPS, 12-/10-/8-Bit A/D Converters in SOT-23 & WSON
logo
National Semiconductor ...
ADCS7476AIMF NSC-ADCS7476AIMF Datasheet
514Kb / 22P
   1MSPS, 12-/10-/8-Bit A/D Converters in 6-Lead SOT-23
ADCS7476AIMF NSC-ADCS7476AIMF Datasheet
499Kb / 24P
   1MSPS, 12-/10-/8-Bit A/D Converters in SOT-23 & LLP
More results

Mô tả tương tự - ADCS7476

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
DAC0807 NSC-DAC0807 Datasheet
222Kb / 10P
   8-Bit D/A Converters
logo
API Technologies Corp
MN5120 APITECH-MN5120 Datasheet
1Mb / 8P
   8-bit A/D Converters
logo
Integrated Circuit Syst...
MN5120 ICST-MN5120 Datasheet
1Mb / 8P
   8-bit A/D Converters
logo
National Semiconductor ...
DAC0808 NSC-DAC0808 Datasheet
195Kb / 10P
   8-Bit D/A Converters
January 1995
logo
NXP Semiconductors
ADC0803 PHILIPS-ADC0803 Datasheet
187Kb / 18P
   CMOS 8-bit A/D converters
2002 Oct 17
ADC0803 PHILIPS-ADC0803 Datasheet
154Kb / 18P
   CMOS 8-bit A/D converters
2002 Oct 17
logo
Intersil Corporation
AD7523 INTERSIL-AD7523 Datasheet
99Kb / 9P
   8-Bit, Multiplying D/A Converters
August 1997
logo
List of Unclassifed Man...
ADC-305 ETC-ADC-305 Datasheet
193Kb / 6P
   8-Bit, 20MHz CMOS A/D Converters
logo
API Technologies Corp
MN3000 APITECH-MN3000 Datasheet
1Mb / 4P
   High-accuracy 8-bit D/A Converters
logo
List of Unclassifed Man...
MN5100 ETC1-MN5100 Datasheet
1Mb / 6P
   High-speed 8-bit A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com