công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC3242 bảng dữ liệu(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADC3242
Giải thích chi tiết về linh kiện  Analog-to-Digital Converters
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3242 bảng dữ liệu(HTML) 2 Page - Texas Instruments

  ADC3242 Datasheet HTML 1Page - Texas Instruments ADC3242 Datasheet HTML 2Page - Texas Instruments ADC3242 Datasheet HTML 3Page - Texas Instruments ADC3242 Datasheet HTML 4Page - Texas Instruments ADC3242 Datasheet HTML 5Page - Texas Instruments ADC3242 Datasheet HTML 6Page - Texas Instruments ADC3242 Datasheet HTML 7Page - Texas Instruments ADC3242 Datasheet HTML 8Page - Texas Instruments ADC3242 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 82 page
background image
2
ADC3241, ADC3242, ADC3243, ADC3244
SBAS671C – JULY 2014 – REVISED MARCH 2016
www.ti.com
Product Folder Links: ADC3241 ADC3242 ADC3243 ADC3244
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 4
6
Pin Configuration and Functions ......................... 4
7
Specifications......................................................... 6
7.1
Absolute Maximum Ratings ...................................... 6
7.2
ESD Ratings.............................................................. 6
7.3
Recommended Operating Conditions ....................... 6
7.4
Thermal Information .................................................. 7
7.5
Electrical Characteristics: ADC3241, ADC3242 ....... 7
7.6
Electrical Characteristics: ADC3243, ADC3244 ....... 7
7.7
Electrical Characteristics: General ............................ 8
7.8
AC Performance: ADC3241 ...................................... 9
7.9
AC Performance: ADC3242 .................................... 11
7.10
AC Performance: ADC3243 .................................. 13
7.11
AC Performance: ADC3244 .................................. 15
7.12
Digital Characteristics ........................................... 17
7.13
Timing Requirements: General ............................. 17
7.14
Timing Requirements: LVDS Output..................... 18
7.15
Typical Characteristics: ADC3241 ........................ 19
7.16
Typical Characteristics: ADC3242 ........................ 25
7.17
Typical Characteristics: ADC3243 ........................ 31
7.18
Typical Characteristics: ADC3244 ........................ 37
7.19
Typical Characteristics: Common ......................... 43
7.20
Typical Characteristics: Contour ........................... 44
8
Parameter Measurement Information ................ 45
8.1
Timing Diagrams ..................................................... 45
9
Detailed Description ............................................ 47
9.1
Overview ................................................................. 47
9.2
Functional Block Diagram ....................................... 47
9.3
Feature Description................................................. 48
9.4
Device Functional Modes........................................ 52
9.5
Programming........................................................... 53
9.6
Register Maps ......................................................... 57
10
Applications and Implementation...................... 69
10.1
Application Information.......................................... 69
10.2
Typical Applications .............................................. 70
11
Power-Supply Recommendations ..................... 72
12
Layout................................................................... 73
12.1
Layout Guidelines ................................................. 73
12.2
Layout Example .................................................... 73
13
Device and Documentation Support ................. 74
13.1
Related Links ........................................................ 74
13.2
Community Resources.......................................... 74
13.3
Trademarks ........................................................... 74
13.4
Electrostatic Discharge Caution ............................ 74
13.5
Glossary ................................................................ 74
14
Mechanical, Packaging, and Orderable
Information ........................................................... 74
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (March 2015) to Revision C
Page
Added Digital Inputs section to Digital Characteristics table ................................................................................................ 17
Changed Wake-up time parameter maximum specifications in Timing Requirements: General table ................................ 17
Updated Figure 19, Figure 20, Figure 23, Figure 24 , Figure 25, and Figure 26 ................................................................. 22
Updated Figure 50 , Figure 51, Figure 54, Figure 55, Figure 56, and Figure 57. ................................................................ 28
Updated Figure 81, Figure 82, Figure 85, Figure 86, Figure 87, and Figure 88 . ............................................................... 34
Updated Figure 112, Figure 113, Figure 116, Figure 117, Figure 118, and Figure 119. ..................................................... 40
Changed Figure 133. ........................................................................................................................................................... 45
Changed SNR and Clock Jitter section: changed typical thermal noise value and changed Figure 141 to reflect
updated thermal noise value ................................................................................................................................................ 49
Changed Table 3 .................................................................................................................................................................. 50
Changed Changed Figure 142 ............................................................................................................................................. 51
Added Improving Wake-Up Time From Global Power-Down section .................................................................................. 53
Changed Table 8: changed FLIP BITS to FLIP WIRE in register 4h, changed bit D7 in row 70A, and added register
13 row ................................................................................................................................................................................... 57
Changed Summary of Special Mode Registers section: changed title, moved section to correct location ......................... 58
Changed register 04h description......................................................................................................................................... 59
Changed register 0Ah and 0Bh descriptions........................................................................................................................ 61
Added register 13h ............................................................................................................................................................... 63
Changed register 70Ah to include DIS CLK FILT bit ........................................................................................................... 68


Số phần tương tự - ADC3242

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
MPS Industries, Inc.
ADC324 MPSIND-ADC324 Datasheet
172Kb / 2P
   2W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
Texas Instruments
ADC3241 TI1-ADC3241 Datasheet
2Mb / 70P
[Old version datasheet]   Low-Noise, Precision, 150-MHz, Fully Differential Amplifier
ADC3241 TI1-ADC3241 Datasheet
2Mb / 71P
[Old version datasheet]   Dual-Channel, Low-Noise, Precision, 150-MHz, Fully Differential Amplifier
ADC3244E TI1-ADC3244E Datasheet
2Mb / 55P
[Old version datasheet]   Dual-channel, 14-bit, 125-MSPS analog-to-digital converter
ADC3244EIRGZT TI1-ADC3244EIRGZT Datasheet
2Mb / 55P
[Old version datasheet]   Dual-channel, 14-bit, 125-MSPS analog-to-digital converter
More results

Mô tả tương tự - ADC3242

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS822 TI1-ADS822_15 Datasheet
882Kb / 18P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTERS
logo
DATEL, Inc.
DAC-88GC-2-C DATEL-DAC-88GC-2-C Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88GE-2 DATEL-DAC-88GE-2 Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88GM-2-C DATEL-DAC-88GM-2-C Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-HF12BMM DATEL-DAC-HF12BMM Datasheet
115Kb / 1P
   Digital-to-Analog Converters
DAC-HF12BMC DATEL-DAC-HF12BMC Datasheet
115Kb / 1P
   Digital-to-Analog Converters
DAC-HF10BMM-C DATEL-DAC-HF10BMM-C Datasheet
115Kb / 1P
   Digital-to-Analog Converters
DAC-88ME-C DATEL-DAC-88ME-C Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88ME-2 DATEL-DAC-88ME-2 Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88ME DATEL-DAC-88ME Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-HP16BME-1 DATEL-DAC-HP16BME-1 Datasheet
115Kb / 1P
   Digital-to-Analog Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com