công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADC12DC105 bảng dữ liệu(PDF) 9 Page - Texas Instruments |
|
|
ADC12DC105 bảng dữ liệu(HTML) 9 Page - Texas Instruments |
9 / 26 page ADC12DC105 www.ti.com SNAS469B – SEPTEMBER 2008 – REVISED MARCH 2013 Specification Definitions APERTURE DELAY is the time after the falling edge of the clock to when the input signal is acquired or held for conversion. APERTURE JITTER (APERTURE UNCERTAINTY) is the variation in aperture delay from sample to sample. Aperture jitter manifests itself as noise in the output. CLOCK DUTY CYCLE is the ratio of the time during one cycle that a repetitive digital waveform is high to the total time of one period. The specification here refers to the ADC clock input signal. COMMON MODE VOLTAGE (VCM) is the common DC voltage applied to both input terminals of the ADC. CONVERSION LATENCY is the number of clock cycles between initiation of conversion and when that data is presented to the output driver stage. Data for any given sample is available at the output pins the Pipeline Delay plus the Output Delay after the sample is taken. New data is available at every clock cycle, but the data lags the conversion by the pipeline delay. CROSSTALK is coupling of energy from one channel into the other channel. DIFFERENTIAL NON-LINEARITY (DNL) is the measure of the maximum deviation from the ideal step size of 1 LSB. EFFECTIVE NUMBER OF BITS (ENOB, or EFFECTIVE BITS) is another method of specifying Signal-to-Noise and Distortion Ratio or SINAD. ENOB is defined as (SINAD - 1.76) / 6.02 and says that the converter is equivalent to a perfect ADC of this (ENOB) number of bits. FULL POWER BANDWIDTH is a measure of the frequency at which the reconstructed output fundamental drops 3 dB below its low frequency value for a full scale input. GAIN ERROR is the deviation from the ideal slope of the transfer function. It can be calculated as: Gain Error = Positive Full Scale Error − Negative Full Scale Error (1) It can also be expressed as Positive Gain Error and Negative Gain Error, which are calculated as: PGE = Positive Full Scale Error - Offset Error NGE = Offset Error - Negative Full Scale Error (2) INTEGRAL NON LINEARITY (INL) is a measure of the deviation of each individual code from a best fit straight line. The deviation of any given code from this straight line is measured from the center of that code value. INTERMODULATION DISTORTION (IMD) is the creation of additional spectral components as a result of two sinusoidal frequencies being applied to the ADC input at the same time. It is defined as the ratio of the power in the intermodulation products to the total power in the original frequencies. IMD is usually expressed in dBFS. LSB (LEAST SIGNIFICANT BIT) is the bit that has the smallest value or weight of all bits. This value is VFS/2 n, where “VFS” is the full scale input voltage and “n” is the ADC resolution in bits. MISSING CODES are those output codes that will never appear at the ADC outputs. The ADC is ensured not to have any missing codes. MSB (MOST SIGNIFICANT BIT) is the bit that has the largest value or weight. Its value is one half of full scale. NEGATIVE FULL SCALE ERROR is the difference between the actual first code transition and its ideal value of ½ LSB above negative full scale. OFFSET ERROR is the difference between the two input voltages [(VIN+) – (VIN-)] required to cause a transition from code 2047 to 2048. OUTPUT DELAY is the time delay after the falling edge of the clock before the data update is presented at the output pins. PIPELINE DELAY (LATENCY) See CONVERSION LATENCY. POSITIVE FULL SCALE ERROR is the difference between the actual last code transition and its ideal value of 1½ LSB below positive full scale. POWER SUPPLY REJECTION RATIO (PSRR) is a measure of how well the ADC rejects a change in the power supply voltage. PSRR is the ratio of the Full-Scale output of the ADC with the supply at the minimum DC supply limit to the Full-Scale output of the ADC with the supply at the maximum DC supply limit, expressed in dB. Copyright © 2008–2013, Texas Instruments Incorporated Submit Documentation Feedback 9 Product Folder Links: ADC12DC105 |
Số phần tương tự - ADC12DC105 |
|
Mô tả tương tự - ADC12DC105 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |