công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC12DC105 bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện ADC12DC105
Giải thích chi tiết về linh kiện  105 MSPS A/D Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12DC105 bảng dữ liệu(HTML) 4 Page - Texas Instruments

  ADC12DC105_15 Datasheet HTML 1Page - Texas Instruments ADC12DC105_15 Datasheet HTML 2Page - Texas Instruments ADC12DC105_15 Datasheet HTML 3Page - Texas Instruments ADC12DC105_15 Datasheet HTML 4Page - Texas Instruments ADC12DC105_15 Datasheet HTML 5Page - Texas Instruments ADC12DC105_15 Datasheet HTML 6Page - Texas Instruments ADC12DC105_15 Datasheet HTML 7Page - Texas Instruments ADC12DC105_15 Datasheet HTML 8Page - Texas Instruments ADC12DC105_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
DRGND
VDR
VA
DRGND
ADC12DC105
SNAS469B – SEPTEMBER 2008 – REVISED MARCH 2013
www.ti.com
PIN DESCRIPTIONS (continued)
Pin No.
Symbol
Equivalent Circuit
Description
Digital data output pins that make up the 12-bit conversion result for
42-49,
DA0-DA7,
Channel A. DA0 (pin 42) is the LSB, while DA11 (pin 55) is the MSB
52-55
DA8-DA11
of the output word. Output levels are CMOS compatible.
Digital data output pins that make up the 12-bit conversion result for
23-24,
DB0-DB1,
Channel B. DB0 (pin 23) is the LSB, while DB11 (pin 36) is the MSB
27-36
DB3-DB11
of the output word. Output levels are CMOS compatible.
Data Ready Strobe. The data output transition is synchronized with
39
DRDY
the falling edge of this signal. This signal switches at the same
frequency as the CLK input.
ANALOG POWER
Positive analog supply pins. These pins should be connected to a
8, 16, 17, 58,
VA
quiet source and be bypassed to AGND with 0.1 µF capacitors
60
located close to the power pins.
The ground return for the analog supply.
1, 4, 12, 15,
AGND
The exposed pad on back of package must be soldered to ground
Exposed Pad
plane to ensure rated performance.
DIGITAL POWER
Positive driver supply pin for the output drivers. This pin should be
26, 38,50
VDR
connected to a quiet voltage source and be bypassed to DRGND
with a 0.1 µF capacitor located close to the power pin.
The ground return for the digital output driver supply. This pins
25, 37, 51
DRGND
should be connected to the system digital ground, but not be
connected in close proximity to the ADC's AGND pins.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2) (3) (4) (5)
Supply Voltage (VA, VDR)
−0.3V to 4.2V
Voltage on Any Pin (Not to exceed 4.2V)
−0.3V to (VA +0.3V)
Input Current at Any Pin other than Supply Pins(6)
±5 mA
Package Input Current(6)
±50 mA
Max Junction Temp (TJ)
+150°C
Thermal Resistance (
θJA)
30°C/W
Human Body Model(7)
2500V
ESD Rating
Machine Model(7)
250V
Storage Temperature
−65°C to +150°C
(1)
All voltages are measured with respect to GND = AGND = DRGND = 0V, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is specified to be functional, but do not ensure specific performance limits. For ensured specifications and test
conditions, see the Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance
characteristics may degrade when the device is not operated under the listed test conditions. Operation of the device beyond the
maximum Operating Ratings is not recommended.
(3)
Soldering process must comply with Reflow Temperature Profile specifications. Refer to www.ti.com/packaging.
(4)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(5)
Reflow temperature profiles are different for lead-free and non-lead-free packages.
(6)
When the input voltage at any pin exceeds the power supplies (that is, VIN < AGND, or VIN > VA), the current at that pin should be
limited to ±5 mA. The ±50 mA maximum package input current rating limits the number of pins that can safely exceed the power
supplies with an input current of ±5 mA to 10.
(7)
Human Body Model is 100 pF discharged through a 1.5 k
Ω resistor. Machine Model is 220 pF discharged through 0 Ω.
4
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: ADC12DC105


Số phần tương tự - ADC12DC105_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC12DC105 TI1-ADC12DC105_14 Datasheet
570Kb / 24P
[Old version datasheet]   Dual 12-Bit, 105 MSPS A/D Converter with CMOS Outputs
More results

Mô tả tương tự - ADC12DC105_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC12DS105 TI1-ADC12DS105 Datasheet
1Mb / 35P
[Old version datasheet]   105 MSPS A/D Converter
ADC14C105 TI1-ADC14C105_15 Datasheet
1Mb / 33P
[Old version datasheet]   95/105 MSPS A/D Converter
ADC12C105 TI1-ADC12C105 Datasheet
1Mb / 32P
[Old version datasheet]   95/105 MSPS A/D Converter
logo
Analog Devices
AD6645ASQZ-105 AD-AD6645ASQZ-105 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASVZ-80 AD-AD6645ASVZ-80 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645 AD-AD6645_15 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
504Kb / 20P
   12-Bit, 80 MSPS/105 MSPS A/D Converter
Rev. E
AD6645ASQ-105 AD-AD6645ASQ-105 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASVZ-105 AD-AD6645ASVZ-105 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASQZ-80 AD-AD6645ASQZ-80 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com