công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

54FF244 bảng dữ liệu(PDF) 5 Page - Texas Instruments

tên linh kiện 54FF244
Giải thích chi tiết về linh kiện  Octal Buffers/Line Drivers with TRI-STATE(RM) Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

54FF244 bảng dữ liệu(HTML) 5 Page - Texas Instruments

  54FF244 Datasheet HTML 1Page - Texas Instruments 54FF244 Datasheet HTML 2Page - Texas Instruments 54FF244 Datasheet HTML 3Page - Texas Instruments 54FF244 Datasheet HTML 4Page - Texas Instruments 54FF244 Datasheet HTML 5Page - Texas Instruments 54FF244 Datasheet HTML 6Page - Texas Instruments 54FF244 Datasheet HTML 7Page - Texas Instruments 54FF244 Datasheet HTML 8Page - Texas Instruments 54FF244 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Storage Temperature
b
65 Cto a150 C
Ambient Temperature under Bias
b
55 Cto a125 C
Junction Temperature under Bias
b
55 Cto a175 C
Plastic
b
55 Cto a150 C
VCC Pin Potential to
Ground Pin
b
05V to a70V
Input Voltage (Note 2)
b
05V to a70V
Input Current (Note 2)
b
30 mA to a50 mA
Voltage Applied to Output
in HIGH State (with VCC e 0V)
Standard Output
b
05V to VCC
TRI-STATE Output
b
05V to a55V
Current Applied to Output
in LOW State (Max)
twice the rated IOL (mA)
ESD Last Passing Voltage (Min)
4000V
Note 1
Absolute maximum ratings are values beyond which the device may
be damaged or have its useful life impaired Functional operation under
these conditions is not implied
Note 2
Either voltage limit or current limit is sufficient to protect inputs
Recommended Operating
Conditions
Free Air Ambient Temperature
Military
b
55 Cto a125 C
Commercial
0 Cto a70 C
Supply Voltage
Military
a
45V to a55V
Commercial
a
45V to a55V
DC Electrical Characteristics
Symbol
Parameter
54F74F
Units
VCC
Conditions
Min
Typ
Max
VIH
Input HIGH Voltage
20
V
Recognized as a HIGH Signal
VIL
Input LOW Voltage
08
V
Recognized as a LOW Signal
VCD
Input Clamp Diode Voltage
b
12
V
Min
IIN eb18 mA
VOH
Output HIGH
54F 10% VCC
24
IOH eb3mA
Voltage
54F 10% VCC
20
IOH eb12 mA
74F 10% VCC
24
V
Min
IOH eb3mA
74F 10% VCC
20
IOH eb15 mA
74F 5% VCC
27
IOH eb3mA
VOL
Output LOW
54F 10% VCC
055
V
Min
IOL e 48 mA
Voltage
74F 10% VCC
055
IOL e 64 mA
IIH
Input HIGH
54F
200
m
A
Max
VIN e 27V
Current
74F
50
IBVI
Input HIGH Current
54F
100
m
A
Max
VIN e 70V
Breakdown Test
74F
70
ICEX
Output HIGH
54F
250
m
A
Max
VOUT e VCC
Leakage Current
74F
50
VID
Input Leakage
74F
475
V
00
IID e 19 mA
Test
All Other Pins Grounded
IOD
Output Leakage
74F
375
m
A
00
VIOD e 150 mV
Circuit Current
All Other Pins Grounded
IIL
Input LOW Current
b
10
mA
Max
VIN e 05V (OE1 OE2 OE2 Dn (’F240))
b
16
VIN e 05V (Dn (’F241 ’F244))
IOZH
Output Leakage Current
50
m
A
Max
VOUT e 27V
IOZL
Output Leakage Current
b
50
m
A
Max
VOUT e 05V
IOS
Output Short-Circuit Current
b
100
b
225
mA
Max
VOUT e 0V
IZZ
Bus Drainage Test
500
m
A
00V
VOUT e 525V
4


Số phần tương tự - 54FF244

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
54F NSC-54F Datasheet
191Kb / 10P
   Up/Down Binary Counter with Separate Up/Down Clocks
54F-74F533 NSC-54F-74F533 Datasheet
166Kb / 8P
   Octal Transparent Latch with TRI-STATE Outputs
54F/74F632 NSC-54F/74F632 Datasheet
225Kb / 14P
   32-Bit Parallel Error Detection and Correction Circuit
54F00 NSC-54F00 Datasheet
99Kb / 8P
   Quad 2-Input NAND Gate
54F00DM NSC-54F00DM Datasheet
99Kb / 8P
   Quad 2-Input NAND Gate
More results

Mô tả tương tự - 54FF244

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
54F240DM NSC-54F240DM Datasheet
189Kb / 10P
   Octal Buffers/Line Drivers with TRI-STATE Outputs
54ACT240DMQB NSC-54ACT240DMQB Datasheet
18Kb / 6P
   Octal Buffers/Line Drivers With TRI-State Outputs
54ACQ244 NSC-54ACQ244 Datasheet
29Kb / 7P
   Octal Buffers/Line Drivers With TRI-State Outputs
MM54C240 NSC-MM54C240 Datasheet
142Kb / 6P
   Octal Buffers and Line Drivers with TRI-STATE Outputs
MM54C941 NSC-MM54C941 Datasheet
136Kb / 6P
   Octal Buffers/Line Receivers/ Line Drivers with TRI-STATE Outputs
54LS240 NSC-54LS240 Datasheet
102Kb / 3P
   Octal TRI-STATE Buffers/Line Drivers/Line Receivers
DM54LS240 NSC-DM54LS240 Datasheet
142Kb / 6P
   Octal TRI-STATE Buffers/Line Drivers/Line Receivers
logo
Fairchild Semiconductor
74F240 FAIRCHILD-74F240_04 Datasheet
82Kb / 8P
   Octal Buffers/Line Drivers with 3-STATE Outputs
logo
Hitachi Semiconductor
HD74BC540A HITACHI-HD74BC540A Datasheet
38Kb / 8P
   Octal Buffers/Line Drivers With 3 State Outputs
HD74BC541A HITACHI-HD74BC541A Datasheet
38Kb / 8P
   Octal Buffers/Line Drivers With 3 State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com