công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC3223IRGZ25 bảng dữ liệu(PDF) 11 Page - Texas Instruments

tên linh kiện ADC3223IRGZ25
Giải thích chi tiết về linh kiện  Dual Channel
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ADC3223IRGZ25 bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button ADC3223IRGZ25 Datasheet HTML 7Page - Texas Instruments ADC3223IRGZ25 Datasheet HTML 8Page - Texas Instruments ADC3223IRGZ25 Datasheet HTML 9Page - Texas Instruments ADC3223IRGZ25 Datasheet HTML 10Page - Texas Instruments ADC3223IRGZ25 Datasheet HTML 11Page - Texas Instruments ADC3223IRGZ25 Datasheet HTML 12Page - Texas Instruments ADC3223IRGZ25 Datasheet HTML 13Page - Texas Instruments ADC3223IRGZ25 Datasheet HTML 14Page - Texas Instruments ADC3223IRGZ25 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 77 page
background image
11
ADC3221, ADC3222, ADC3223, ADC3224
www.ti.com
SBAS672B – JULY 2014 – REVISED MARCH 2016
Product Folder Links: ADC3221 ADC3222 ADC3223 ADC3224
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
(1)
Reported from a 1-MHz offset.
7.9 AC Performance: ADC3222
typical values are over the operating free-air temperature range, at TA = 25°C, full temperature range is TMIN = –40°C to TMAX
= 85°C, ADC sampling rate = 50 MSPS, 50% clock duty cycle, AVDD = DVDD = 1.8 V, and –1-dBFS differential input (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
ADC3222 (fS = 50 MSPS)
UNIT
DITHER ON
DITHER OFF
MIN
TYP
MAX
MIN
TYP
MAX
DYNAMIC AC CHARACTERISTICS
SNR
Signal-to-noise ratio
(from 1-MHz offset)
fIN = 10 MHz
70.9
71.1
dBFS
fIN = 20 MHz
68.5
70.9
71.1
fIN = 70 MHz
70.7
70.9
fIN = 100 MHz
70.5
70.7
fIN = 170 MHz
70
70.1
fIN = 230 MHz
69.3
69.6
Signal-to-noise ratio
(full Nyquist band)
fIN = 10 MHz
70.3
70.5
fIN = 20 MHz
70.1
70.3
fIN = 70 MHz
70.1
70.3
fIN = 100 MHz
69.9
70.2
fIN = 170 MHz
69.5
69.5
fIN = 230 MHz
68.7
69
NSD(1)
Noise spectral density
(averaged across Nyquist zone)
fIN = 10 MHz
–144.9
–145.1
dBFS/Hz
fIN = 20 MHz
–144.9 –142.5
–145.1
fIN = 70 MHz
–144.7
–144.9
fIN = 100 MHz
–144.5
–144.7
fIN = 170 MHz
–144.0
–144.1
fIN = 230 MHz
–143.3
–143.6
SINAD(1)
Signal-to-noise and distortion ratio
fIN = 10 MHz
70.8
71
dBFS
fIN = 20 MHz
68
70.8
71
fIN = 70 MHz
70.6
70.8
fIN = 100 MHz
70.4
70.6
fIN = 170 MHz
69.8
69.9
fIN = 230 MHz
69
69.1
ENOB(1)
Effective number of bits
fIN = 10 MHz
11.5
11.5
Bits
fIN = 20 MHz
11
11.5
11.5
fIN = 70 MHz
11.4
11.5
fIN = 100 MHz
11.4
11.4
fIN = 170 MHz
11.3
11.3
fIN = 230 MHz
11.2
11.2
SFDR
Spurious-free dynamic range
fIN = 10 MHz
89
95
dBc
fIN = 20 MHz
82
95
91
fIN = 70 MHz
95
93
fIN = 100 MHz
88
86
fIN = 170 MHz
85
83
fIN = 230 MHz
82
81


Số phần tương tự - ADC3223IRGZ25

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
MPS Industries, Inc.
ADC322 MPSIND-ADC322 Datasheet
172Kb / 2P
   2W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
Texas Instruments
ADC3221 TI1-ADC3221 Datasheet
2Mb / 71P
[Old version datasheet]   Dual-Channel, Low-Noise, Precision, 150-MHz, Fully Differential Amplifier
More results

Mô tả tương tự - ADC3223IRGZ25

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Agilent(Hewlett-Packard...
HCPL-1930 HP-HCPL-1930 Datasheet
229Kb / 12P
   Dual Channel Line Receiver Dual Channel Line Receiver Dual Channel Line Receiver
logo
PerkinElmer Optoelectro...
LHI814 PERKINELMER-LHI814 Datasheet
237Kb / 1P
   Dual Channel Detector
TPS2534 PERKINELMER-TPS2534 Datasheet
294Kb / 1P
   Dual Channel Thermopile
logo
Fairchild Semiconductor
MOCD207R2M FAIRCHILD-MOCD207R2M Datasheet
2Mb / 9P
   Dual Channel Optocoupler
logo
TT Electronics.
OPB822S TTELEC-OPB822S Datasheet
1Mb / 4P
   Dual Channel Encoder
logo
Texas Instruments
ADC32RF80 TI1-ADC32RF80 Datasheet
434Kb / 8P
[Old version datasheet]   ADC32RF80 Dual-Channel
logo
Solid State Optronic
SDT800-F8 SSOUSA-SDT800-F8 Datasheet
223Kb / 8P
   Dual Channel Optocoupler
logo
Fairchild Semiconductor
MOCD217M FAIRCHILD-MOCD217M Datasheet
2Mb / 10P
   Dual Channel Phototransistor
logo
Infineon Technologies A...
2N7002DW INFINEON-2N7002DW_14 Datasheet
448Kb / 9P
   Dual N-channel
Rev.2.3 2014-09-19
logo
TT Electronics.
OPB950Z TTELEC-OPB950Z Datasheet
976Kb / 6P
   Dual Channel Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com