công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADR435BR-REEL7 bảng dữ liệu(PDF) 6 Page - Analog Devices |
|
ADR435BR-REEL7 bảng dữ liệu(HTML) 6 Page - Analog Devices |
6 / 24 page ADR430/ADR431/ADR433/ADR434/ADR435/ADR439 Rev. B | Page 6 of 24 ADR434 ELECTRICAL CHARACTERISTICS VIN = 6.1 V to 18 V, ILOAD = 0 mA, TA = 25°C, unless otherwise noted. Table 5. Parameter Symbol Conditions Min Typ Max Unit Output Voltage B Grade VO 4.0945 4.096 4.0975 V A Grade VO 4.091 4.096 4.101 V Initial Accuracy B Grade VOERR 1.5 mV B Grade VOERR 0.04 % A Grade VOERR 5 mV A Grade VOERR 0.13 % Temperature Coefficient TCVO SOIC-8 (B Grade) −40°C < TA < +125°C 1 3 ppm/°C SOIC-8 (A Grade) −40°C < TA < +125°C 2 10 ppm/°C MSOP-8 −40°C < TA < +125°C 2 10 ppm/°C Line Regulation ∆VO/∆VIN VIN = 6.1 V to 18 V −40°C < TA < +125°C 5 20 ppm/V Load Regulation ∆VO/∆ILOAD ILOAD = 0 mA to 10 mA, VIN = 7 V −40°C < TA < +125°C 15 ppm/mA ILOAD = −10 mA to 0 mA, VIN = 7 V −40°C < TA < +125°C 15 ppm/mA Quiescent Current IIN No load, −40°C < TA < +125°C 595 800 µA Voltage Noise eN p-p 0.1 Hz to 10.0 Hz 6.25 µV p-p Voltage Noise Density eN 1 kHz 100 nV√Hz Turn-On Settling Time tR CIN = 0 10 µs Long-Term Stability1 ∆VO 1,000 h 40 ppm Output Voltage Hysteresis VO_HYS 20 ppm Ripple Rejection Ratio RRR fIN = 10 kHz −70 dB Short Circuit to GND ISC 40 mA Supply Voltage Operating Range VIN 6.1 18 V Supply Voltage Headroom VIN − VO 2 V 1 The long-term stability specification is noncumulative. The drift in subsequent 1,000 hour periods is significantly lower than in the first 1,000 hour period. |
Số phần tương tự - ADR435BR-REEL7 |
|
Mô tả tương tự - ADR435BR-REEL7 |