công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

6TPE330MAA bảng dữ liệu(PDF) 1 Page - Panasonic Semiconductor

tên linh kiện 6TPE330MAA
Giải thích chi tiết về linh kiện  Surface Mount Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANASONIC [Panasonic Semiconductor]
Trang chủ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

6TPE330MAA bảng dữ liệu(HTML) 1 Page - Panasonic Semiconductor

  6TPE330MAA Datasheet HTML 1Page - Panasonic Semiconductor 6TPE330MAA Datasheet HTML 2Page - Panasonic Semiconductor 6TPE330MAA Datasheet HTML 3Page - Panasonic Semiconductor 6TPE330MAA Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Conductive Polymer Tantalum Solid Capacitors
Lot. No.
R.Cap. code
R. Voltage code
Polarity marking(+)
W1
S
S
L
Small size (L 3.5
×W 2.8×H 1.9 mm)
Low ESR (15 m
Ω)
RoHS compliance, Halogen free
Surface Mount Type
Series : TPE
Size : B
Size code
B2
Category temperature range
–55 °C to +105 °C
Rated voltage range
2.0 V.DC to 10 V.DC
Category voltage range
1.8 V.DC to 8.0 V.DC
Rated capacitance range
47 μF to 470 μF
Capacitance tolerance
±20 % (120 Hz / + 20 °C)
Leakage current
Please see the attached characteristics list
Dissipation factor (tan
d)
Please see the attached characteristics list
Surge voltage (V.DC)
Rated voltage
× 1.15
Endurance
+105 °C, 1000 h rated voltage applied
✽ Rated temp, +85 °C Products : +85 °C, 1000 h, rated voltage applied
Capacitance change
Within ±20 % of the initial value
tan
d
< 1.5 times of the initial limit
DC leakage current Within the initial limit
Damp heat
(Steady State)
+60 °C, 90 % to 95 %, 500 h, No-applied voltage
Capacitance change
Within +50 %, −20 % of the initial value
(2R5TPE220MAZB (MAPB, MAFB), 2R5TPE330MAZB,
2TPE330MAFB (MADGB), 2TPE470MAJGB (MAFB), 2TPE330MFB)
Within +40 %, −20 % of the initial value (Except for above model)
tan d
< 1.5 times of the initial limit
DC leakage current
< 3 times of the initial limit
Size code L±0.2
W±0.2
H±0.1
S±0.2
W1±0.1
B2
3.5
2.8
1.9
0.8
2.2
Unit : mm
Marking
R. Voltage (V.DC)
2.0
2.5
4.0
6.3
8.0
10.0
Code
deg
j
k
A
R. Cap. (μF)
47
100
120
150
220
330
470
Code
S7
A8
C8
E8
J8
N8
S8
✽ Externals of figure are the reference.
Specifications
Features
Dimensions (not to scale)
Nov. 2015
01


Số phần tương tự - 6TPE330MAA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
6TPE330MAA TI-6TPE330MAA Datasheet
1Mb / 29P
[Old version datasheet]   TPSM41625 4-V to 16-V Input, 25-A DC/DC Power Module with Current Sharing
6TPE330MAA TI-6TPE330MAA Datasheet
1Mb / 28P
[Old version datasheet]   TPSM41615 4-V to 16-V Input, 15-A DC/DC Power Module with Current Sharing
logo
Panasonic Semiconductor
6TPE330MAA PANASONIC-6TPE330MAA Datasheet
792Kb / 8P
   Conductive Polymer Tantalum Solid Capacitors
28-Apr-22
6TPE330MAA PANASONIC-6TPE330MAA Datasheet
792Kb / 8P
   Conductive Polymer Tantalum Solid Capacitors
28-Apr-22
More results

Mô tả tương tự - 6TPE330MAA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sharp Corporation
PQ1NXX3MXSPQ SHARP-PQ1NXX3MXSPQ Datasheet
378Kb / 5P
   Compact Surface Mount Type Compact Surface Mount Type
logo
Panasonic Semiconductor
EEVEB2C100Q PANASONIC-EEVEB2C100Q Datasheet
108Kb / 2P
   Surface Mount Type
EEE-FK1E101P PANASONIC-EEE-FK1E101P Datasheet
105Kb / 4P
   Surface Mount Type
4THB330ML PANASONIC-4THB330ML Datasheet
53Kb / 1P
   Surface Mount Type
EEEHB0G470R PANASONIC-EEEHB0G470R Datasheet
162Kb / 3P
   Surface Mount Type
2R5TPG220M PANASONIC-2R5TPG220M Datasheet
46Kb / 1P
   Surface Mount Type
2R5TPU47MSI PANASONIC-2R5TPU47MSI Datasheet
47Kb / 1P
   Surface Mount Type
EEE-1EA220WAR PANASONIC-EEE-1EA220WAR Datasheet
80Kb / 3P
   Surface Mount Type
EEVMC0G330R PANASONIC-EEVMC0G330R Datasheet
56Kb / 2P
   Surface Mount Type
EEE0GS220SR PANASONIC-EEE0GS220SR Datasheet
277Kb / 5P
   Surface Mount Type
EEE-FK1E330UR PANASONIC-EEE-FK1E330UR Datasheet
105Kb / 4P
   Surface Mount Type
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com