công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

6TPF220M5L bảng dữ liệu(PDF) 1 Page - Panasonic Semiconductor

tên linh kiện 6TPF220M5L
Giải thích chi tiết về linh kiện  Surface Mount Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANASONIC [Panasonic Semiconductor]
Trang chủ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

6TPF220M5L bảng dữ liệu(HTML) 1 Page - Panasonic Semiconductor

  6TPF220M5L Datasheet HTML 1Page - Panasonic Semiconductor 6TPF220M5L Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Conductive Polymer Tantalum Solid Capacitors
R.Cap. code
R. Voltage code
Lot. No.
Polarity marking(+)
L
S
W1
S
Surface Mount Type
Series :
TPF
Super low ESR (5 m
Ω max.)
Large capacitance (1000 μF max.)
RoHS compliance, Halogen free
Size code
D2E
D3L
D4
Category temperature range
–55 °C to +105 °C
Rated voltage range
2.0 V.DC
2.5 V.DC to 10 V.DC
2.5 V.DC to 6.3 V.DC
Category voltage range
2.0 V.DC
2.5 V.DC to 10 V.DC
2.5 V.DC to 6.3 V.DC
Rated capacitance range
220 μF to 330 μF
150 μF to 680 μF
470 μF to 1000 μF
Capacitance tolerance
±20 % (120 Hz / + 20 °C)
Leakage current
Please see the attached characteristics list
Dissipation factor (tan
d)
Please see the attached characteristics list
Surge voltage (V.DC)
Rated voltage
× 1.15
Endurance
+105 °C, 2000 h rated voltage applied
Capacitance change
Within ±20 % of the initial value
tan
d
< 1.5 times of the initial limit
DC leakage current Within the initial limit
Damp heat
(Steady State)
+60 °C, 90 % to 95 %, 500 h, No-applied voltage
Capacitance change
Within +50 %, −20 % of the initial value
(2TPF220M6, 2TPF330M6, ETPF1000M6H (5H))
Within +40 %, −20 % of the initial value (Except for above model)
tan
d
< 1.5 times of the initial limit
DC leakage current
< 3 times of the initial limit
Size code L±0.3
W±0.2 H±0.2
1
S±0.2
W1±0.1
D2E
7.3
4.3
1.8
1.3
2.4
D3L
7.3
4.3
2.8
1.3
2.4
D4
7.3
4.3
3.8
1.3
2.4
R. Voltage (V.DC)
2.0
2.5
4.0
6.3
10.0
Code
deg
j
A
Unit : mm
✽ Externals of figure are the reference.
✽ 1 ±0.1 :D2E
Features
Specifications
Marking
Dimensions (not to scale)
Nov. 2015
01


Số phần tương tự - 6TPF220M5L

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
6TPB100MC SANYO-6TPB100MC Datasheet
103Kb / 2P
   standard products corresponding to the diversification of the needs
6TPB150M SANYO-6TPB150M Datasheet
103Kb / 2P
   standard products corresponding to the diversification of the needs
6TPB150MC SANYO-6TPB150MC Datasheet
103Kb / 2P
   standard products corresponding to the diversification of the needs
6TPB150ML SANYO-6TPB150ML Datasheet
103Kb / 2P
   standard products corresponding to the diversification of the needs
6TPB220ML SANYO-6TPB220ML Datasheet
103Kb / 2P
   standard products corresponding to the diversification of the needs
More results

Mô tả tương tự - 6TPF220M5L

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sharp Corporation
PQ1NXX3MXSPQ SHARP-PQ1NXX3MXSPQ Datasheet
378Kb / 5P
   Compact Surface Mount Type Compact Surface Mount Type
logo
Panasonic Semiconductor
EEVEB2C100Q PANASONIC-EEVEB2C100Q Datasheet
108Kb / 2P
   Surface Mount Type
EEE-FK1E101P PANASONIC-EEE-FK1E101P Datasheet
105Kb / 4P
   Surface Mount Type
4THB330ML PANASONIC-4THB330ML Datasheet
53Kb / 1P
   Surface Mount Type
EEEHB0G470R PANASONIC-EEEHB0G470R Datasheet
162Kb / 3P
   Surface Mount Type
2R5TPG220M PANASONIC-2R5TPG220M Datasheet
46Kb / 1P
   Surface Mount Type
2R5TPU47MSI PANASONIC-2R5TPU47MSI Datasheet
47Kb / 1P
   Surface Mount Type
EEE-1EA220WAR PANASONIC-EEE-1EA220WAR Datasheet
80Kb / 3P
   Surface Mount Type
EEVMC0G330R PANASONIC-EEVMC0G330R Datasheet
56Kb / 2P
   Surface Mount Type
EEE0GS220SR PANASONIC-EEE0GS220SR Datasheet
277Kb / 5P
   Surface Mount Type
EEE-FK1E330UR PANASONIC-EEE-FK1E330UR Datasheet
105Kb / 4P
   Surface Mount Type
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com