công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADR430B bảng dữ liệu(PDF) 11 Page - Analog Devices

tên linh kiện ADR430B
Giải thích chi tiết về linh kiện  Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADR430B bảng dữ liệu(HTML) 11 Page - Analog Devices

Back Button ADR430B Datasheet HTML 7Page - Analog Devices ADR430B Datasheet HTML 8Page - Analog Devices ADR430B Datasheet HTML 9Page - Analog Devices ADR430B Datasheet HTML 10Page - Analog Devices ADR430B Datasheet HTML 11Page - Analog Devices ADR430B Datasheet HTML 12Page - Analog Devices ADR430B Datasheet HTML 13Page - Analog Devices ADR430B Datasheet HTML 14Page - Analog Devices ADR430B Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ADR430/ADR431/ADR433/ADR434/ADR435/ADR439
Rev. B | Page 11 of 24
400
430
460
490
520
550
580
610
TEMPERATURE (
°C)
–40 –25 –10
5
20
35
50
65
80
95
110 125
Figure 9. ADR431 Supply Current vs. Temperature
0
3
6
9
12
15
IL = 0mA to 10mA
TEMPERATURE (
°C)
–40 –25 –10
5
20
35
50
65
80
95
110 125
Figure 10. ADR431 Load Regulation vs. Temperature
0
3
6
9
12
15
IL = 0mA to 10mA
TEMPERATURE (
°C)
–40 –25 –10
5
20
35
50
65
80
95
110 125
Figure 11. ADR435 Load Regulation vs. Temperature
0
0.5
1.0
1.5
2.0
2.5
LOAD CURRENT (mA)
–5
–10
0
5
10
–40
°C
+25
°C
+125
°C
Figure 12. ADR431 Minimum Input/Output
Differential Voltage vs. Load Current
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
TEMPERATURE (
°C)
–40 –25 –10
5
20
35
50
65
80
95
110 125
NO LOAD
Figure 13. ADR431 Minimum Headroom vs. Temperature
0
0.5
1.0
1.5
2.0
2.5
LOAD CURRENT (mA)
–5
–10
0
5
10
–40
°C
+25
°C
+125
°C
Figure 14. ADR435 Minimum Input/Output
Differential Voltage vs. Load Current


Số phần tương tự - ADR430B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADR430B AD-ADR430B Datasheet
1Mb / 24P
   Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Rev. J
ADR430B AD-ADR430B Datasheet
1Mb / 24P
   Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Rev. J
ADR430B AD-ADR430B Datasheet
1Mb / 24P
   Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Rev. J
ADR430BRZ AD-ADR430BRZ Datasheet
1Mb / 24P
   Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Rev. J
ADR430BRZ AD-ADR430BRZ Datasheet
1Mb / 24P
   Ultralow Noise XFET Voltage References ith Current Sink and Source Capability
Rev. J
More results

Mô tả tương tự - ADR430B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADR430 AD-ADR430_11 Datasheet
1Mb / 24P
   Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Rev. J
ADR435BRMZ AD-ADR435BRMZ Datasheet
1Mb / 24P
   Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Rev. J
ADR431BRMZ AD-ADR431BRMZ Datasheet
1Mb / 24P
   Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Rev. J
ADR434TRZ-EP AD-ADR434TRZ-EP Datasheet
1Mb / 24P
   Ultralow Noise XFET Voltage References ith Current Sink and Source Capability
Rev. J
ADR441 AD-ADR441_15 Datasheet
403Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR440 AD-ADR440_10 Datasheet
403Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR440 AD-ADR440_15 Datasheet
403Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR445 AD-ADR445_15 Datasheet
403Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR440 AD-ADR440 Datasheet
568Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
REV. A
ADR443 AD-ADR443_15 Datasheet
403Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com