công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCRF200IS00A bảng dữ liệu(PDF) 4 Page - Microchip Technology

tên linh kiện MCRF200IS00A
Giải thích chi tiết về linh kiện  125 kHz microID??Passive RFID Device
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCRF200IS00A bảng dữ liệu(HTML) 4 Page - Microchip Technology

  MCRF200IS00A Datasheet HTML 1Page - Microchip Technology MCRF200IS00A Datasheet HTML 2Page - Microchip Technology MCRF200IS00A Datasheet HTML 3Page - Microchip Technology MCRF200IS00A Datasheet HTML 4Page - Microchip Technology MCRF200IS00A Datasheet HTML 5Page - Microchip Technology MCRF200IS00A Datasheet HTML 6Page - Microchip Technology MCRF200IS00A Datasheet HTML 7Page - Microchip Technology MCRF200IS00A Datasheet HTML 8Page - Microchip Technology MCRF200IS00A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
MCRF200
DS21219H-page 4
 2003 Microchip Technology Inc.
2.0
FUNCTION DESCRIPTION
The device contains three major building blocks. They
are RF front-end, configuration and control logic, and
memory sections. The Block Diagram is shown on
page 1.
2.1
RF Front-End
The RF front-end of the device includes circuits for
rectification of the carrier, VDD (operating voltage) and
high-voltage clamping. This section also includes a
clock generator and modulation circuit.
2.1.1
RECTIFIER – AC CLAMP
The rectifier circuit rectifies RF voltage on the external
LC antenna circuit. Any excessive voltage on the tuned
circuit is clamped by the internal circuitry to a safe level
to prevent damage to the IC.
2.1.2
POWER-ON RESET
This circuit generates a Power-on Reset when the tag
first enters the reader field. The Reset releases when
sufficient power has developed on the VDD regulator to
allow correct operation.
2.1.3
CLOCK GENERATOR
This circuit generates a clock based on the carrier
frequency from the reader. This clock is used to derive
all timing in the device, including the baud rate and
modulation rate.
2.1.4
MODULATION CIRCUIT
The device sends the encoded data to the reader by
AM-modulating the coil voltage across the tuned LC
circuit. A modulation transistor is placed between the
two antenna coil pads (VA and VB). The transistor turns
on and off based on the modulation signal. As a result,
the amplitude of the antenna coil voltage varies with the
modulation signal. See Figure 2-1 for details.
FIGURE 2-1:
MODULATION SIGNAL AND MODULATED SIGNAL
MCRF200
Modulation
Signal
VA
VB
Modulation
Modulation Signal
Modulated RF Signal
(across VA and VB)
LC
Amplitude
t
Transistor


Số phần tương tự - MCRF200IS00A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCRF202 MICROCHIP-MCRF202 Datasheet
340Kb / 20P
   125 kHz Passive RFID Device with Sensor Input
2003
MCRF202-I/P MICROCHIP-MCRF202-I/P Datasheet
340Kb / 20P
   125 kHz Passive RFID Device with Sensor Input
2003
MCRF202-I/S MICROCHIP-MCRF202-I/S Datasheet
340Kb / 20P
   125 kHz Passive RFID Device with Sensor Input
2003
MCRF202-I/SB MICROCHIP-MCRF202-I/SB Datasheet
340Kb / 20P
   125 kHz Passive RFID Device with Sensor Input
2003
MCRF202-I/SN MICROCHIP-MCRF202-I/SN Datasheet
340Kb / 20P
   125 kHz Passive RFID Device with Sensor Input
2003
More results

Mô tả tương tự - MCRF200IS00A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCRF250 MICROCHIP-MCRF250 Datasheet
395Kb / 24P
   125 kHz microID Passive RFID Device with Anti-Collision
2003
MCRF202 MICROCHIP-MCRF202 Datasheet
340Kb / 20P
   125 kHz Passive RFID Device with Sensor Input
2003
MCRF450 MICROCHIP-MCRF450 Datasheet
1Mb / 50P
   13.56 MHz Read/Write Passive RFID Device
2003
logo
ATMEL Corporation
AT88RF256-12 ATMEL-AT88RF256-12 Datasheet
190Kb / 12P
   125 kHz RFID Chip for Cards and Tags
logo
Abracon Corporation
ARRRN5-915.000MHZ ABRACON-ARRRN5-915.000MHZ Datasheet
3Mb / 2P
   RFID Reader (Passive)
11.17.14
ARRTN5-915.000MHZ ABRACON-ARRTN5-915.000MHZ Datasheet
4Mb / 2P
   RFID Reader (Passive)
11.24.14
ARRAN5-868.000MHZ ABRACON-ARRAN5-868.000MHZ Datasheet
2Mb / 2P
   RFID Reader (Passive)
11.17.14
ARRCN5-915.000MHZ ABRACON-ARRCN5-915.000MHZ Datasheet
1Mb / 2P
   RFID Reader (Passive)
11.17.14
ARRSN5-915.000MHZ ABRACON-ARRSN5-915.000MHZ Datasheet
4Mb / 2P
   RFID Reader (Passive)
11.24.14
ARRAN5-915.000MHZ ABRACON-ARRAN5-915.000MHZ Datasheet
2Mb / 2P
   RFID Reader (Passive)
11.17.14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com