công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCRF200IWF08D bảng dữ liệu(PDF) 6 Page - Microchip Technology

tên linh kiện MCRF200IWF08D
Giải thích chi tiết về linh kiện  125 kHz microID??Passive RFID Device
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCRF200IWF08D bảng dữ liệu(HTML) 6 Page - Microchip Technology

Back Button MCRF200IWF08D Datasheet HTML 2Page - Microchip Technology MCRF200IWF08D Datasheet HTML 3Page - Microchip Technology MCRF200IWF08D Datasheet HTML 4Page - Microchip Technology MCRF200IWF08D Datasheet HTML 5Page - Microchip Technology MCRF200IWF08D Datasheet HTML 6Page - Microchip Technology MCRF200IWF08D Datasheet HTML 7Page - Microchip Technology MCRF200IWF08D Datasheet HTML 8Page - Microchip Technology MCRF200IWF08D Datasheet HTML 9Page - Microchip Technology MCRF200IWF08D Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
MCRF200
DS21219H-page 6
 2003 Microchip Technology Inc.
FIGURE 2-3:
PSK DATA MODULATION
2.2.4
MEMORY ARRAY LOCK BIT (CB12)
The CB12 must be ‘0’ for contactless programming
(Blank). The bit (CB12) is automatically set to ‘1’ as
soon as the device is programmed contactlessly.
2.3
Memory Section
The device has 128 bits of one-time programmable
(OTP) memory. The user can choose 96 or 128 bits by
selecting the CB1 bit in the configuration register. See
Table 2-4 for more details.
2.3.1
COLUMN AND ROW DECODER
LOGIC AND BIT COUNTER
The column and row decoders address the EEPROM
array at the clock rate and generate a serial data
stream for modulation. This data stream can be up to
128 bits in length. The size of the data stream is user
programmable with CB1 and can be set to 96 or 128
bits. Data lengths of 48 and 64 bits are available by
programming the data twice in the array, end-to-end.
The column and row decoders route the proper voltage
to the array for programming and reading. In the
programming modes, each individual bit is addressed
serially from bit 1 to bit 128.
2.4
Examples of Configuration
Settings
EXAMPLE 2-1:
“08D” CONFIGURATION
EXAMPLE 2-2:
“00A” CONFIGURATION
EXAMPLE 2-3:
MCRF200
CONFIGURATION FOR
FDX-B ISO ANIMAL
STANDARD PROTOCOL
(ASP)
P
P
PP
PP
PP
PP
PP
‘0’
‘0’
‘1’
‘1’
Encoded Data
PSK_ 1
Change on Data
PSK _2
Change on ‘1’
(NRZ_L)
‘1’
The “08D” (hex) configuration is interpreted as
follows:
“08D”
→ 0000-1000-1101
Referring to Table 2-4, the “08D” configuration
represents:
Modulation = PSK_1
PSK rate = rf/2
Data encoding = NRZ_L (direct)
Baud rate = rf/32 = MOD32
Memory size 128 bits
CB12
CB1
The “00A” (hex) configuration is interpreted as
follows:
“00A”
→ 0000-0000-1010
The MSB corresponds to CB12 and the LSB
corresponds to CB1 of the configuration register.
Therefore, we have:
Referring to Table 2-4, the “00A” configuration
represents:
Not programmed device (blank), anticollision:
disabled, FSK protocol, NRZ_L (direct) encod-
ing, MOD50 (baud rate = rf/50), 96 bits.
CB12=0
CB11=0
CB10=0
CB9=0
CB8=0
CB7=0
CB6=0
CB5=0
CB4=1
CB3=0
CB2=1
CB1=0
CB12
CB1
The FDX-B ISO Specification is:
Modulation = ASK
Data encoding = Differential biphase
Baud rate = rf/32 = 4 Kbits/sec for 128 kHz
Memory size = 128 bits
Referring to Table 2-4, the equivalent MCRF200
configuration is: “14D”.


Số phần tương tự - MCRF200IWF08D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCRF202 MICROCHIP-MCRF202 Datasheet
340Kb / 20P
   125 kHz Passive RFID Device with Sensor Input
2003
MCRF202-I/P MICROCHIP-MCRF202-I/P Datasheet
340Kb / 20P
   125 kHz Passive RFID Device with Sensor Input
2003
MCRF202-I/S MICROCHIP-MCRF202-I/S Datasheet
340Kb / 20P
   125 kHz Passive RFID Device with Sensor Input
2003
MCRF202-I/SB MICROCHIP-MCRF202-I/SB Datasheet
340Kb / 20P
   125 kHz Passive RFID Device with Sensor Input
2003
MCRF202-I/SN MICROCHIP-MCRF202-I/SN Datasheet
340Kb / 20P
   125 kHz Passive RFID Device with Sensor Input
2003
More results

Mô tả tương tự - MCRF200IWF08D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCRF250 MICROCHIP-MCRF250 Datasheet
395Kb / 24P
   125 kHz microID Passive RFID Device with Anti-Collision
2003
MCRF202 MICROCHIP-MCRF202 Datasheet
340Kb / 20P
   125 kHz Passive RFID Device with Sensor Input
2003
MCRF450 MICROCHIP-MCRF450 Datasheet
1Mb / 50P
   13.56 MHz Read/Write Passive RFID Device
2003
logo
ATMEL Corporation
AT88RF256-12 ATMEL-AT88RF256-12 Datasheet
190Kb / 12P
   125 kHz RFID Chip for Cards and Tags
logo
Abracon Corporation
ARRRN5-915.000MHZ ABRACON-ARRRN5-915.000MHZ Datasheet
3Mb / 2P
   RFID Reader (Passive)
11.17.14
ARRTN5-915.000MHZ ABRACON-ARRTN5-915.000MHZ Datasheet
4Mb / 2P
   RFID Reader (Passive)
11.24.14
ARRAN5-868.000MHZ ABRACON-ARRAN5-868.000MHZ Datasheet
2Mb / 2P
   RFID Reader (Passive)
11.17.14
ARRCN5-915.000MHZ ABRACON-ARRCN5-915.000MHZ Datasheet
1Mb / 2P
   RFID Reader (Passive)
11.17.14
ARRSN5-915.000MHZ ABRACON-ARRSN5-915.000MHZ Datasheet
4Mb / 2P
   RFID Reader (Passive)
11.24.14
ARRAN5-915.000MHZ ABRACON-ARRAN5-915.000MHZ Datasheet
2Mb / 2P
   RFID Reader (Passive)
11.17.14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com