công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DAC1007LCN bảng dữ liệu(PDF) 5 Page - National Semiconductor (TI) |
|
|
DAC1007LCN bảng dữ liệu(HTML) 5 Page - National Semiconductor (TI) |
5 / 22 page Block and Connection Diagrams DAC100610071008 (20-Pin Parts) USE DAC100610071008 FOR LEFT JUSTIFIED DATA TLH5688 – 5 DAC100610071008 (20-Pin Parts) Dual-In-Line Package TLH5688 – 28 Top View See Ordering Information DAC100610071008Simple Hookup for a ‘‘Quick Look’’ A TOTAL OF 10 INPUT SWITCHES 1K RESISTORS TLH5688 – 7 Notes 1 For VREFeb10240 VDC the output voltage steps are approximately 10 mV each 2 SW1 is a normally closed switch While SW1 is closed the DAC register is latched and new data can be loaded into the input latch via the 10 SW2 switches When SW1 is momentarily opened the new data is transferred from the input latch to the DAC register and is latched when SW1 again closes 5 |
Số phần tương tự - DAC1007LCN |
|
Mô tả tương tự - DAC1007LCN |