công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STK20C04-W30I bảng dữ liệu(PDF) 6 Page - List of Unclassifed Manufacturers

tên linh kiện STK20C04-W30I
Giải thích chi tiết về linh kiện  CMOS nvSRAM High Performance 512 x 8 Nonvolatile Static RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

STK20C04-W30I bảng dữ liệu(HTML) 6 Page - List of Unclassifed Manufacturers

  STK20C04-W30I Datasheet HTML 1Page - List of Unclassifed Manufacturers STK20C04-W30I Datasheet HTML 2Page - List of Unclassifed Manufacturers STK20C04-W30I Datasheet HTML 3Page - List of Unclassifed Manufacturers STK20C04-W30I Datasheet HTML 4Page - List of Unclassifed Manufacturers STK20C04-W30I Datasheet HTML 5Page - List of Unclassifed Manufacturers STK20C04-W30I Datasheet HTML 6Page - List of Unclassifed Manufacturers STK20C04-W30I Datasheet HTML 7Page - List of Unclassifed Manufacturers STK20C04-W30I Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
STK20C04
2-44
HIGH IMPEDANCE
E
DQ (Data Out)
G
W
NE
31
tNLGL
30
tGLNH
33
tWHGL
34
tELGL
29
tGLQXR
RECALL CYCLES #1, #2 & #3
(VCC = 5.0V ± 10%)
#1
#2
Alt.
29
tNLQX
r
tELQXR
tGLQXR
RECALL Cycle Time
20
µs
30
tNLNH
s
tELNHR
tGLNH
RECALL Initiation Cycle Time
25
ns
31
tNLEL
tNLGL
NE Set-up
0ns
32
tGLNL
tGLEL
Output Enable Set-up
0
ns
33
tWHNL
tWHEL
tWHGL
t
Write Enable Set-up
0
ns
34
tELNL
tELGL
Chip Enable Set-up
0ns
35
tNLQZ
NE Fall to Outputs Inactive
25
ns
SYMBOLS
NO.
PARAMETER
MIN
MAX
UNITS
RECALL CYCLE #3: G CONTROLLEDo,t
HIGH IMPEDANCE
E
DQ (Data Out)
G
W
NE
31
tNLEL
32
tGLEL
33
tWHEL
30
tELNHR
29
tELQXR
RECALL CYCLE #2: E CONTROLLEDo
HIGH IMPEDANCE
DQ (Data Out)
NE
G
W
E
30
tNLNH
32
tGLNL
33
tWHNL
34
tELNL
35
tNLQZ
29
tNLQX
RECALL CYCLE #1: NE CONTROLLEDo
Note r: Measured with W and NE both high, and G and E low.
Note s: Once tNLNH has been satisfied by NE, G, W and E, the RECALL cycle is completed automatically. Any of NE, G or E may be used to terminate the
RECALL initiation cycle.
Note t: If W is low at any point in which both E and NE are low and G is high, then a
STORE cycle will be initiated instead of a RECALL.


Số phần tương tự - STK20C04-W30I

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Simtek Corporation
STK20C04-W35 SIMTEK-STK20C04-W35 Datasheet
428Kb / 12P
   512 x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK20C04-W35I SIMTEK-STK20C04-W35I Datasheet
428Kb / 12P
   512 x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results

Mô tả tương tự - STK20C04-W30I

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Simtek Corporation
STK20C04 SIMTEK-STK20C04 Datasheet
428Kb / 12P
   512 x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK15C88 ETC-STK15C88 Datasheet
75Kb / 9P
   32K x 8 AutoStore nvSRAM High Performance CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK10C68 SIMTEK-STK10C68 Datasheet
468Kb / 12P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK11C48 ETC-STK11C48 Datasheet
282Kb / 10P
   2K x 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK10C68 ETC1-STK10C68 Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK10C48 SIMTEK-STK10C48 Datasheet
429Kb / 12P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK14D88 ETC-STK14D88 Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
STK11C68 ETC-STK11C68 Datasheet
58Kb / 10P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK11C48 SIMTEK-STK11C48 Datasheet
368Kb / 10P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK11C88 ETC1-STK11C88 Datasheet
90Kb / 9P
   32K x 8 nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com