công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM15SOT23-3 bảng dữ liệu(PDF) 3 Page - Union Semiconductor, Inc.

tên linh kiện SM15SOT23-3
Giải thích chi tiết về linh kiện  Low Capacitance Dual Line ESD Protection Diode Array
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  UNIONSEMI [Union Semiconductor, Inc.]
Trang chủ  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

SM15SOT23-3 bảng dữ liệu(HTML) 3 Page - Union Semiconductor, Inc.

  SM15SOT23-3 Datasheet HTML 1Page - Union Semiconductor, Inc. SM15SOT23-3 Datasheet HTML 2Page - Union Semiconductor, Inc. SM15SOT23-3 Datasheet HTML 3Page - Union Semiconductor, Inc. SM15SOT23-3 Datasheet HTML 4Page - Union Semiconductor, Inc. SM15SOT23-3 Datasheet HTML 5Page - Union Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.03 May.2016
3/5
SM12/SM15
Electrical Characteristics (SM15)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse Stand-Off Voltage
VRWM
15
V
Reverse Breakdown Voltage
VBR
IT=1mA
16.7
18.7
V
Reverse Leakage Current
IR
VRWM=15V, T=25°C
1
μA
Clamping Voltage
VC
IPP=5.9A, tp=8/20μs
23
V
Peak Pulse Current
IPP
tp=8/20μs
5.9
A
Junction Capacitance
CJ
Pin 1 to 3 and
Pin 2 to 3,
VR=0V, f=1MHz
20
30
pF
Reverse Dynamic Resistance
Rdyn,rev
IPP<2A
1.12
Ω
Forward Dynamic Resistance
Rdyn,fwd
0.81
Reverse Dynamic Resistance
Rdyn,rev
IPP>2A
0.92
Ω
Forward Dynamic Resistance
Rdyn,fwd
0.42
Detailed Description
Device Connection Options
SM12/SM15 is designed to protect one bidirectional or two unidirectional data or I/O lines
operating at 12V/15V. Connection options are as follows: Bidirectional: Pin 1 is connected to the
data line and pin 2 is connected to ground (Since the device is symmetrical, these connections
may be reversed). The ground connection should be made directly to a ground plane. The path
length should be kept as short as possible to minimize parasitic inductance. Pin 3 is not connected.
Unidirectional: Data lines are connected to pin 1 and pin 2. Pin 3 is connected to ground. For best
results, this pin should be connected directly to a ground plane on the board. The path length
should be kept as short as possible to minimize parasitic inductance.
Circuit Board Layout Recommendations for Suppression of ESD
Good circuit board layout is critical for the suppression of fast rise-time transients such as ESD.
The following guidelines are recommended (Refer to application note SI99-01 for more detailed
information): Place the TVS near the input terminals or connectors to restrict transient coupling.
Minimize the path length between the TVS and the protected line. Minimize all conductive loops
including power and ground loops. The ESD transient return path to ground should be kept as
short as possible. Never run critical signals near board edges. Use ground planes whenever
possible.
Matte Tin Lead Finish
Matte tin has become the industry standard lead-free replacement for SnPb lead finishes. A matte
tin finish is composed of 100% tin solder with large grains. Since the solder volume on the leads
is small compared to the solder paste volume that is placed on the land pattern of the PCB, the
reflow profile will be determined by the requirements of the solder paste. Therefore, these devices
are compatible with both lead-free and SnPb assembly techniques. In addition, unlike other
lead-free compositions, matte tin does not have any added alloys that can cause degradation of the
solder joint.


Số phần tương tự - SM15SOT23-3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Semtech Corporation
SM15 SEMTECH-SM15 Datasheet
171Kb / 7P
   TVS Diode Array
logo
Guangdong Youtai Semico...
SM15 UMW-SM15 Datasheet
425Kb / 3P
   TVS Diode Array
logo
Micro Commercial Compon...
SM15 MCC-SM15 Datasheet
416Kb / 2P
   Transient Voltage Suppressor 500 Watt
logo
Guangdong Youtai Semico...
SM15 UMW-SM15 Datasheet
425Kb / 3P
   TVS Diode Array
logo
Microsemi Corporation
SM15 MICROSEMI-SM15 Datasheet
138Kb / 2P
   TVSarray Series
More results

Mô tả tương tự - SM15SOT23-3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Union Semiconductor, In...
SM12 UNIONSEMI-SM12 Datasheet
134Kb / 5P
   Low Capacitance Dual Line ESD Protection Diode Array
SM05 UNIONSEMI-SM05_16 Datasheet
292Kb / 6P
   Low Capacitance Quad Line ESD Protection Diode Array
UESD6V8L1F UNIONSEMI-UESD6V8L1F Datasheet
217Kb / 7P
   Low Capacitance Single Line ESD Protection Diode Array
logo
Diodes Incorporated
DESD1P0RFW DIODES-DESD1P0RFW Datasheet
90Kb / 4P
   LOW CAPACITANCE, ESD PROTECTION DIODE ARRAY
logo
Vishay Siliconix
GMF05MC VISHAY-GMF05MC Datasheet
147Kb / 4P
   Low Capacitance ESD Protection Diode Array
Rev. 1.1, 02-Mar-05
logo
Diodes Incorporated
DESD1P0RFWA DIODES-DESD1P0RFWA Datasheet
459Kb / 5P
   LOW CAPACITANCE ESD PROTECTION DIODE ARRAY
Rev. 1 - 2 September 2022
logo
Union Semiconductor, In...
UESD6V8S2B UNIONSEMI-UESD6V8S2B_15 Datasheet
175Kb / 6P
   Dual Line ESD Protection Diode Array
UM5062 UNIONSEMI-UM5062 Datasheet
194Kb / 6P
   Dual Line ESD Protection Diode Array
UM5062 UNIONSEMI-UM5062_16 Datasheet
202Kb / 6P
   Dual Line ESD Protection Diode Array
UM5082 UNIONSEMI-UM5082 Datasheet
165Kb / 5P
   Dual Line ESD Protection Diode Array
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com