công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KMPC870CZT66 bảng dữ liệu(PDF) 10 Page - Freescale Semiconductor, Inc

tên linh kiện KMPC870CZT66
Giải thích chi tiết về linh kiện  Hardware Specifications
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KMPC870CZT66 bảng dữ liệu(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button KMPC870CZT66 Datasheet HTML 6Page - Freescale Semiconductor, Inc KMPC870CZT66 Datasheet HTML 7Page - Freescale Semiconductor, Inc KMPC870CZT66 Datasheet HTML 8Page - Freescale Semiconductor, Inc KMPC870CZT66 Datasheet HTML 9Page - Freescale Semiconductor, Inc KMPC870CZT66 Datasheet HTML 10Page - Freescale Semiconductor, Inc KMPC870CZT66 Datasheet HTML 11Page - Freescale Semiconductor, Inc KMPC870CZT66 Datasheet HTML 12Page - Freescale Semiconductor, Inc KMPC870CZT66 Datasheet HTML 13Page - Freescale Semiconductor, Inc KMPC870CZT66 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 84 page
background image
MPC875/MPC870 Hardware Specifications, Rev. 3.0
10
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Freescale Semiconductor
DC Characteristics
6
DC Characteristics
Table 6 provides the DC electrical characteristics for the MPC875/870.
2 Maximum power dissipation at V
DDL = VDDSYN = 1.9 V, and VDDH is at 3.5 V.
NOTE
The values in Table 5 represent VDDL-based power dissipation and do not
include I/O power dissipation over VDDH. I/O power dissipation varies
widely by application due to buffer current, depending on external
circuitry.
The VDDSYN power dissipation is negligible.
Table 6. DC Electrical Specifications
Characteristic
Symbol
Min
Max
Unit
Operating voltage
VDDH (I/O)
3.135
3.465
V
VDDL (Core)
1.7
1.9
V
VDDSYN
1
1 The difference between V
DDL and VDDSYN cannot be more than 100 mV.
1.7
1.9
V
Difference
between
VDDL and
VDDSYN
100
mV
Input high voltage (all inputs except EXTAL and EXTCLK) 2
2 The signals PA[0:15], PB[14:31], PC[4:15], PD[3:15], PE(14:31), TDI, TDO, TCK, TRST, TMS, MII1_TXEN, MII_MDIO
are 5-V tolerant. The minimum voltage is still 2.0 V.
VIH
2.0
3.465
V
Input low voltage 3
3 V
IL(max) for the I
2C interface is 0.8 V rather than the 1.5 V as specified in the I2C standard.
VIL
GND
0.8
V
EXTAL, EXTCLK input high voltage
VIHC
0.7
× V
DDH
VDDH
V
Input leakage current, Vin = 5.5 V (except TMS, TRST, DSCK and
DSDI pins) for 5-V tolerant pins 1
Iin
100
µA
Input leakage current, Vin = VDDH (except TMS, TRST, DSCK, and
DSDI)
IIn
—10
µA
Input leakage current, Vin = 0 V (except TMS, TRST, DSCK and DSDI
pins)
IIn
—10
µA
Input capacitance 4
Cin
—20
pF
Output high voltage, IOH = –2.0 mA, VDDH = 3.0 V
except XTAL and open-drain pins
VOH
2.4
V
Output low voltage
IOL = 2.0 mA (CLKOUT)
IOL = 3.2 mA 5
IOL = 5.3 mA 6
IOL = 7.0 mA (TXD1/PA14, TXD2/PA12)
IOL = 8.9 mA (TS, TA, TEA, BI, BB, HRESET, SRESET)
VOL
—0.5
V


Số phần tương tự - KMPC870CZT66

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
KMPC870 FREESCALE-KMPC870 Datasheet
1Mb / 92P
   Hardware Specifications
More results

Mô tả tương tự - KMPC870CZT66

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MPC859T FREESCALE-MPC859T Datasheet
1Mb / 92P
   Hardware Specifications
MPC885 FREESCALE-MPC885 Datasheet
1Mb / 92P
   Hardware Specifications
MPC5200 FREESCALE-MPC5200 Datasheet
6Mb / 80P
   Hardware Specifications
KMPC8250ACZUMHBC FREESCALE-KMPC8250ACZUMHBC Datasheet
951Kb / 62P
   Hardware Specifications
MPC8250 FREESCALE-MPC8250_05 Datasheet
1Mb / 60P
   Hardware Specifications
MPC852T FREESCALE-MPC852T Datasheet
3Mb / 80P
   Hardware Specifications
MPC860 FREESCALE-MPC860 Datasheet
1Mb / 80P
   Hardware Specifications
MPC866 FREESCALE-MPC866 Datasheet
1Mb / 96P
   Hardware Specifications
logo
Motorola, Inc
MPC857T MOTOROLA-MPC857T Datasheet
1Mb / 88P
   Hardware Specifications
logo
Freescale Semiconductor...
MPC880 FREESCALE-MPC880 Datasheet
1Mb / 92P
   Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com