công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S12DJ64CPV bảng dữ liệu(PDF) 2 Page - Motorola, Inc

tên linh kiện MC9S12DJ64CPV
Giải thích chi tiết về linh kiện  MC9S12DJ64 Device User Guide V01.17
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC9S12DJ64CPV bảng dữ liệu(HTML) 2 Page - Motorola, Inc

  MC9S12DJ64CPV Datasheet HTML 1Page - Motorola, Inc MC9S12DJ64CPV Datasheet HTML 2Page - Motorola, Inc MC9S12DJ64CPV Datasheet HTML 3Page - Motorola, Inc MC9S12DJ64CPV Datasheet HTML 4Page - Motorola, Inc MC9S12DJ64CPV Datasheet HTML 5Page - Motorola, Inc MC9S12DJ64CPV Datasheet HTML 6Page - Motorola, Inc MC9S12DJ64CPV Datasheet HTML 7Page - Motorola, Inc MC9S12DJ64CPV Datasheet HTML 8Page - Motorola, Inc MC9S12DJ64CPV Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 126 page
background image
Revision History
Version
Number
Revision
Date
Effective
Date
Author
Description of Changes
V01.00
16 NOV
2001
19 NOV
2001
Initial version based on MC9SDP256-2.09 Version.
V01.01
18 FEB
2002
18 FEB
2002
In table 7 I/O Characteristics" of the electrical characteristics
replaced tPULSE with tpign and tpval in lines "Port ... Interrupt Input
Pulse filtered" and "Port ... Interrupt Input Pulse passed"
respectively.
V01.02
6 MAR
2002
6 MAR
2002
Table "Oscillator Characteristics": removed "Oscillator start-up time
from POR or STOP" row
Table "5V I/O Characteristics": Updated
Partial Drive IOH = +–2mA and Full Drive IOH = –10mA
Table "ATD Operating Characteristics": Distinguish IREFfor 1 and 2
ATD blocks on
Table "ATD Electrical Characteristics": Update CINS to 22 pF
Table "Operating Conditions": Changed VDD and VDDPLL to 2.35 V
(min)
Removed Document number except from Cover Sheet
Updated Table "Document References"
V01.03
4 June
2002
4 June
2002
Table "5V I/O Characteristics" : Corrected Input Capacitance to 6pF
Section: "Device Pinout" (112-pin and 80-pin): added in diagrams
RXCAN0 to PJ6 and TXCAN0 to PJ7
Table "PLL Characteristics": Updated parameters K1 and f1
Figure "Basic PLL functional diagram": Inserted XFC pin in diagram
Enhanced section "XFC Component Selection"
Added to Sections ATD, ECT and PWM: freeze mode = active BDM
mode
V01.04
4 July
2002
4 July
2002
Added 1L86D to Table "Assigned Part ID numbers"
Corrected MEMSIZ1 value in Table "Memory size registers"
Subsection "Device Memory Map: Removed Flash mapping from
$0000 to $3FFF.
Table "Signal Properties": Added column "Internal Pull Resistor".
Preface Table "Document References": Changed to full naming for
each block.
Table "Interrupt Vector Locations", Column "Local Enable":
Corrected several register and bit names.
V01.05
30 July
2002
30 July
2002
Figure "Recommended PCB Layout for 80QFP: Corrected
VREGEN pin position
Thermal values for junction to board and package
BGND pin pull-up
Part Order Information
Global Register Table
Chip Configuration Summary
Modified mode of Operations chapter
Section "Printed Circuit Board Layout Proposals": added Pierce
Oscillator examples for 112LQFP and 80QFP


Số phần tương tự - MC9S12DJ64CPV

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC9S12DJ64CPV FREESCALE-MC9S12DJ64CPV Datasheet
1Mb / 126P
   MC9S12DJ64 Device User GUide V01.17
More results

Mô tả tương tự - MC9S12DJ64CPV

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC9S12A64CFUE FREESCALE-MC9S12A64CFUE Datasheet
1Mb / 126P
   MC9S12DJ64 Device User GUide V01.17
MC9S12D64CFUE FREESCALE-MC9S12D64CFUE Datasheet
1Mb / 128P
   MC9S12DJ64 Device User Guide
logo
Motorola, Inc
MC9S12H256 MOTOROLA-MC9S12H256 Datasheet
2Mb / 130P
   Device User Guide
logo
Freescale Semiconductor...
MC9S12DG128MPVE FREESCALE-MC9S12DG128MPVE Datasheet
2Mb / 128P
   Device User Guide
MC9S12DT128 FREESCALE-MC9S12DT128 Datasheet
6Mb / 142P
   Device User Guide
MC9S12DT128_1002 FREESCALE-MC9S12DT128_1002 Datasheet
1Mb / 140P
   Device User Guide
MC9S12DT128CPVE FREESCALE-MC9S12DT128CPVE Datasheet
2Mb / 128P
   Device User Guide
MC9S12H256 FREESCALE-MC9S12H256 Datasheet
5Mb / 130P
   Device User Guide V01.18
MC9S12DT128B FREESCALE-MC9S12DT128B Datasheet
2Mb / 128P
   Device User Guide V01.09
MC9S12DT256 FREESCALE-MC9S12DT256_06 Datasheet
781Kb / 132P
   Device User Guide V03.07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com