công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC7805CDT bảng dữ liệu(PDF) 8 Page - Fairchild Semiconductor

tên linh kiện MC7805CDT
Giải thích chi tiết về linh kiện  3-Terminal 1A Positive Voltage Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MC7805CDT bảng dữ liệu(HTML) 8 Page - Fairchild Semiconductor

Back Button MC7805CDT Datasheet HTML 4Page - Fairchild Semiconductor MC7805CDT Datasheet HTML 5Page - Fairchild Semiconductor MC7805CDT Datasheet HTML 6Page - Fairchild Semiconductor MC7805CDT Datasheet HTML 7Page - Fairchild Semiconductor MC7805CDT Datasheet HTML 8Page - Fairchild Semiconductor MC7805CDT Datasheet HTML 9Page - Fairchild Semiconductor MC7805CDT Datasheet HTML 10Page - Fairchild Semiconductor MC7805CDT Datasheet HTML 11Page - Fairchild Semiconductor MC7805CDT Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
MC78XX/LM78XX/MC78XXA
8
Electrical Characteristics (MC7815)
(Refer to test circuit ,0
°C < TJ < 125°C, IO = 500mA, VI =23V, CI= 0.33µF, CO=0.1µF, unless otherwise specified)
Note:
1. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken
into account separately. Pulse testing with low duty is used.
Parameter
Symbol
Conditions
MC7815
Unit
Min.
Typ.
Max.
Output Voltage
VO
TJ =+25
oC
14.4
15
15.6
5.0mA
≤ IO ≤ 1.0A, PO ≤ 15W
VI = 17.5V to 30V
14.25
15
15.75
V
Line Regulation (Note1)
Regline
TJ =+25
oC
VI = 17.5V to 30V
-
11
300
mV
VI = 20V to 26V
-
3
150
Load Regulation (Note1)
Regload
TJ =+25
oC
IO = 5mA to 1.5A
-
12
300
mV
IO = 250mA to
750mA
-
4
150
Quiescent Current
IQ
TJ =+25
oC-
5.2
8.0
mA
Quiescent Current Change
∆IQ
IO = 5mA to 1.0A
-
-
0.5
mA
VI = 17.5V to 30V
-
-
1.0
Output Voltage Drift
∆VO/∆TIO = 5mA
-
-1
-
mV/ oC
Output Noise Voltage
VN
f = 10Hz to 100KHz, TA =+25
oC-
90
-
µV/Vo
Ripple Rejection
RR
f = 120Hz
VI = 18.5V to 28.5V
54
70
-
dB
Dropout Voltage
VDrop
IO = 1A, TJ=+25
oC-
2
-
V
Output Resistance
rO
f = 1KHz
-
19
-
m
Short Circuit Current
ISC
VI = 35V, TA=+25
oC
-
250
-
mA
Peak Current
IPK
TJ =+25
oC-
2.2
-
A


Số phần tương tự - MC7805CDT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC7805CDT ONSEMI-MC7805CDT Datasheet
234Kb / 32P
   THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
April, 2005 ??Rev. 14
logo
Fairchild Semiconductor
MC7805CDT FAIRCHILD-MC7805CDT Datasheet
226Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
ON Semiconductor
MC7805CDT ONSEMI-MC7805CDT Datasheet
245Kb / 32P
   1.0 A Positive Voltage Regulators
August, 2006 ??Rev. 15
MC7805CDTG ONSEMI-MC7805CDTG Datasheet
234Kb / 32P
   THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
April, 2005 ??Rev. 14
MC7805CDTG ONSEMI-MC7805CDTG Datasheet
245Kb / 32P
   1.0 A Positive Voltage Regulators
August, 2006 ??Rev. 15
More results

Mô tả tương tự - MC7805CDT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7824J TGS-LM7824J_17 Datasheet
201Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX UTC-LM78XX_05 Datasheet
238Kb / 10P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC780XXE FAIRCHILD-MC780XXE Datasheet
253Kb / 26P
   3-Terminal 1A Positive Voltage Regulator
LM7805A FAIRCHILD-LM7805A Datasheet
335Kb / 23P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7815 TGS-LM7815 Datasheet
74Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX_1109 UTC-LM78XX_1109 Datasheet
333Kb / 13P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78XXE FAIRCHILD-KA78XXE_09 Datasheet
981Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7805J TGS-LM7805J Datasheet
87Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7908J TGS-LM7908J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7918J TGS-LM7918J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com