công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S12DJ64 bảng dữ liệu(PDF) 3 Page - Motorola, Inc

tên linh kiện MC9S12DJ64
Giải thích chi tiết về linh kiện  MC9S12DJ64 Device User Guide V01.17
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC9S12DJ64 bảng dữ liệu(HTML) 3 Page - Motorola, Inc

  MC9S12DJ64 Datasheet HTML 1Page - Motorola, Inc MC9S12DJ64 Datasheet HTML 2Page - Motorola, Inc MC9S12DJ64 Datasheet HTML 3Page - Motorola, Inc MC9S12DJ64 Datasheet HTML 4Page - Motorola, Inc MC9S12DJ64 Datasheet HTML 5Page - Motorola, Inc MC9S12DJ64 Datasheet HTML 6Page - Motorola, Inc MC9S12DJ64 Datasheet HTML 7Page - Motorola, Inc MC9S12DJ64 Datasheet HTML 8Page - Motorola, Inc MC9S12DJ64 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 126 page
background image
MC9S12DJ64 Device User Guide — V01.17
3
V01.06
20 Aug.
2002
20 Aug.
2002
NVM electricals updated
Subsection "Detailed Register Map: Address corrections
Preface, Table "Document references": added OSC User Guide
New section "Oscillator (OSC) Block Description"
V01.07
20 Sept.
2002
20 Sept.
2002
Electrical Characteristics:
-> Section "General": removed preliminary disclaimer
->Table "Supply Current Characteristics":
changed max Run IDD from 65mA to 50mA
changes max Wait IDD from 40mA to 30mA
changed max Stop IDD from 50uA to 100uA
Section HCS12 Core Block Description: mentioned alternate clock
of BDM to be equivalent to oscillator clock
V01.08
25 Sept.
2002
25 Sept.
2002
Table "5V I/O Characteristics": Corrected Input Leakage Current to
+/- 1 uA
Section "Part ID assignment": Located on start of next page for
better readability
V01.09
10 Oct.
2002
10 Oct.
2002
Added MC9S12A64 derivative to cover sheet and "Derivative
Differences" Table
Corrected in footnote of Table "PLL Characteristics": fOSC = 4MHz
V01.10
8 Nov.
2002
8 Nov.
2002
Renamed "Preface" section to "Derivative Differences and
Document references". Added details for derivatives missing CAN0
and/or BDLC
Table "ESD and Latch-up Test Conditions": changed pulse numbers
from 3 to 1
Table "ESD and Latch-Up Protection Characteristics": changed
parameter classification from C to T
Table "5V I/O Characteristics": removed foot note from "Input
Leakage Current"
Table " Supply Current Characteristics": updated Stop and Pseudo
Stop currents
V01.11
24 Jan.
2003
24 Jan.
2003
Subsection "Detailed Register Map": Corrected several entries
Subsection "Unsecuring the Microcontroller": Added more details
Table "Operating Conditions": improved footnote 1 wording, applied
footnote 1 to PLL Supply Voltage.
V01.12
31 Mar.
2003
31 Mar.
2003
Tables "SPI Master/Slave Mode Timing Characteristics: Corrected
Operating Frequency
Appendix ’NVM, Flash and EEPROM’: Replaced ’burst
programming’ by ’row programming
Table "Operating Conditions": corrected minimum bus frequency to
0.25MHz
Section "Feature List": ECT features changed to "Four pulse
accumulators ..."
V01.13
20 May
2003
20 May
2003
Replaced references to HCS12 Core Guide by the individual
HCS12 Block guides
Table "Signal Properties" corrected pull resistor reset state for PE7
and PE4-PE2.
Table "Absolute Maximum Ratings" corrected footnote on clamp of
TEST pin.
V01.14
10 June
2003
10 June
2003
Added cycle definition to "CPU 12 Block Description".
Added register reset values to MMC and MEBI block descriptions.
Diagram "Clock Connections": Connect Bus Clock to HCS12 Core
Version
Number
Revision
Date
Effective
Date
Author
Description of Changes


Số phần tương tự - MC9S12DJ64

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC9S12DJ64 MOTOROLA-MC9S12DJ64 Datasheet
373Kb / 14P
   16-Bit Microcontroller
logo
Freescale Semiconductor...
MC9S12DJ64 FREESCALE-MC9S12DJ64 Datasheet
418Kb / 14P
   16-Bit Microcontroller
MC9S12DJ64 FREESCALE-MC9S12DJ64 Datasheet
1Mb / 128P
   MC9S12DJ64 Device User Guide
MC9S12DJ64CFU FREESCALE-MC9S12DJ64CFU Datasheet
1Mb / 126P
   MC9S12DJ64 Device User GUide V01.17
MC9S12DJ64CPV FREESCALE-MC9S12DJ64CPV Datasheet
1Mb / 126P
   MC9S12DJ64 Device User GUide V01.17
More results

Mô tả tương tự - MC9S12DJ64

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC9S12A64CFUE FREESCALE-MC9S12A64CFUE Datasheet
1Mb / 126P
   MC9S12DJ64 Device User GUide V01.17
MC9S12D64CFUE FREESCALE-MC9S12D64CFUE Datasheet
1Mb / 128P
   MC9S12DJ64 Device User Guide
logo
Motorola, Inc
MC9S12H256 MOTOROLA-MC9S12H256 Datasheet
2Mb / 130P
   Device User Guide
logo
Freescale Semiconductor...
MC9S12DG128MPVE FREESCALE-MC9S12DG128MPVE Datasheet
2Mb / 128P
   Device User Guide
MC9S12DT128 FREESCALE-MC9S12DT128 Datasheet
6Mb / 142P
   Device User Guide
MC9S12DT128_1002 FREESCALE-MC9S12DT128_1002 Datasheet
1Mb / 140P
   Device User Guide
MC9S12DT128CPVE FREESCALE-MC9S12DT128CPVE Datasheet
2Mb / 128P
   Device User Guide
MC9S12H256 FREESCALE-MC9S12H256 Datasheet
5Mb / 130P
   Device User Guide V01.18
MC9S12DT128B FREESCALE-MC9S12DT128B Datasheet
2Mb / 128P
   Device User Guide V01.09
MC9S12DT256 FREESCALE-MC9S12DT256_06 Datasheet
781Kb / 132P
   Device User Guide V03.07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com