công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM181E06 bảng dữ liệu(PDF) 7 Page - NXP Semiconductors

tên linh kiện LM181E06
Giải thích chi tiết về linh kiện  SPECIFICATION FOR APPROVAL
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LM181E06 bảng dữ liệu(HTML) 7 Page - NXP Semiconductors

Back Button LM181E06 Datasheet HTML 3Page - NXP Semiconductors LM181E06 Datasheet HTML 4Page - NXP Semiconductors LM181E06 Datasheet HTML 5Page - NXP Semiconductors LM181E06 Datasheet HTML 6Page - NXP Semiconductors LM181E06 Datasheet HTML 7Page - NXP Semiconductors LM181E06 Datasheet HTML 8Page - NXP Semiconductors LM181E06 Datasheet HTML 9Page - NXP Semiconductors LM181E06 Datasheet HTML 10Page - NXP Semiconductors LM181E06 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Product Specification
7 / 26
LM181E06
Liquid Crystal Display
Ver 0.0
APR.07, 2002
1. The specified current and power consumption are under the V
CC=12.0V, 25
°C, f
V=60Hz condition,
Typical supply current is measured at the condition of 8 X 6 chess pattern(white & black)
2. This impedance value is for impedance matching between LVDS T
X and
the mating connector of the LCD.
3. The duration of rush current is about 1ms.
4. The variance of the voltage is
± 10%.
5. The voltage above V
BS should be applied to the lamps for more than 1 second for start-up.
Otherwise, the lamps may not be turned on.
6. The output of the inverter must have symmetrical (negat ive and positive) voltage waveform and
symmetrical current waveform.(Unsymmetrical ratio is less than 10%) Please do not use the inverter
which has unsymmetrical voltage and unsymmetrical current and spike wave.
Lamp frequency may produce interface with horizontal synchronous frequency and as a result this
may cause beat on the display. Therefore lamp frequency shall be as away possible from the
horizontal synchronous frequency and from its harmonics in order to prevent interference.
7. Let ’s define the brightness of the lamp after being lighted for 5 minutes as 100%.
T
S is the time required for the brightness of the center of the lamp to be not less than 95%.
The used lamp current is the lamp typical current.
8. The lamp power consumption shown above does not includeloss of external inverter.
The used lamp current is the lamp typical current.
9. The life time is determined as the time at which brightness of the lamp is 50% compared to that of
initial value at the typical lamp current on condition of continuous operating at 25
± 2°C.
Typical life time shall be defined that remained rate maintains over 50% of total amount at the life test.
? Do not attach a conductive tape to lamp connecting wire.
If the lamp wire attach to a conducting tape, TFT-LCD Module has a low luminance and the inverter has
abnormal action. Because leakage current is occurred between lamp wire and conducting tape.
I p
I -p
* Asymmetry rate:
| I
p – I –p | / I rms * 100%
* Distortion rate
I
p (or I –p) / Irms


Số phần tương tự - LM181E06

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
LM181E1 PHILIPS-LM181E1 Datasheet
491Kb / 24P
   18 SXGA TFT LCD
July 5, 2000
LM181E1-H2MN PHILIPS-LM181E1-H2MN Datasheet
491Kb / 24P
   18 SXGA TFT LCD
July 5, 2000
More results

Mô tả tương tự - LM181E06

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
KPEG212A ETC2-KPEG212A Datasheet
145Kb / 5P
   SPECIFICATION FOR APPROVAL
logo
XFMRS Inc.
XFEI100505-6N8J XFMRS-XFEI100505-6N8J Datasheet
23Kb / 1P
   SPECIFICATION FOR APPROVAL
logo
Delta Electronics, Inc.
03SB3SM DELTA-03SB3SM Datasheet
136Kb / 2P
   SPECIFICATION FOR APPROVAL
SIG4012-1R0 DELTA-SIG4012-1R0 Datasheet
173Kb / 4P
   SPECIFICATION FOR APPROVAL
SIG3012-R50 DELTA-SIG3012-R50 Datasheet
142Kb / 4P
   SPECIFICATION FOR APPROVAL
logo
XFMRS Inc.
XFEB201209-300-3A XFMRS-XFEB201209-300-3A Datasheet
27Kb / 1P
   SPECIFICATION FOR APPROVAL
XFEB321608-601-4 XFMRS-XFEB321608-601-4 Datasheet
103Kb / 1P
   SPECIFICATION FOR APPROVAL
logo
List of Unclassifed Man...
LA001-002A99DY ETC2-LA001-002A99DY Datasheet
340Kb / 9P
   SPECIFICATION FOR APPROVAL
KPEG110 ETC2-KPEG110 Datasheet
146Kb / 5P
   SPECIFICATION FOR APPROVAL
A2175-HBL ETC2-A2175-HBL Datasheet
80Kb / 8P
   SPECIFICATION FOR APPROVAL
logo
LUXPIA
LRH1035 LUXPIA-LRH1035 Datasheet
262Kb / 15P
   Specification for Approval
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com