công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GS70328TS-7T bảng dữ liệu(PDF) 5 Page - GSI Technology |
|
GS70328TS-7T bảng dữ liệu(HTML) 5 Page - GSI Technology |
5 / 11 page GS70328SJ/TS Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 1.11 11/2004 5/11 © 1999, GSI Technology AC Characteristics * These parameters are sampled and are not 100% tested Read Cycle 1: CE = OE = VIL, WE = VIH Read Cycle Parameter Symbol -7 -8 -10 -12 -15 Unit Min Max Min Max Min Max Min Max Min Max Read cycle time tRC 7—8— 10 — 12 — 15 — ns Address access time tAA —7— 8 — 10 — 12 — 15 ns Chip enable access time (CE)tAC —7— 8 — 10 — 12 — 15 ns Output enable to output valid (OE)tOE — 3.5 —4 —5 — 6 — 7 ns Output hold from address change tOH 2—2—2— 3 — 3 — ns Chip enable to output in low Z (CE) tLZ* 2—2—2— 3 — 3 — ns Output enable to output in low Z (OE) tOLZ* 0—0—0— 0 — 0 — ns Chip disable to output in High Z (CE) tHZ* — 3.5 —4 —5 — 6 — 7 ns Output disable to output in High Z (OE) tOHZ* —3— 3.5 — 4 — 5 — 6 ns tAA tOH tRC Address Data Out Previous Data Data valid |
Số phần tương tự - GS70328TS-7T |
|
Mô tả tương tự - GS70328TS-7T |