công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STK12C68-L25M bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers

tên linh kiện STK12C68-L25M
Giải thích chi tiết về linh kiện  8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

STK12C68-L25M bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers

  STK12C68-L25M Datasheet HTML 1Page - List of Unclassifed Manufacturers STK12C68-L25M Datasheet HTML 2Page - List of Unclassifed Manufacturers STK12C68-L25M Datasheet HTML 3Page - List of Unclassifed Manufacturers STK12C68-L25M Datasheet HTML 4Page - List of Unclassifed Manufacturers STK12C68-L25M Datasheet HTML 5Page - List of Unclassifed Manufacturers STK12C68-L25M Datasheet HTML 6Page - List of Unclassifed Manufacturers STK12C68-L25M Datasheet HTML 7Page - List of Unclassifed Manufacturers STK12C68-L25M Datasheet HTML 8Page - List of Unclassifed Manufacturers STK12C68-L25M Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
STK12C68
October 2003
2
Document Control # ML0008 rev 0.4
ABSOLUTE MAXIMUM RATINGSa
Voltage on Input Relative to Ground . . . . . . . . . . . . . –0.5V to 7.0V
Voltage on Input Relative to VSS . . . . . . . . . .–0.6V to (VCC + 0.5V)
Voltage on DQ0-7 or HSB . . . . . . . . . . . . . . . .–0.5V to (VCC + 0.5V)
Temperature under Bias. . . . . . . . . . . . . . . . . . . . . .–55
°C to 125°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .–65
°C to 150°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1W
DC Output Current (1 output at a time, 1s duration) . . . . . . . 15mA
Note a: Stresses greater than those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device. This is a
stress rating only, and functional operation of the device at con-
ditions above those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rat-
ing conditions for extended periods may affect reliability.
DC CHARACTERISTICS
(VCC = 5.0V ± 10%)e
Note b: ICC
1
and ICC
3
are dependent on output loading and cycle rate. The specified values are obtained with outputs unloaded.
Note c: ICC
2
and ICC
4
are the average currents required for the duration of the respective STORE cycles (tSTORE ).
Note d: E
≥ VIH will not produce standby current levels until any nonvolatile cycle in progress has timed out.
Note e: VCC reference levels throughout this datasheet refer to VCCX if that is where the power supply connection is made, or VCAP if VCCX is con-
nected to ground.
AC TEST CONDITIONS
CAPACITANCEf
(TA = 25°C, f = 1.0MHz)
Note f:
These parameters are guaranteed but not tested.
SYMBOL
PARAMETER
COMMERCIAL
INDUSTRIAL/
MILITARY
UNITS
NOTES
MIN
MAX
MIN
MAX
ICC
1
b
Average VCC Current
85
75
65
55
90
75
65
55
mA
mA
mA
mA
tAVAV = 25ns
tAVAV = 35ns
tAVAV = 45ns
tAVAV = 55ns
ICC
2
c
Average VCC Current during STORE
3
3
mA
All Inputs Don’t Care, VCC = max
ICC
3
b
Average VCC Current at tAVAV = 200ns
5V, 25°C, Typical
10
10
mA
W
≥ (V CC– 0.2V)
All Others Cycling, CMOS Levels
ICC
4
c
Average VCAP Current during
AutoStore™ Cycle
22
mA
All Inputs Don’t Care
ISB
1
d
Average VCC Current
(Standby, Cycling TTL Input Levels)
27
23
20
19
28
24
21
19
mA
mA
mA
mA
tAVAV = 25ns, E ≥ VIH
tAVAV = 35ns, E ≥ VIH
tAVAV = 45ns, E ≥ VIH
tAVAV = 55ns, E ≥ VIH
ISB
2
d
VCC Standby Current
(Standby, Stable CMOS Input Levels)
1.5
2.5
mA
E
≥ (V CC– 0.2V)
All Others VIN ≤ 0.2V or ≥ (VCC – 0.2V)
IILK
Input Leakage Current
±1
±1
µA
VCC = max
VIN = VSS to VCC
IOLK
Off-State Output Leakage Current
±5
±5
µA
VCC = max
VIN = VSS to VCC, E or G ≥ VIH
VIH
Input Logic “1” Voltage
2.2
VCC + .5
2.2
VCC + .5
V
All Inputs
VIL
Input Logic “0” Voltage
VSS – .5
0.8
VSS – .5
0.8
V
All Inputs
VOH
Output Logic “1” Voltage
2.4
2.4
V
IOUT =– 4mA except HSB
VOL
Output Logic “0” Voltage
0.4
0.4
V
IOUT = 8mA except HSB
VBL
Logic “0” Voltage on HSB Output
0.4
0.4
V
IOUT = 3mA
TA
Operating Temperature
0
70
–40/-55
85/125
°C
Input Pulse Levels . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .0V to 3V
Input Rise and Fall Times
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ≤ 5ns
Input and Output Timing Reference Levels . . . . . . . . . . . . . . . 1.5V
Output Load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Figure 1
SYMBOL
PARAMETER
MAX
UNITS
CONDITIONS
CIN
Input Capacitance
8
pF
∆V = 0 to 3V
COUT
Output Capacitance
7
pF
∆V = 0 to 3V
Figure 1
: AC Output Loading
480 Ohms
30 pF
255 Ohms
5.0V
INCLUDING
SCOPE AND
OUTPUT
FIXTURE


Số phần tương tự - STK12C68-L25M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
STK12C68-L25IM ETC1-STK12C68-L25IM Datasheet
64Kb / 10P
   CMOS nvSRAM 8K x 8 AutoStore Nonvolatile Static RAM Industrial Temperature/Military Screen
More results

Mô tả tương tự - STK12C68-L25M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Simtek Corporation
STK15C68 SIMTEK-STK15C68 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK10C68 SIMTEK-STK10C68 Datasheet
468Kb / 12P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK10C68 ETC1-STK10C68 Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK25C48 SIMTEK-STK25C48 Datasheet
310Kb / 10P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK14C88 ETC-STK14C88 Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK22C48 ETC1-STK22C48 Datasheet
297Kb / 11P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK11C68 ETC-STK11C68 Datasheet
58Kb / 10P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK16C68 ETC1-STK16C68 Datasheet
100Kb / 9P
   8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK16C68 SIMTEK-STK16C68 Datasheet
380Kb / 10P
   8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK12C68-C20 ETC-STK12C68-C20 Datasheet
125Kb / 12P
   8k x 8 AUTOSTORE NVSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com