công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
V-156-1A5-T bảng dữ liệu(PDF) 3 Page - Omron Electronics LLC |
|
V-156-1A5-T bảng dữ liệu(HTML) 3 Page - Omron Electronics LLC |
3 / 16 page 3 V Miniature Basic Switch V Ratings 21A 16A Actuator Terminals Contact form Maximum operating force (OF) Short hinge lever Solder terminals (A) SPDT 3.92N --- V-161-1A6 SPST-NC --- V-161-2A6 SPST-NO --- V-161-3A6 SPDT 1.96N --- V-161-1A5 SPST-NC --- V-161-2A5 SPST-NO --- V-161-3A5 SPDT 0.98N --- --- SPST-NC --- --- SPST-NO --- --- Quick-connect terminals (#187) (C2) SPDT 3.92N --- V-161-1C26 SPST-NC --- V-161-2C26 SPST-NO --- V-161-3C26 SPDT 1.96N --- V-161-1C25 SPST-NC --- V-161-2C25 SPST-NO --- V-161-3C25 SPDT 0.98N --- --- SPST-NC --- --- SPST-NO --- --- Quick-connect terminals (#250) (C) SPDT 3.92N V-211-1C6 V-161-1C6 SPST-NC V-211-2C6 V-161-2C6 SPST-NO V-211-3C6 V-161-3C6 SPDT 1.96N --- V-161-1C5 SPST-NC --- V-161-2C5 SPST-NO --- V-161-3C5 SPDT 0.98N --- --- SPST-NC --- --- SPST-NO --- --- Hinge lever Solder terminals (A) SPDT 2.45N --- V-162-1A6 SPST-NC --- V-162-2A6 SPST-NO --- V-162-3A6 SPDT 1.23N --- V-162-1A5 SPST-NC --- V-162-2A5 SPST-NO --- V-162-3A5 SPDT 0.59N --- --- SPST-NC --- --- SPST-NO --- --- Quick-connect terminals (#187) (C2) SPDT 2.45N --- V-162-1C26 SPST-NC --- V-162-2C26 SPST-NO --- V-162-3C26 SPDT 1.23N --- V-162-1C25 SPST-NC --- V-162-2C25 SPST-NO --- V-162-3C25 SPDT 0.59N --- --- SPST-NC --- --- SPST-NO --- --- Quick-connect terminals (#250) (C) SPDT 2.45N V-212-1C6 V-162-1C6 SPST-NC V-212-2C6 V-162-2C6 SPST-NO V-212-3C6 V-162-3C6 SPDT 1.23N --- V-162-1C5 SPST-NC --- V-162-2C5 SPST-NO --- V-162-3C5 SPDT 0.59N --- --- SPST-NC --- --- SPST-NO --- --- Refer to "Micro Switch Common Accessories" for Separators (sold separately), Actuators (sold separately) and Terminal Connectors (sold separately). |
Số phần tương tự - V-156-1A5-T |
|
Mô tả tương tự - V-156-1A5-T |