công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
V-154-2C6 bảng dữ liệu(PDF) 11 Page - Omron Electronics LLC |
|
V-154-2C6 bảng dữ liệu(HTML) 11 Page - Omron Electronics LLC |
11 / 16 page 11 V Miniature Basic Switch V Terminals and Apperance (Unit: mm) Note. The above is for the SPDT contact specifications. Two terminals will be available for SPST-NO or SPST-NC contact specifications. For terminal positions, refer to Contact form on page 9. Mounting Holes (Unit: mm) Solder terminals (A) Quick-connect terminals (#187) (C2) Quick-connect terminals (#250) (C) (5.5) (6.5) 2.9 t=0.5 Three, solder terminals (10) (5.5) (6.5) 2.9 t=0.5 Three, quick-connect terminals (#187) (10) (4.9) (7.7) 3.2 t=0.8 Three, quick-connect terminals (#250) (12.0) 4.75±0.1 1.6 dia. 2.4 dia. 6.35 3.2 * * Indicates the length to the center of the 1.6-dia. holes 4.75±0.1 1.6-dia. terminal hole 6.35 3.2 6.35±0.1 1.65-dia. terminal hole 8.1 3.95 10.3±0.1 Two, 3.1-dia. mounting holes or M3 screw holes 22.2±0.1 |
Số phần tương tự - V-154-2C6 |
|
Mô tả tương tự - V-154-2C6 |