công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
V-102-1C5 bảng dữ liệu(PDF) 2 Page - Omron Electronics LLC |
|
V-102-1C5 bảng dữ liệu(HTML) 2 Page - Omron Electronics LLC |
2 / 16 page 2 V Miniature Basic Switch V List of Models Ratings 21A 16A Actuator Terminals Contact form Maximum operating force (OF) Pin plunger Solder terminals (A) SPDT 3.92N --- V-16-1A6 SPST-NC --- V-16-2A6 SPST-NO --- V-16-3A6 SPDT 1.96N --- V-16-1A5 SPST-NC --- V-16-2A5 SPST-NO --- V-16-3A5 SPDT 0.98N --- --- SPST-NC --- --- SPST-NO --- --- Quick-connect terminals (#187) (C2) SPDT 3.92N --- V-16-1C26 SPST-NC --- V-16-2C26 SPST-NO --- V-16-3C26 SPDT 1.96N --- V-16-1C25 SPST-NC --- V-16-2C25 SPST-NO --- V-16-3C25 SPDT 0.98N --- --- SPST-NC --- --- SPST-NO --- --- Quick-connect terminals (#250) (C) SPDT 3.92N V-21-1C6 V-16-1C6 SPST-NC V-21-2C6 V-16-2C6 SPST-NO V-21-3C6 V-16-3C6 SPDT 1.96N --- V-16-1C5 SPST-NC --- V-16-2C5 SPST-NO --- V-16-3C5 SPDT 0.98N --- --- SPST-NC --- --- SPST-NO --- --- Thermoplastic Case Refer to "Micro Switch Common Accessories" for Separators (sold separately), Actuators (sold separately) and Terminal Connectors (sold separately). |
Số phần tương tự - V-102-1C5 |
|
Mô tả tương tự - V-102-1C5 |