công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

V-16-3C5 bảng dữ liệu(PDF) 7 Page - Omron Electronics LLC

tên linh kiện V-16-3C5
Giải thích chi tiết về linh kiện  Miniature Basic Switch that Offers High Reliability and Security
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OMRON [Omron Electronics LLC]
Trang chủ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V-16-3C5 bảng dữ liệu(HTML) 7 Page - Omron Electronics LLC

Back Button V-16-3C5 Datasheet HTML 3Page - Omron Electronics LLC V-16-3C5 Datasheet HTML 4Page - Omron Electronics LLC V-16-3C5 Datasheet HTML 5Page - Omron Electronics LLC V-16-3C5 Datasheet HTML 6Page - Omron Electronics LLC V-16-3C5 Datasheet HTML 7Page - Omron Electronics LLC V-16-3C5 Datasheet HTML 8Page - Omron Electronics LLC V-16-3C5 Datasheet HTML 9Page - Omron Electronics LLC V-16-3C5 Datasheet HTML 10Page - Omron Electronics LLC V-16-3C5 Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
V
Miniature Basic Switch
V
Hinge lever
Solder terminals
(A)
SPDT
2.45N
V-152-1A6
---
V-152-1A6-T
---
SPST-NC
V-152-2A6
---
---
---
SPST-NO
V-152-3A6
---
---
---
SPDT
1.23N
V-152-1A5
V-102-1A5
V-152-1A5-T
V-102-1A5-T
SPST-NC
V-152-2A5
V-102-2A5
---
---
SPST-NO
V-152-3A5
V-102-3A5
---
---
SPDT
0.59N
---
V-102-1A4
---
V-102-1A4-T
SPST-NC
---
V-102-2A4
---
---
SPST-NO
---
V-102-3A4
---
---
Quick-connect
terminals (#187)
(C2)
SPDT
2.45N
V-152-1C26
---
V-152-1C26-T
---
SPST-NC
V-152-2C26
---
---
---
SPST-NO
V-152-3C26
---
---
---
SPDT
1.23N
V-152-1C25
V-102-1C25
V-152-1C25-T
V-102-1C25-T
SPST-NC
V-152-2C25
V-102-2C25
---
---
SPST-NO
V-152-3C25
V-102-3C25
---
---
SPDT
0.59N
---
V-102-1C24
---
V-102-1C24-T
SPST-NC
---
V-102-2C24
---
---
SPST-NO
---
V-102-3C24
---
---
Quick-connect
terminals (#250)
(C)
SPDT
2.45N
V-152-1C6
---
V-152-1C6-T
---
SPST-NC
V-152-2C6
---
---
---
SPST-NO
V-152-3C6
---
---
---
SPDT
1.23N
V-152-1C5
V-102-1C5
V-152-1C5-T
V-102-1C5-T
SPST-NC
V-152-2C5
V-102-2C5
---
---
SPST-NO
V-152-3C5
V-102-3C5
---
---
SPDT
0.59N
---
V-102-1C4
---
V-102-1C4-T
SPST-NC
---
V-102-2C4
---
---
SPST-NO
---
V-102-3C4
---
---
Long hinge lever
Solder terminals
(A)
SPDT
1.27N
V-153-1A6
---
V-153-1A6-T
---
SPST-NC
V-153-2A6
---
---
---
SPST-NO
V-153-3A6
---
---
---
SPDT
0.69N
V-153-1A5
V-103-1A5
V-153-1A5-T
V-103-1A5-T
SPST-NC
V-153-2A5
V-103-2A5
---
---
SPST-NO
V-153-3A5
V-103-3A5
---
---
SPDT
0.34N
---
V-103-1A4
---
V-103-1A4-T
SPST-NC
---
V-103-2A4
---
---
SPST-NO
---
V-103-3A4
---
---
Quick-connect
terminals (#187)
(C2)
SPDT
1.27N
V-153-1C26
---
V-153-1C26-T
---
SPST-NC
V-153-2C26
---
---
---
SPST-NO
V-153-3C26
---
---
---
SPDT
0.69N
V-153-1C25
V-103-1C25
V-153-1C25-T
V-103-1C25-T
SPST-NC
V-153-2C25
V-103-2C25
---
---
SPST-NO
V-153-3C25
V-103-3C25
---
---
SPDT
0.34N
---
V-103-1C24
---
V-103-1C24-T
SPST-NC
---
V-103-2C24
---
---
SPST-NO
---
V-103-3C24
---
---
Quick-connect
terminals (#250)
(C)
SPDT
1.27N
V-153-1C6
---
V-153-1C6-T
---
SPST-NC
V-153-2C6
---
---
---
SPST-NO
V-153-3C6
---
---
---
SPDT
0.69N
V-153-1C5
V-103-1C5
V-153-1C5-T
V-103-1C5-T
SPST-NC
V-153-2C5
V-103-2C5
---
---
SPST-NO
V-153-3C5
V-103-3C5
---
---
SPDT
0.34N
---
V-103-1C4
---
V-103-1C4-T
SPST-NC
---
V-103-2C4
---
---
SPST-NO
---
V-103-3C4
---
---
Ratings
15A
10A
Heat-resistive
Actuator
Terminals
Contact form
Maximum operating force (OF)
15A
10A
Refer to "Micro Switch Common Accessories" for Separators (sold separately), Actuators (sold separately) and Terminal
Connectors (sold separately).


Số phần tương tự - V-16-3C5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Omron Electronics LLC
V-16-3C5 OMRON-V-16-3C5 Datasheet
1Mb / 16P
   Snap Action Switch
V-16-3C5 OMRON-V-16-3C5 Datasheet
1Mb / 16P
   General Purpose Snap Action Switch
V-16-3C5 OMRON-V-16-3C5 Datasheet
1Mb / 16P
   General Purpose Snap Action Switch
V-16-3C5 OMRON-V-16-3C5 Datasheet
1Mb / 16P
   Snap Action Switch
logo
List of Unclassifed Man...
V-16-3C5 ETC2-V-16-3C5 Datasheet
1Mb / 16P
   Miniature Basic Switch
More results

Mô tả tương tự - V-16-3C5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Omron Electronics LLC
V-15G2-1C26-K OMRON-V-15G2-1C26-K Datasheet
1Mb / 16P
   Miniature Basic Switch that Offers High Reliability and Security
logo
List of Unclassifed Man...
MV-3 ETC-MV-3 Datasheet
4Mb / 12P
   Miniature Basic Switch
logo
Omron Electronics LLC
V-15-1A5 OMRON-V-15-1A5 Datasheet
256Kb / 16P
   Miniature Basic Switch
logo
List of Unclassifed Man...
V-102-1A4 ETC2-V-102-1A4 Datasheet
1Mb / 16P
   Miniature Basic Switch
logo
Omron Electronics LLC
D3V OMRON-D3V Datasheet
1Mb / 18P
   Miniature Basic Switch
D2MV OMRON-D2MV Datasheet
1Mb / 5P
   Miniature Basic Switch
logo
List of Unclassifed Man...
D2SW ETC-D2SW Datasheet
95Kb / 6P
   Watertight Miniature Basic Switch
logo
Omron Electronics LLC
E6C3 OMRON-E6C3 Datasheet
339Kb / 20P
   An Encoder That Offers Durability and Convenience
logo
Honeywell Solid State E...
V5B210CB1C HONEYWELL-V5B210CB1C Datasheet
133Kb / 5P
   V5 Series Miniature Basic Switch
logo
Omron Electronics LLC
D2FC-F-7N OMRON-D2FC-F-7N Datasheet
316Kb / 6P
   Ultra Sub Miniature Basic Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com