công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STK12C68-5C55 bảng dữ liệu(PDF) 6 Page - List of Unclassifed Manufacturers

tên linh kiện STK12C68-5C55
Giải thích chi tiết về linh kiện  8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

STK12C68-5C55 bảng dữ liệu(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button STK12C68-5C55 Datasheet HTML 2Page - List of Unclassifed Manufacturers STK12C68-5C55 Datasheet HTML 3Page - List of Unclassifed Manufacturers STK12C68-5C55 Datasheet HTML 4Page - List of Unclassifed Manufacturers STK12C68-5C55 Datasheet HTML 5Page - List of Unclassifed Manufacturers STK12C68-5C55 Datasheet HTML 6Page - List of Unclassifed Manufacturers STK12C68-5C55 Datasheet HTML 7Page - List of Unclassifed Manufacturers STK12C68-5C55 Datasheet HTML 8Page - List of Unclassifed Manufacturers STK12C68-5C55 Datasheet HTML 9Page - List of Unclassifed Manufacturers STK12C68-5C55 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
STK12C68
October 2003
6
Document Control # ML0008 rev 0.4
AutoStore™/POWER-UP RECALL
(VCC = 5.0V ± 10%)e
Note s: tRESTORE starts from the time VCC rises above VSWITCH.
Note t:
HSB is asserted low for 1
µs when VCAP drops through VSWITCH. If an SRAM WRITE has not taken place since the last nonvolatile cycle, HSB
will be released and no STORE will take place.
AutoStore™/POWER-UP RECALL
NO.
SYMBOLS
PARAMETER
STK12C68
UNITS NOTES
Standard
Alternate
MIN
MAX
27
tRESTORE
Power-up RECALL Duration
550
µss
28
tSTORE
tHLHZ
STORE Cycle Duration
10
ms
p, q, t
29
tVSBL
Low Voltage Trigger (VSWITCH) to HSB Low
300
ns
l
30
tDELAY
tBLQZ
Time Allowed to Complete SRAM Cycle
1
µsp
31
VSWITCH
Low Voltage Trigger Level
4.0
4.5
V
32
VRESET
Low Voltage Reset Level
3.9
V
30
tDELAY
29
tVSBL
POWER-UP
RECALL
BROWN OUT
NO STORE
(NO SRAM WRITES)
NO RECALL
(VCC DID NOT GO
BELOW VRESET)
BROWN OUT
AutoStore™
NO RECALL
(VCC DID NOT GO
BELOW VRESET)
BROWN OUT
AutoStore™
RECALL WHEN
VCC RETURNS
ABOVE VSWITCH
AutoStoreTM
HSB
W
DQ (DATA OUT)
28
tSTORE
27
tRESTORE
POWER-UP RECALL
31
VSWITCH
32
VRESET
VCC


Số phần tương tự - STK12C68-5C55

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
STK12C68-5C55M ETC-STK12C68-5C55M Datasheet
72Kb / 10P
   CMOS NV SRAM 8K X 8 AUTOSTORE NONVOLATILE STATIC RAM
logo
Cypress Semiconductor
STK12C68-5C55M CYPRESS-STK12C68-5C55M Datasheet
591Kb / 18P
   64 Kbit (8K x 8) AutoStore nvSRAM
More results

Mô tả tương tự - STK12C68-5C55

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Simtek Corporation
STK15C68 SIMTEK-STK15C68 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK10C68 SIMTEK-STK10C68 Datasheet
468Kb / 12P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK10C68 ETC1-STK10C68 Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK25C48 SIMTEK-STK25C48 Datasheet
310Kb / 10P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK14C88 ETC-STK14C88 Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK22C48 ETC1-STK22C48 Datasheet
297Kb / 11P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK11C68 ETC-STK11C68 Datasheet
58Kb / 10P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK16C68 ETC1-STK16C68 Datasheet
100Kb / 9P
   8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK16C68 SIMTEK-STK16C68 Datasheet
380Kb / 10P
   8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK12C68-C20 ETC-STK12C68-C20 Datasheet
125Kb / 12P
   8k x 8 AUTOSTORE NVSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com