công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN74AHC86DGVR bảng dữ liệu(PDF) 1 Page - Texas Instruments |
|
|
SN74AHC86DGVR bảng dữ liệu(HTML) 1 Page - Texas Instruments |
1 / 16 page SN54AHC86, SN74AHC86 QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES SCLS249I – OCTOBER 1995 – REVISED JULY 2003 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D Operating Range 2-V to 5.5-V VCC D Latch-Up Performance Exceeds 250 mA Per JESD 17 D ESD Protection Exceeds JESD 22 – 2000-V Human-Body Model (A114-A) – 200-V Machine Model (A115-A) – 1000-V Charged-Device Model (C101) SN54AHC86 ...J OR W PACKAGE SN74AHC86 . . . D, DB, DGV, N, NS, OR PW PACKAGE (TOP VIEW) 1 2 3 4 5 6 7 14 13 12 11 10 9 8 1A 1B 1Y 2A 2B 2Y GND VCC 4B 4A 4Y 3B 3A 3Y 32 1 20 19 910 11 1213 4 5 6 7 8 18 17 16 15 14 4A NC 4Y NC 3B 1Y NC 2A NC 2B SN54AHC86 . . . FK PACKAGE (TOP VIEW) NC – No internal connection SN74AHC86 . . . RGY PACKAGE (TOP VIEW) 114 78 2 3 4 5 6 13 12 11 10 9 4B 4A 4Y 3B 3A 1B 1Y 2A 2B 2Y description/ordering information The ’AHC86 devices are quadruple 2-input exclusive-OR gates. These devices perform the Boolean function Y = A ⊕ B or Y = AB + AB in positive logic. A common application is as a true/complement element. If one of the inputs is low, the other input is reproduced in true form at the output. If one of the inputs is high, the signal on the other input is reproduced inverted at the output. ORDERING INFORMATION TA PACKAGE† ORDERABLE PART NUMBER TOP-SIDE MARKING QFN – RGY Tape and reel SN74AHC86RGYR HA86 PDIP – N Tube SN74AHC86N SN74AHC86N SOIC – D Tube SN74AHC86D AHC86 SOIC – D Tape and reel SN74AHC86DR AHC86 –40 °C to 85°C SOP – NS Tape and reel SN74AHC86NSR AHC86 SSOP – DB Tape and reel SN74AHC86DBR HA86 TSSOP PW Tube SN74AHC86PW HA86 TSSOP – PW Tape and reel SN74AHC86PWR HA86 TVSOP – DGV Tape and reel SN74AHC86DGVR HA86 CDIP – J Tube SNJ54AHC86J SNJ54AHC86J –55 °C to 125°C CFP – W Tube SNJ54AHC86W SNJ54AHC86W LCCC – FK Tube SNJ54AHC86FK SNJ54AHC86FK † Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. Copyright 2003, Texas Instruments Incorporated PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. On products compliant to MIL-PRF-38535, all parameters are tested unless otherwise noted. On all other products, production processing does not necessarily include testing of all parameters. |
Số phần tương tự - SN74AHC86DGVR |
|
Mô tả tương tự - SN74AHC86DGVR |