công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33067 bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện MC33067
Giải thích chi tiết về linh kiện  High Performance Resonant Mode Controllers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33067 bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  MC33067 Datasheet HTML 1Page - ON Semiconductor MC33067 Datasheet HTML 2Page - ON Semiconductor MC33067 Datasheet HTML 3Page - ON Semiconductor MC33067 Datasheet HTML 4Page - ON Semiconductor MC33067 Datasheet HTML 5Page - ON Semiconductor MC33067 Datasheet HTML 6Page - ON Semiconductor MC33067 Datasheet HTML 7Page - ON Semiconductor MC33067 Datasheet HTML 8Page - ON Semiconductor MC33067 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MC34067, MC33067, NCV33067
www.onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltage
VCC
20
V
Drive Output Current, Source or Sink (Note 1)
− Continuous
− Pulsed (0.5
ms), 25% Duty Cycle
IO
0.3
1.5
A
Error Amplifier, Fault, One−Shot, Oscillator and Soft−Start Inputs
Vin
− 1.0 to + 6.0
V
UVLO Adjust Input
Vin(UVLO)
− 1.0 to VCC
V
Power Dissipation and Thermal Characteristics
DW Suffix, Plastic Package, Case 751G
TA = 25°C
Thermal Resistance, Junction−to−Air
P Suffix, Plastic Package, Case 648
TA = 25°C
Thermal Resistance, Junction−to−Air
PD
RqJA
PD
RqJA
862
145
1.25
100
mW
°C/W
W
°C/W
Operating Junction Temperature
TJ
+ 150
°C
Operating Ambient Temperature
MC34067
MC33067, NCV33067
TA
0 to + 70
− 40 to + 85
°C
Storage Temperature
Tstg
− 55 to + 150
°C
ESD Capability, HBM Model per JEDEC JESD22−A114F
2.0
kV
ESD Capability, CDM Model per JEDEC JESD22−C101E
1.0
kV
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
NOTE: This device contains latch−up protection and exceeds 100 mA per JEDEC Standard JESD78.
ORDERING INFORMATION
Device
Package
Shipping
MC33067DWG
SOIC−16W
(Pb−Free)
47 Units / Rail
MC33067DWR2G
SOIC−16W
(Pb−Free)
1000 / Tape & Reel
NCV33067DWR2G*
SOIC−16W
(Pb−Free)
1000 / Tape & Reel
MC33067PG
PDIP−16
(Pb−Free)
25 Units / Rail
MC34067DWG
SOIC−16W
(Pb−Free)
47 Units / Rail
MC34067DWR2G
SOIC−16W
(Pb−Free)
1000 / Tape & Reel
MC34067PG
PDIP−16
(Pb−Free)
25 Units / Rail
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*NCV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP
Capable.


Số phần tương tự - MC33067

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33067 ONSEMI-MC33067 Datasheet
374Kb / 16P
   HIGH PERFORMANCE ZERO VOLTAGE SWITCH RESONANT MODE CONTROLLERS
Rev 1, 05/99
MC33067 ONSEMI-MC33067 Datasheet
535Kb / 16P
   High Performance Resonant Mode Controllers
October, 2005 ??Rev. 11
MC33067DW ONSEMI-MC33067DW Datasheet
374Kb / 16P
   HIGH PERFORMANCE ZERO VOLTAGE SWITCH RESONANT MODE CONTROLLERS
Rev 1, 05/99
MC33067DW ONSEMI-MC33067DW Datasheet
535Kb / 16P
   High Performance Resonant Mode Controllers
October, 2005 ??Rev. 11
MC33067DWG ONSEMI-MC33067DWG Datasheet
535Kb / 16P
   High Performance Resonant Mode Controllers
October, 2005 ??Rev. 11
More results

Mô tả tương tự - MC33067

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC34067 ONSEMI-MC34067_05 Datasheet
535Kb / 16P
   High Performance Resonant Mode Controllers
October, 2005 ??Rev. 11
MC34067 ONSEMI-MC34067_09 Datasheet
634Kb / 16P
   High Performance Resonant Mode Controllers
December, 2009 ??Rev. 13
logo
Motorola, Inc
MC34066 MOTOROLA-MC34066 Datasheet
171Kb / 12P
   High Performance Resonant Mode Controllers
logo
ON Semiconductor
MC34067 ONSEMI-MC34067 Datasheet
374Kb / 16P
   HIGH PERFORMANCE ZERO VOLTAGE SWITCH RESONANT MODE CONTROLLERS
Rev 1, 05/99
logo
Infineon Technologies A...
ICE2HS01G INFINEON-ICE2HS01G Datasheet
606Kb / 29P
   High Performance Resonant Mode Controller
Version 2.0, 11 May 2010
logo
ON Semiconductor
NCP1397ADR2G ONSEMI-NCP1397ADR2G Datasheet
749Kb / 27P
   High Performance Resonant Mode Controller
November, 2011 ??Rev. 4
NCP1395 ONSEMI-NCP1395 Datasheet
335Kb / 27P
   High Performance Resonant Mode Controller
March, 2006 ??Rev. 1
logo
List of Unclassifed Man...
UC1861-1868 ETC1-UC1861-1868 Datasheet
422Kb / 9P
   Resonant-Mode Power Supply Controllers
logo
Texas Instruments
UC1861 TI-UC1861 Datasheet
438Kb / 9P
[Old version datasheet]   Resonant-Mode Power Supply Controllers
UC1861 TI1-UC1861_13 Datasheet
3Mb / 14P
[Old version datasheet]   Resonant-Mode Power Supply Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com